Part Number Hot Search : 
BU806FI SS2003M BU806FI GOG96017 N74LS25 EM9765P 5KP24A MHW92
Product Description
Full Text Search
 

To Download 2SB1292 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1292
DESCRIPTION *With TO-220Fa package *Low saturation voltage *Complement to type 2SD1832 *Excellent DC current gain characteristics *Wide area of safe operation APPLICATIONS *For use in low frequency power amplifier applications,power drivers and DC-DC converters
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector Base
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-Peak TC=25 PC Collector power dissipation Ta=25 Tj Tstg Junction temperature Storage temperature 2 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE -60 -60 -5 -5 -10 30 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency Output capacitance CONDITIONS IC=-1mA , IB=0 IC=-50A , IE=0 IE=-50A , IC=0 IC=-3A ;IB=-0.3A IC=-3A ;IB=-0.3A VCB=-60V ;IE=0 VEB=-4V; IC=0 IC=-1A ; VCE=-5V IC=-0.5A ; VCE=-5V IE=0 ; VCB=-10V ,f=1MHz 100 MIN -60 -60 -5
2SB1292
SYMBOL V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE fT Cob
TYP.
MAX
UNIT V V V
-1.5 -1.5 -10 -10 320 12 150
V V A A
MHz pF
hFE Classifications E 100-200 F 160-320
2
SavantIC Semiconductor
Product Specification
Silicon Power Transistors
PACKAGE OUTLINE
2SB1292
Fig.2 Outline dimensions (unindicated tolerance:0.15 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SB1292

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X