Part Number Hot Search : 
02255 34S301K EC3SMB D15P06 20103 12DC1 166AFP 1N4099
Product Description
Full Text Search
 

To Download 2SB1274 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1274
DESCRIPTION *With TO-220F package *Complement to type 2SD1913 *High reliability. *High breakdown voltage *Low saturation voltage. *Wide area of safe operation APPLICATIONS *60V/3A low-frequency power amplifier *General power amplifier applications PINNING
PIN 1 2 3 Emitter Collector Base Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak TC=25 PC Collector dissipation 2 Tj Tstg Junction temperature Storage temperature 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE -60 -60 -6 -3 -8 20 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-base breakdown voltage Collector-emitter breakdown voltage Base-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Output capacitance CONDITIONS IC=-1mA; IE=0 IC=-5mA; RBE=? IE=-1mA; IC=0 IC=-2A ; IB=-0.2A IC=-0.5A ; VCE=-5V VCB=-40V;IE=0 VEB=-4V;IC=0 IC=-0.5A ; VCE=-5V IC=-3A ; VCE=-5V IC=-0.5A ; VCE=-5V IE=0; VCB=-10V;f=1MHz 70 20 MIN -60 -60 -6 SYMBOL V(BR)CBO V(BR)CEO V(BR)EBO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT COB
2SB1274
TYP.
MAX
UNIT V V V
-0.4 -0.8
-1.0 -1.0 -0.1 -0.1 280
V V mA mA
100 60
MHz pF
hFE-1 classifications Q 70-140 R 100-200 S 140-280
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1274
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1274
4


▲Up To Search▲   

 
Price & Availability of 2SB1274

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X