Part Number Hot Search : 
1N6281 SIHFI R71H47 SKFM1030 FPSS100B MCJ78 BPC2510 ST7FLI
Product Description
Full Text Search
 

To Download 2SB1228 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1228
DESCRIPTION *With TO-220F package *Complement to type 2SD1830 *High DC current gain. *Large current capacity and wide ASO. *Low saturation voltage. *DARLINGTON APPLICATIONS *Suitable for use in control of motor drivers, printer hammer drivers,relay drivers,and constant-voltage regulators. PINNING
PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak TC=25 PC Collector dissipation 2 Tj Tstg Junction temperature Storage temperature 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE -110 -100 -6 -8 -12 20 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-base breakdown voltage Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=-5mA; IE=0 IC=-50mA; RBE=> IC=-4A ; IB=-8mA IC=-4A ; IB=-8mA VCB=-80V;IE=0 VEB=-5V;IC=0 IC=-4A ; VCE=-3V IC=-4A ; VCE=-5V 1500 MIN -110 -100
2SB1228
SYMBOL V(BR)CBO V(BR)CEO VCEsat VBEsat ICBO IEBO hFE fT
TYP.
MAX
UNIT V V
-1.0
-1.5 -2.0 -0.1 -3.0
V V mA mA
4000 20 MHz
Switching times ton tstg tf Turn-on time Storage time Fall time IC=500IB1=-500IB2=-4A VCC=-50V ,RL=12.5D 0.7 1.4 1.5 s s s
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1228
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1228

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X