Part Number Hot Search : 
A102J SL4013B MBR101 F1030 MC33199D R1500 G1200 F8006N
Product Description
Full Text Search
 

To Download 2SB1223 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1223
DESCRIPTION *With TO-220F package *Complement to type 2SD1825 *High DC current gain. *Large current capacity and wide ASO. *DARLINGTON APPLICATIONS *Suitable for use in control of motor drivers, printer hammer drivers,and constant-voltage regulators. PINNING
PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak TC=25 PC Collector dissipation Ta=25 Tj Tstg Junction temperature Storage temperature 2 150 -55~150 CONDITIONS Open emitter Open base Open collector VALUE -70 -60 -6 -4 -6 20 W UNIT V V V A A
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-base breakdown voltage Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain Transition frequency CONDITIONS IC=-5mA; IE=0 IC=-50mA; RBE=@ IC=-2A ; IB=-4mA IC=-2A ; IB=-4mA VCB=-40V;IE=0 VEB=-5V;IC=0 IC=-2A ; VCE=-2V IC=-2A ; VCE=-5V 2000 MIN -70 -60
2SB1223
SYMBOL V(BR)CBO V(BR)CEO VCEsat VBEsat ICBO IEBO hFE fT
TYP.
MAX
UNIT V V
-1.0
-1.5 -2.0 -0.1 -3.0
V V mA mA
5000 20 MHz
Switching times ton tstg tf Turn-on time Storage time Fall time IC=500IB1=-500IB2=-2A VCC=-20V ,RL=10D 0.5 1.4 1.2 s s s
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1223
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1223

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X