Part Number Hot Search : 
TEGRA APT100 TEGRA 6KE20CA 2N2537 50MHZ 50MHZ TS79XXA
Product Description
Full Text Search
 

To Download 2SB1218 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon PNP Epitaxial Planar Type 2SB1218
Transistors IC
Features
High forward current transfer ratio hFE.
1 Emitter 2 Base 3 Collector
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Peak collector current Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC PC Tj Tstg Rating -45 -45 -7 -200 -100 150 150 -55 to +150 Unit V V V A A mW
Electrical Characteristics Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector-base cutoff current Collector-emitter cutoff current Forward current transfer ratio Collector-emitter saturation voltage Transition frequency Collector output capacitance Symbol VCBO VCEO VEBO ICBO ICEO hFE Testconditons IC = -10 iA, IE = 0 IC = -2 mA, IB = 0 IE = -10 iA, IC = 0 VCB = -20 V, IE = 0 VCE = -10 V, IB = 0 VCE = -10 V, IC = -2 mA 160 -0.3 80 2.7 Min -45 -45 -7 -0.1 -100 460 -0.5 V MHz pF Typ Max Unit V V V iA iA
VCE(sat) IC = -100 mA, IB = -10 mA fT Cob VCB = -10 V, IE = 1 mA, f = 200 MHz VCB = -10 V, IE = 0, f = 1 MHz
hFE Classification
Marking Rank hFE BQ Q 160 260 BR R 210 340 BS S 290 460 B No-rank 160 460
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SB1218

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X