Part Number Hot Search : 
M66313FP 1N4756P CD01CFW FPT100 LB1960M L2902 D6NF1 NCP4353A
Product Description
Full Text Search
 

To Download 2SB1086A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
DESCRIPTION *With TO-126 package *Complement to type 2SD1563A *Low collector saturation voltage *Large current capability APPLICATIONS *Designed for use in low frequency power amplifier applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
2SB1086A
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PD Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current -peak Total power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -160 -160 -5 -1.5 -3.0 10 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER CONDITIONS MIN
2SB1086A
SYMBOL
TYP.
MAX
UNIT
V(BR)CEO V(BR)CBO V(BR)EBO VCEsat VBEsat ICBO IEBO hFE fT COB
Collector-emitter breakdown voltage
IC=-1mA ;IB=0 IC=-50A ;IE=0 IE=-50A ;IC=0 IC=-1.0A ;IB=-0.1A IC=-1.0A ;IB=-0.1A VCB=-120V; IE=0 VEB=-4V; IC=0 IC=-0.1A ; VCE=-5V IC=-0.1A ; VCE=-5V IE=0 ; VCB=-10V;f=1MHz
-160
V
Collector-base breakdown voltage
-160
V
Emitter-base breakdown voltage
-5
V
Collector-emitter saturation voltage
-2.0
V
Base-emitter saturation voltage
-1.5
V
Collector cut-off current
-1.0
A
Emitter cut-off current
-1.0
A
DC current gain
56
270
Transition frequency
50
MHz
Output capacitance
30
pF
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1086A
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1086A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X