Part Number Hot Search : 
PC810 MT8986 1206R FB23N20D D313RW B99046 39000 1206R
Product Description
Full Text Search
 

To Download 2SB1075 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1075
DESCRIPTION *With TO-126 package *High collector-peak current *Low collector saturation voltage APPLICATIONS *For audio frequency output amplifier applications
PINNING PIN 1 2 3 DESCRIPTION Emitter Collector;connected to mounting base Base
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PD Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-Peak Total power dissipation Junction temperature Storage temperature Ta=25 Open emitter Open base Open collector CONDITIONS VALUE -50 -40 -5 -2 -4 1.2 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Transition frequency Collector output capacitance CONDITIONS IC=-2mA ;IB=0 IC=-1mA ;IE=0 IC=-3.0A; IB=-0.3A* IC=-2.0A ;IB=-0.2A* VCB=-50V; IE=0 VCE=-10V; IE=0 VEB=-5V; IC=0 IC=-1A ; VCE=-5V*
2 2
2SB1075
SYMBOL V(BR)CEO V(BR)CBO VCEsat VBEsat ICBO ICEO IEBO hFE fT COB
MIN -40 -50
TYP.
MAX
UNIT V V
-1.0 -1.5 -1 -100 -10 50 220 150 40
V V A A A
2
IC=-0.5A ; VCE=-5V*
2
MHz pF
IE=0; f=1MHz ; VCB=-20V
Note: * pulse test
2
hFE Classifications P 50-100 Q 80-160 R 120-220
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SB1075
Fig.2 Outline dimensions
3


▲Up To Search▲   

 
Price & Availability of 2SB1075

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X