Part Number Hot Search : 
TDA4480C 2005B 1212D AN8816 PS256 MB8848 TA0230A SL431AM
Product Description
Full Text Search
 

To Download 2SA963 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA963
DESCRIPTION *With TO-126 package *Complement to type 2SC2209 *High collector power dissipation APPLICATIONS *For low-frequency power amplification
PINNING PIN 1 2 3 Emitter Collector;connected to mounting base Base DESCRIPTION
Absolute Maximun Ratings (Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current (DC) Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -50 -40 -5 -1.5 -3 10 150 -55~150 UNIT V V V A A W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain Output capacitance Transition frequency CONDITIONS IC=-2mA;IB=0 IC=-1mA ;IE=0 IC=-1.5A ;IB=-150mA IC=-2A ;IB=-0.2A VCB=-20V; IE=0 VCE=-10V; IB=0 VEB=-5V; IC=0 IC=-1A ; VCE=-5V IE=0 ; VCB=-5V;f=1MHz IE=0.5A ; VCB=-5V,f=200MHz 80 70 150 MIN -40 -50
2SA963
SYMBOL V(BR)CEO V(BR)CBO VCEsat VBEsat ICBO ICEO IEBO hFE COB fT
TYP.
MAX
UNIT V V
-1.0 -1.5 -1 -100 -10 220
V V A A A
pF MHz
hFE Classifications Q 80-160 R 120-220
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA963
Fig.2 Outline dimensions
3
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA963
4


▲Up To Search▲   

 
Price & Availability of 2SA963

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X