|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SavantIC Semiconductor Product Specification Silicon PNP Power Transistors 2SA1804 DESCRIPTION *With TO-3PFM package *Complement to type 2SC4689 APPLICATIONS *Power amplifier applications *Recommend for 55W high fidelity audio frequency amplifier output stage PINNING(See Fig.2) PIN 1 2 3 Base Collector Fig.1 simplified outline (TO-3PFM) and symbol Emitter DESCRIPTION Absolute maximum ratings(Tc=25 ) SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -120 -120 -5 -8 -16 -0.8 70 150 -55~150 UNIT V V V A A A W SavantIC Semiconductor Product Specification Silicon PNP Power Transistors CHARACTERISTICS Tj=25 unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-emitter saturation voltage Base-emitter voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency Output capacitance CONDITIONS IC=-50mA; IB=0 IC=-6A;IB=-0.6 A IC=-4A ; VCE=-5V VCB=-120V IE=0 MIN -120 2SA1804 SYMBOL V(BR)CEO VCEsat VBE ICBO IEBO hFE-1 hFE-2 fT COB TYP. MAX UNIT V -2.0 -1.5 -5 -5 55 35 30 420 160 V V A A VEB=-5V; IC=0 IC=-1A ; VCE=-5V IC=-4A ; VCE=-5V IC=-1A ; VCE=-5V IE=0; VCB=10V;f=1MHz MHz pF hFE classifications R 55-110 O 80-160 2 SavantIC Semiconductor Product Specification Silicon PNP Power Transistors PACKAGE OUTLINE 2SA1804 Fig.2 Outline dimensions 3 SavantIC Semiconductor Product Specification Silicon PNP Power Transistors 2SA1804 4 SavantIC Semiconductor Product Specification Silicon PNP Power Transistors 2SA1804 5 |
Price & Availability of 2SA1804 |