Part Number Hot Search : 
FM4001 GNT400 10D471 DTC114Y AD100 8069X 1N485 LT1137CN
Product Description
Full Text Search
 

To Download 2SA1804 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1804
DESCRIPTION *With TO-3PML package *Complement to type 2SC4689 APPLICATIONS *Power amplifier applications *Recommend for 55W high fidelity audio frequency amplifier output stage PINNING
PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-3PML) and symbol DESCRIPTION
*
Absolute maximum ratings(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM IB
B
PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Collector power dissipation Junction temperature Storage temperature TC=25
CONDITIONS Open emitter Open base Open collector
VALUE -120 -120 -5 -8 -16 -0.8 70 150 -55~150
UNIT V V V A A A W
PC Tj Tstg
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP.
2SA1804
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-50mA; IB=0
-120
V
VCE(sat) VBE
Collector-emitter saturation voltage
IC=-6A;IB=-0.6 A IC=-4A ; VCE=-5V
-2.0
V
Base-emitter voltage
-1.5
V A A
ICBO
Collector cut-off current
VCB=-120V; IE=0
-5
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-5
hFE-1
DC current gain
IC=-1A ; VCE=-5V
55
160
hFE-2
DC current gain
IC=-4A ; VCE=-5V
35
fT COB
Transition frequency
IC=-1A ; VCE=-5V IE=0; VCB=10V;f=1MHz
30
MHz
Output capacitance
420
pF
hFE classifications R 55-110 O 80-160
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA1804
Fig.2 Outline dimensions (unindicated tolerance:0.1mm)
3
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1804
4
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA1804
5


▲Up To Search▲   

 
Price & Availability of 2SA1804

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X