Part Number Hot Search : 
L1027 10030 T350002 100CA L1027 L1027 L1027 L1027
Product Description
Full Text Search
 

To Download 2SA1700 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
TO-251 Plastic-Encapsulated Transistors
2SA1700
FEATURES Power dissipation PCM :1 W (Tamb=25) TRANSISTOR (NPN) TO-251
1. BASE 2. COLLECTOR 3. EMITTER
Collector current : -200 mA ICM Collector-base voltage V V(BR)CBO : -400 Operating and storage junction temperature range TJ, Tstg: -55 to +150
1
2
3
ELECTRICAL CHARACTERISTICS (Tamb=25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current DC current gain Collector-emitter saturation voltage Base-emitter saturation voltage Transition frequency Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO hFE(1) VCE(sat) VBE(sat)
unless otherwise specified)
Test conditions MIN TYP MAX UNIT V V V
Ic=-10A, IE=0 Ic=-1mA, IB=0 IE=-10A, IC=0 VCB=-300V, IE=0 VEB=-4V, IC=0 VCE=-10V, IC=-50mA IC=-50mA, IB=-5mA IC=-50mA, IB=-5mA VCE=-30V, IC=-10mA
-400 -400 -5 -0.1 -0.1 60 200 -0.6 -1 70
A A
V V MHz
fT
CLASSIFICATION OF hFE(1) Rank Range D 60-120 E 100-200


▲Up To Search▲   

 
Price & Availability of 2SA1700

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X