Part Number Hot Search : 
M68SD HCF4538 625ETT DTC123Y LG12864 ENC680D AN6884 L6925D04
Product Description
Full Text Search
 

To Download 2N7002W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Elektronische Bauelemente
115 mAMPS, 60VOLTS, RDS(on)=7.5 Small Signal MOSFET
RoHS Compliant Product
2N7002W
A suffix of "-C" specifies halogen & lead-free
N-Channel SOT-323
MAXIMUM RATINGS
Rating Drain-Source Voltage Drain-Gate Voltage (RGS = 1.0 M) Drain Current - Continuous TC = 25C (Note 1.) - Continuous TC = 100C (Note 1.) - Pulsed (Note 2.) Gate-Source Voltage - Continuous - Non-repetitive (tp 50 s) Symbol VDSS VDGR ID ID IDM Value 60 60 115 75 800 Unit Vdc Vdc mAdc N-Channel
VGS VGSM
20 40
Vdc Vpk
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR-5 Board (Note 3.) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Total Device Dissipation Alumina Substrate,(Note 4.) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 225 1.8 556 300 2.4 RJA TJ, Tstg 417 -55 to +150 C/W C Unit mW mW/C C/W mW mW/C
3
1 2
2
RJA PD
SOT-323
MARKING DIAGRAM & PIN ASSIGNMENT
Drain
3
1. The Power Dissipation of the package may result in a lower continuous drain current. 2. Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%. 3. FR-5 = 1.0 x 0.75 x 0.062 in. 4. Alumina = 0.4 x 0.3 x 0.025 in 99.5% alumina.
1
2
Gate
Source
SOT-323 Dim A B C D G H J K L S V Min 1.800
1.150
K72 , 702 = Device Code
Max 2.200 1.350 1.000 0.400 1.400 0.100 0.250 0.500 0.720 2.400 0.420
D H K J C V
1 3 2
A L
0.800 0.300 1.200 0.000 0.100 0.350 0.590 2.000 0.280
BS
G
All Dimension in mm
http://www.SeCoSGmbH.com Any changing of specification will not be informed individual
01-Jun-2005 Rev. A
Page 1 of 3
Elektronische Bauelemente
115 mAMPS, 60VOLTS, RDS(on)=7.5 Small Signal MOSFET
2N7002W
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage (VGS = 0, ID = 10 Adc) Zero Gate Voltage Drain Current (VGS = 0, VDS = 60 Vdc) Gate-Body Leakage Current, Forward (VGS = 20 Vdc) Gate-Body Leakage Current, Reverse (VGS = -20 Vdc) TJ = 25C TJ = 125C V(BR)DSS IDSS IGSSF IGSSR 60 - - - - - - - - - - 1.0 500 100 -100 Vdc Adc nAdc nAdc
ON CHARACTERISTICS (Note 2.)
Gate Threshold Voltage (VDS = VGS, ID = 250 Adc) On-State Drain Current (VDS 2.0 VDS(on), VGS = 10 Vdc) Static Drain-Source On-State Voltage (VGS = 10 Vdc, ID = 500 mAdc) (VGS = 5.0 Vdc, ID = 50 mAdc) Static Drain-Source On-State Resistance (VGS = 10 V, ID = 500 mAdc) TC = 25C TC = 125C (VGS = 5.0 Vdc, ID = 50 mAdc) TC = 25C TC = 125C Forward Transconductance (VDS 2.0 VDS(on), ID = 200 mAdc) VGS(th) ID(on) VDS(on) - - rDS(on) - - - - gFS 80 - - - - - 7.5 13.5 7.5 13.5 - mmhos - - 3.75 0.375 Ohms 1.0 500 - - 2.5 - Vdc mA Vdc
DYNAMIC CHARACTERISTICS
Input Capacitance (VDS = 25 Vdc, VGS = 0, f = 1.0 MHz) Output Capacitance (VDS = 25 Vdc, VGS = 0, f = 1.0 MHz) Reverse Transfer Capacitance (VDS = 25 Vdc, VGS = 0, f = 1.0 MHz) Ciss Coss Crss - - - - - - 50 25 5.0 pF pF pF
SWITCHING CHARACTERISTICS (Note 2.)
Turn-On Delay Time Turn-Off Delay Time (VDD = 25 Vdc, ID ^ 500 mAdc, RG = 25 , RL = 50 , Vgen = 10 V) td(on) td(off) - - - - 20 40 ns ns
BODY-DRAIN DIODE RATINGS
Diode Forward On-Voltage (IS = 11.5 mAdc, VGS = 0 V) Source Current Continuous (Body Diode) Source Current Pulsed 2. Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%. VSD IS ISM - - - - - - -1.5 -115 -800 Vdc mAdc mAdc
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2005 Rev. A
Page 2 of 3
2N7002W
Elektronische Bauelemente
115 mAMPS, 60VOLTS, RDS(on)=7.5 Small Signal MOSFET
TYPICAL ELECTRICAL CHARACTERISTICS
2.0 1.8 I D, DRAIN CURRENT (AMPS) 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 VDS, DRAIN SOURCE VOLTAGE (VOLTS) TA = 25C I D, DRAIN CURRENT (AMPS) VGS = 10 V 9V 8V 7V 6V 5V 4V 3V 9.0 10 0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 VGS, GATE SOURCE VOLTAGE (VOLTS) 9.0 10 0.8 0.6 0.4 0.2 1.0 VDS = 10 V -55C 125C 25C
Figure 1. Ohmic Region
Figure 2. Transfer Characteristics
r DS(on) , STATIC DRAIN-SOURCE ON-RESISTANCE (NORMALIZED)
VGS(th) , THRESHOLD VOLTAGE (NORMALIZED)
2.4 2.2 2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -60 -20 +20 +60 T, TEMPERATURE (C) +100 +140 VGS = 10 V ID = 200 mA
1.2 1.05 1.1 1.10 1.0 0.95 0.9 0.85 0.8 0.75 0.7 -60 -20 +20 +60 T, TEMPERATURE (C) +100 +140 VDS = VGS ID = 1.0 mA
Figure 3. Temperature versus Static Drain-Source On-Resistance
Figure 4. Temperature versus Gate Threshold Voltage
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2005 Rev. A
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of 2N7002W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X