Part Number Hot Search : 
96NQ03LT SDH20F BUL64 BZX79C22 5S72A KBP208 FZT491A AT82NGSZ
Product Description
Full Text Search
 

To Download 2N7002T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2N7002T
Elektronische Bauelemente
115 mAMPS, 60VOLTS, RDS(on)=7.5 W Small Signal MOSFET
RoHS Compliant Product
Small Signal MOSFET 115 mAmps, 60 Volts
N-Channel SOT-523
MAXIMUM RATINGS
Rating Drain-Source Voltage Drain-Gate Voltage (RGS = 1.0 M) Gate-Source Voltage - Continuous - Non-repetitive (tp 50 s) Symbol VDSS VDGR VGS VGSM Value 60 60 20 40 Unit Vdc Vdc Vdc Vpk 1 N-Channel 3
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation FR-5 Board (Note 3.) TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient Junction and Storage Temperature Symbol PD Max 150 1.8 833 -55 to +150 Unit mW mW/C C/W C
2
3
1 2
2
RJA TJ, Tstg
SOT-523
MARKING DIAGRAM & PIN ASSIGNMENT
Drain 1. The Power Dissipation of the package may result in a lower continuous drain current. 2. Pulse Test: Pulse Width 300 s, Duty Cycle 2.0%. 3. FR-5 = 1.0 x 0.75 x 0.062 in. 4. Alumina = 0.4 x 0.3 x 0.025 in 99.5% alumina.
1 3
72
2
Gate
Source
SOT-523 Dim A B C D G H J K L S V Min 1.500
0.750
72 = Device Code
Max 1.700 0.850 0.900 0.300 1.100 0.100 0.200 0.300 0.600 1.750 0.350
D H K J C V
1 3 2
A L
0.600 0.150 0.900 0.000 0.100 0.100 0.400 1.450 0.250
BS
G
All Dimension in mm
http://www.SeCoSGmbH.com Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 1 of 3
2N7002T
Elektronische Bauelemente
115 mAMPS, 60VOLTS, RDS(on)=7.5 W Small Signal MOSFET
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage (VGS = 0, ID = 10 Adc) Zero Gate Voltage Drain Current (VGS = 0, VDS = 60 Vdc) Gate-Body Leakage Current, Forward (VGS = 20 Vdc) Gate-Body Leakage Current, Reverse (VGS = -20 Vdc) TJ = 25C TJ = 125C V(BR)DSS IDSS IGSSF IGSSR 60 - - - - - - - - - - 1.0 500 10 -10 Vdc Adc nAdc nAdc
ON CHARACTERISTICS (Note 2.)
Gate Threshold Voltage (VDS = VGS, ID = 250 Adc) On-State Drain Current (VDS 2.0 VDS(on), VGS = 10 Vdc) Static Drain-Source On-State Resistance (VGS = 10 V, ID = 500 mAdc) TC = 25C (VGS = 5.0 Vdc, ID = 50 mAdc) TC = 25C Forward Transconductance (VDS = 10 V, ID = 200 mAdc) VGS(th) ID(on) 1.0 0.5 - 1 2.0 - Vdc A Ohms 13.5 7.5 - ms
R DS(on) gFS
- - 80
- - -
DYNAMIC CHARACTERISTICS
Input Capacitance (VDS = 25 Vdc, VGS = 0, f = 1.0 MHz) Output Capacitance (VDS = 25 Vdc, VGS = 0, f = 1.0 MHz) Reverse Transfer Capacitance (VDS = 25 Vdc, VGS = 0, f = 1.0 MHz) Ciss Coss Crss - - - - - - 50 25 5.0 pF pF pF
SWITCHING CHARACTERISTICS (Note 2.)
Turn-On Delay Time Turn-Off Delay Time (VDD = 30 Vdc, ID ^ 200 mAdc, 25 500 RG = 25 , RL = 150 , Vgen = 10 V) td(on) td(off) - - - - 20 20 ns ns
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 2 of 3
2N7002T
Elektronische Bauelemente
115 mAMPS, 60VOLTS, RDS(on)=7.5 W Small Signal MOSFET
TYPICAL ELECTRICAL CHARACTERISTICS
1 VGS = 5V 0.9 ID, DRAIN-SOURCE CURRENT (A) 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1
VGS = 5, 6, 7, 10V
VGS = 10,7,6V
VGS = 4V
2.2
RDS(ON), NORMALIZED DRAIN-SOURCE ON-RESISTANCE
VGS = 3V
1.8
1.4
VGS = 4V
VGS = 3V
1
0 0 1 2 3 4 5
0.6 0 0.2 0.4 0.6 0.8 1.0
VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 1 On-Region Characteristics
ID, DRAIN-SOURCE CURRENT (A) Fig. 2 On-Resistance Variation with Gate Voltage and Drain-Source Current
1.2
VGS(th), NORMALIZED THRESHOLD VOLTAGE
2.2
RDS(ON), NORMALIZED ON-RESISTANCE
2 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4
1.1
VGS = 10V ID = 500mA
1
0.9
0.8
0.7 -50 -25 0 25 50 75 100 125 150
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (C) Fig. 3 Gate Threshold Variation with Temperature
TJ, JUNCTION TEMPERATURE (C) Fig. 4 On-Resistance Variation with Temperature
60
5.0 4.5
50
4.0
C, CAPACITANCE (pF)
40
3.5 3.0
30
2.5 2.0
ID = 50mA
20
Ciss
1.5
Coss 10
1.0 0.5
Crss 0 0 5 10 15 20 25 VDS, DRAIN-SOURCE VOLTAGE (V) Fig. 5 Typical Capacitance
0.0 0 2 4 6 8 10
VGS, GATE-SOURCE VOLTAGE (V) Fig. 6 On-Resistance vs. Gate-Source Voltage
http://www.SeCoSGmbH.com
Any changing of specification will not be informed individual
01-Jun-2002 Rev. A
Page 3 of 3


▲Up To Search▲   

 
Price & Availability of 2N7002T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X