|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SavantIC Semiconductor Product Specification Silicon PNP Power Transistors 2N3740 2N3741 * DESCRIPTION With TO-66 package *Excellent safe area limits *Low collector saturation voltage APPLICATIONS *Suitable for use in as drivers,switches and medium-power amplifier and applications PINNING (See Fig.2) PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-66) and symbol DESCRIPTION ABSOLUTE MAXIMUM RATINGS(Ta=25 ) SYMBOL VCBO PARAMETER Collector-base voltage 2N3740 2N3741 Collector-emitter voltage Emitter-base voltage Collector current Collector current-Peak Base current Total power dissipation Junction temperature Storage temperature TC=25 2N3740 2N3741 Open collector Open base CONDITIONS Open emitter VALUE -60 -80 -60 -80 -7 -4 -10 -2 25 150 -65~200 V A A mA W V UNIT V VCEO VEBO IC ICM IB PT Tj Tstg THERMAL CHARACTERISTICS SYMBOL R(th) jc PARAMETER Thermal resistance from junction to case MAX 7.0 UNIT /W SavantIC Semiconductor Product Specification Silicon PNP Power Transistors CHARACTERISTICS Tj=25 unless otherwise specified PARAMETER 2N3740 IC=-100mA ; IB=0 2N3741 IC=-1A ;IB=-125mA IC=-0.25A ; VCE=-1V 2N3740 2N3741 2N3740 2N3741 2N3740 2N3741 VCE=-60V;VBE(off)=-1.5V VCE=-40V;VBE(off)=-1.5V;TC=150 VCE=80V;VBE(off)=1.5V VCE=60V;VBE(off)=1.5V;TC=150 VCE=-40V; IB=0 CONDITIONS 2N3740 2N3741 SYMBOL MIN -60 TYP. MAX UNIT V(BR)CEO Collector-emitter breakdown voltage V -80 -0.6 -1.0 -0.1 -1.0 -0.1 -1.0 V V VCE(sat) VBE(on) Collector-emitter saturation voltage Base -emitter on voltage ICEX Collector cut-off current mA ICEO Collector cut-off current -1.0 VCE=-60V; IB=0 VCB=-60V; IE=0 -0.1 VCB=-80V; IE=0 VEB=-7V; IC=0 IC=-0.1A ; VCE=-1V IC=-0.25A ; VCE=-1V IC=-0.5A ; VCE=-1V IC=-1A ; VCE=-1V IC=-0.1A ; VCE=-10V;f=1.0MHz IE=0 ; VCB=-10V;f=100kHz 40 30 20 10 3.0 100 100 -0.5 mA ICBO Collector cut-off current mA IEBO hFE-1 hFE-2 hFE-3 hFE-4 fT COB Emitter cut-off current DC current gain DC current gain DC current gain DC current gain Transition frequency Output capacitance mA MHz pF 2 SavantIC Semiconductor Product Specification Silicon PNP Power Transistors PACKAGE OUTLINE 2N3740 2N3741 Fig.2 Outline dimensions 3 |
Price & Availability of 2N3740 |