Part Number Hot Search : 
AA1716 AT49L 330MD 6N138 Z1051 XG02L01 05SH3 CL7107
Product Description
Full Text Search
 

To Download 224MSR100K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MSR
* Bypass * Coupling
Operating Temperature Range Capacitance Tolerance Rated Voltage VDC VAC
Epoxy Dipped Radial Lead Metallized Polyester Film Capacitors
* Filtering * Blocking
-55C to +125C 10% at 1kHz, 20C 100
63
250
150
400
200
630
220
1000
250
For T> +85C the applied voltage must be decreased by 1.25% per C
Dissipation Factor (max) at 20C
Freq. (kHz) 1 10 WVDC
100 100 100 >100
Capacitance
0.33 F >0.33 F 0.33 F >0.33 F
1.0% 1.5% Insulation Resistance
15,000 M 30,000 M 5000 M x F 10,000 M x F 5% change from initial value. 0.005 at 1kHz and 25C 50%of mimimum specification
Insulation Resistance @20C(<70% RH) for 1 minute at 100VDC
2,000 hours at 125% of rated VDC and at 85C Capacitance Change
Load Life Test
Dissipation Factor Insulation Resistance
1000 hours at +40C2C with 93% 2%relative humidity Capacitance Change
Damp Heat Test
Dissipation Factor Insulation Resistance
5% change from initial value. 0.005 at 1kHz and 25C 50%of minimum specification
Film Capacitors
Self-inductance Capacitance Drift Factor Temperature Coefficient Dielectric Electrodes Construction Leads Coating
1 nH/mm along the capacitor pitch and lead wire length. 1.0% up to 40C after 2 years +400 ppm/C, 200ppm/C Polyester Vacuum deposited metal layers Extended metallized carrier film
Tinned copper wire Flame retardant epoxy sealed resin (UL 94V-O)
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
159
MSR
Epoxy Dipped Radial Lead Metallized Polyester Capacitors
PHYSICAL DIMENSIONS
WVDC (VAC) F 0.01 0.015 0.022 0.033 0.047 0.068 0.10 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10.0
100 (63)
250 (160)
400 (200) 10x9x5
630 (220) 12.5x10x5 12.5x10.5x6 12.5x12x7 17.5x11.5x6.5 17.5x12.5x7.5 17.5x14x8 17.5x15.5x10 22.5x16.5x9 22.5x19x11 30x18.5x11 30x22x12.5 33x24.5x14
1000 (250) 14x11.5x8 14x11.5x8 19x12.5x8.5 19.5x14x9.5 27x14x9 27x15x10 27x16.5x11.5
10x9x5 10x9x5 10x9.5x5.5 10x8.5x5 10x8x4.5 12.5x8.5x5.5 12.5x9x5 12.5x10x5.5 17.5x10x5.5 17.5x11x6.5 17.5x12.5x7.5 18x14x8 22.5x14.5x8.5 22.5x16.5x10.5 22.5x21x11.5 30x20.5x11 30x22.5x12.5 32x28x17 12.5x9x5 12.5x10x5 12.5x11x6 13x13x7 17.5x11x6.5 17.5x12.5x7 22.5x12.5x7.5 22.5x14.5x8.5 22.5x17x9.5 30x18x9.5 30x21.5x11.5
10x9.5x5.5 12.5x9x5 12.5x10.5x5.5 12.5x11x6.5 17.5x10x5.5 17.5x11.5x6.5 17.5x12.5x7.5 22.5x14.5x7.5 22.5x16x9 22.5x19.5x10 30x18x10 30x20.5x12
32.5x22.5x14.5 32.5x25.5x16 32.5x26.5x18.5
Convert to inches, divide by 25.4
LxHxT (mm)
L max
T max
H max
G max
15.0 min. S1.5 d
L S d G
10 7.5 0.6 1.0
10 < L 14 14 < L 17.5 17.5 < L 19 19 < L 22.5 22.5 < L < 30 10 0.6 1.0 15 0.6 1.0 15 0.8 1.0 20 0.8 2.0 22.5 0.8 2.0
L 30 27.5 0.8 2.0
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
160
MSR
Epoxy Dipped Radial Lead Metallized Polyester Capacitors
STANDARD PART LISTING
Capacitance (F) 0.01 0.01 0.01 0.015 0.015 0.015 0.015 0.022 0.022 0.022 0.022 0.033 0.033 0.033 0.033 0.047 0.047 0.047 0.047 0.047 0.068 0.068 0.068 0.068 0.068 0.10 0.10 0.10 0.10 0.10 0.15 0.15
WVDC
PART NUMBER 103MSR400K 103MSR630K 103MSR102K 153MSR250K 153MSR400K 153MSR630K 153MSR102K 223MSR250K 223MSR400K 223MSR630K 223MSR102K 333MSR250K 333MSR400K 333MSR630K 333MSR102K 473MSR100K 473MSR250K 473MSR400K 473MSR630K 473MSR102K 683MSR100K 683MSR250K 683MSR400K 683MSR630K 683MSR102K 104MSR100K 104MSR250K 104MSR400K 104MSR630K 104MSR102K 154MSR100K 154MSR250K
dv/dt (v/ sec.)
Dimensions LxHxT (mm) 10x9x5 12.5x10x5 14x11.5x7 10x9x5 10x9.5x5.5 12.5x10.5x6 14x11.5x8 10x9x5 12.5x9x5 12.5x12x7 19x12.5x8.5 10x9.5x5.5 12.5x10.5x5.5 17.5x11.5x6.5 19.5x14x9.5 10x8.5x5 12.5x9x5 12.5x11x6.5 17.5x12.5x7.5 27x14x9 10x8x4.5 12.5x10x5 17.5x10x5.5 17.5x14x8 27x15x10 12.5x8.5x5.5 12.5x11x6 17.5x11.5x6.5 17.5x15.5x10 27x16.5x11.5 12.5x9x5 13x13x7
Capacitance (F)
WVDC
PART NUMBER 154MSR400K 154MSR630K 224MSR100K 224MSR250K 224MSR400K 224MSR630K 224MSR102K 334MSR100K 334MSR250K 334MSR400K 334MSR630K 334MSR102K 474MSR100K 474MSR250K 474MSR400K 474MSR630K 474MSR102K 684MSR100K 684MSR250K 684MSR400K 684MSR630K 105MSR100K 105MSR250K 105MSR400K
dv/dt (v/ sec.)
Dimensions LxHxT (mm) 17.5x12.5x7.5 22.5x16.5x9 12.5x10x5.5 17.5x11x6.5 22.5x14.5x7.5 22.5x19x11 32.5x22.5x14.5 17.5x10x5.5 17.5x12.5x7 22.5x16x9 30x18.5x11 32.5x25.5x16 17.5x11x6.5 22.5x12.5x7.5 22.5x19.5x10 30x22x12.5 32.5x26.5x18.5 17.5x12.5x7.5 22.5x14.5x8.5 30x18x10 33x24.5x14 18x14x8 22.5x17x9.5
400 630 1000 250 400 630 1000 250 400 630 1000 250 400 630 1000 100 250 400 630 1000 100 250 400 630 1000 100 250 400 630 1000 100 250
160 200 80 110 160 200 80 110 160 200 40 110 160 90 40 35 110 160 90 33 35 110 160 90 33 30 110 65 90 33 30 110
0.15 0.15 0.22 0.22 0.22 0.22 0.22 0.33 0.33 0.33 0.33 0.33 0.47 0.47 0.47 0.47 0.47 0.68 0.68 0.68 0.68 1.0 1.0 1.0 1.5 1.5 2.2 2.2 3.3 4.7 6.8 10.0
400 630 100 250 400 630 1000 100 250 400 630 1000 100 250 400 630 1000 100 250 400 630 100 250 400 100 250 100 250 100 100 100 100
65 35 30 45 30 35 20 20 45 30 30 20 20 20 30 30 20 20 20 25 30 20 20 25 10 15 10 15 10 5 5 5
Film Capacitors
30x20.5x12 22.5x14.5x8.5 30x18x9.5 22.5x16.5x10.5 30x21.5x11.5 22.5x21x11.5 30x20.5x11 30x22.5x12.5 32x28x17
155MSR100K
155MSR250K 225MSR100K 225MSR250K 335MSR100K 475MSR100K 685MSR100K 106MSR100K
NOTE: WVDC: = MAXIMUM RATED WORKING VOLTAGE @ +85C.
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
161


▲Up To Search▲   

 
Price & Availability of 224MSR100K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X