Part Number Hot Search : 
H78L08AM 89E515AE 182K00 001444 AP9924GO GBPC15 BGA43 1N663
Product Description
Full Text Search
 

To Download 1N5394G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
1N5391G THRU 1N5399G
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 1.5 Ampere
Glass passivated chip junction Low forward voltage drop Low reverse leakage High forward surge current capability High temperature soldering guaranteed 260/10 secods,0.375"(9.5mm)lead length at 5 lbs(2.3kg) tension
DO-15
1.0(25.4) MIN. .034(0.9) .028(0.7) DIA.
MECHANICAL DATA
* * * * * *
.300(7.6) .230(5.8) .140(3.6) .104(2.6) 1.0(25.4) MIN. DIA.
Case: Transfer molded plastic Epoxy: UL94V-0 rate flame retardant Polarity: Color band denotes cathode end Lead: Plated axial lead, solderable per MIL-STD-202E method 208C Mounting position: Any Weight: 0.012ounce, 0.39 grams
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% 1N 1N 1N 1N 1N 1N 1N 1N 1N SYMBOLS UNIT 5391G 5392G 5393G 5394G 5395G 5396G 5397G 5398G 5399G Maximum Repetitive Peak Reverse Voltage 300 400 500 600 800 1000 Volts VRRM 50 100 200 Maximum RMS Voltage VRMS 35 70 140 210 280 350 420 560 700 Volts Maximum DC Blocking Voltage VDC 50 100 200 300 400 500 600 800 1000 Volts
Maximum Average Forward Rectified Current 0.375"(9.5mm) lead length at T A=75 Peak Forward Surge Current 8.3mS single half sine wave superimposed on rated load (JEDEC method) Maximum Instantaneous Forward Voltage at 1.5A Maximum DC Reverse Current at rated DC blocking Voltage at TA = 25 TA = 125 * * *
I(AV) IFSM VF IR IR(AV) CJ RJA TJ TSTG
1.5 50 1.1 5.0 50 30 20 50 (-55 to +150) (-55 to +150)
Amps Amps Volts A A pF
/W
Maximum Full Load Reverse Current, full cycle Average 0.375(9.5mm) lead length at TL=75 Typical Junction Capacitance (NOTE 1) Typical Thermal Resistance (NOTE 2) Operating Temperature Range Storage Temperature Range
Notes: 1.Measured at 1.0MHz and applied reverse voltage of 4.0 Volits. 2. Thermal Resistance from Junction to Ambient at. 375"(9.5mm)lead length, P.C. board mounted.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
1N5391G THRU 1N5399G
VOLTAGE RANGE CURRENT
50 to 1000 Volts 1.5 Ampere
RATING AND CHRACTERISTIC CURVES IN5391G THRU IN5399G
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
1.5
FIG.2-MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
70
AVERAGE FORWARD CURRENT, (A)
PEAK FORWARD SURGE
60
1.0
CURRENT, (A)
8.3ms Single Half Sine-Wave (JEDEC Method) T= Tjmax 40
0.5
Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375(9.5mm) Lead Length
20
0 0 25 50 75 100 125 150 175 0 1 2 4 6 8 10 20 40 60 100 1 Cycle
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
10
FIG.4-TYPICAL REVERSE CHARACTERISTICS
20 10
INSTANTANEOUS FORWARD CURRENT,
1.0
INSTANTANEOUS REVERSE CURRENT, (A)
TJ =125 C
1.0
TJ =25 C Pulse Width=300us 1% Duty Cycle
0.1
(A)
0.1 TJ =25 C
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
INSTANTANEOUS FORWARD VOLTAGE,(V)
0.01 0 20 40 60 80 100 120 140
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.5-TYPICAL JUNCTION CAPACITANCE
100
CAPACITANCE,(pF)
10
T J =25 C f=1MHz Vsig=50mVp-p
1 0.1 1.0 10 100
REVERSE VOLTAGE,(V)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of 1N5394G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X