Part Number Hot Search : 
SA30A 12ACZ HZS20 5STRR 17400 B9321 AOK22N50 STM1815T
Product Description
Full Text Search
 

To Download 157LMX250M2BC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LMX
FEATURES
+105C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
I Long life (20+ years @ 20C) I High ripple current ratings I Multiple cases sizes SPECIFICATIONS
I 2, 3 and 4 leads available I Lead free leads I PC board mountable
Aluminum Electrolytic
Capacitance Tolerance Operating Temperature Range Surge Voltage Dissipation Factor 120Hz, 20C Leakage Current WVDC Impedance Ratio at low Temperature -25C/20C 120Hz
200
4
20% at 120Hz, 20C -25C to +105C
200
250
WVDC SVDC WVDC tan Time
250
300
400
450
450
500
200
.15
250
.15
400
.15
450
.15
5 minutes
.02CV or 3000A, whichever is less
250
4
400
6
450
6
5,000 hours at 105C with rated WVDC and ripple current
Load Life
Capacitance change Dissipation factor Leakage current
20% of initial measured value 175% of initial specified value 100% Initial specified value
1,000 hours at 105C with rated WVDC and ripple current
Shelf life
Capacitance change Dissipation factor Leakage current
20% of initial measured value 175% of initial specified value The Initial specified value
Ripple Current Multipliers
Frequency (Hz)
50 .8 120 1.0 400 1.1 1k 1.3 10k 1.4 105 1.0
Temperature (C)
85 1.8 70 2.0 60 2.2 45 2.5
SPECIAL ORDER OPTIONS
* *
3 and 4 leaded terminations Special tolerances: 10%(K), -10% + 30%(Q)
(See pages 33 thru 37)
* *
Epoxy end sealed Mylar sleeve
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
135
LMX
+ 105C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
PHYSICAL DIMENSIONS
WVDC (SV) F WVDC (SV) F
200 (250)
250 (300)
400 (450)
450 (500)
200 (250)
250 (300)
400 (450)
450 (500)
47 56 68 22x25
22x25 22x25 22x30 22x30 22x35 25x25 22x30 22x35 25x25 25x30 22x35 22x40 25x30 25x35 30x25 22x40 22x50 25x35 25x40 30x25 30x30 35x25 22x50 25x40 25x45 30x30 30x35 35x30 25x45 30x35 30x40 35x30
330
22x30 22x35 25x25 25x30 22x35 25x30 25x35 30x25
22x35 22x40 25x30 25x35 30x25
30x40 30x50 35x35 35x40
30x50 35x40 35x45
390
82
22x25 22x30
22x40 22x45 30x45 25x35 35x35 25x40 35x45 30x30 30x35 22x50 35x40 25x40 35x50 25x45 30x30 30x35 35x25 25x45 35x45 30x35 30x40 35x30
35x45
100
22x30 22x35 25x25 25x30 22x35 22x40 25x30 25x35 30x25
470
120
22x40 22x45 25x30 25x35 30x25 30x30 22x45 22x50 25x35 25x40 30x30 30x35 25x40 25x50 30x30 30x35 35x25
560
150
22x25 22x40 22x45 25x30 25x40 30x25 30x30 22x25 22x45 22x30 22x50 25x25 25x35 25x40 30x30 30x35 35x25 22x25 22x30 22x50 22x35 25x40 25x30 25x50 30x30 30x35 35x30 22x30 22x30 25x45 25x25 22x35 30x35 25x25 30x45 25x30 35x30 35x35
680
25x50 30x40 30x45 35x30
820
180
25x45 30x45 30x35 30x50 30x40 35x35 35x30 30x40 30x55 30x45 35x40 35x35 30x45 35x50 30x50 35x55 35x40 35x45 35x45 35x55 35x50 35x50
1000
220
30x40 30x45 35x30 35x35
1200
1500 30x45 30x50 35x35 35x40 1800
270
Convert to inches, divide by 25.4.
DxL(mm)
Cathode
P.C. Mounting Specifications 10.0 0.1
D1
D
2.0 0.1
Case Vent Insulator P.V.C. Sleeve
L1 L
10
.0
4.01.0
D1=D+1.0 mm Max. L1=L + 2.0 mm Max. S1=10 .1mm
3 and 4 pin mounting styles available on special order. Contact I.C. for details
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
S1
136
LMX
+ 105C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
STANDARD PART LISTING
Capacitance WVDC (F)
PART NUMBER
Maximum RMS Maximum Ripple Current ESR (A) 120Hz,+20C 120Hz,+105C
Dimensions DxL (mm)
Capacitance WVDC (F)
PART NUMBER
Maximum RMS Maximum Ripple Current ESR (A) 120Hz,+20C 120Hz,+105C
Dimensions DxL (mm)
47 56 56 68 68 68 68 82 82 82 82 82 82 100 100 100 100 100 100 100 100 100 120 120 120 120 120 120 120 120 120 120 120 120 150 150 150 150 150 150 150 150 150 150 150 150
400 476LMX450M2BC 450 566LMX450M2BC 450 566LMX450M2BD 400 686LMX400M2BC 450 686LMX450M2BD 450 686LMX450M2BE 450 686LMX450M2CC 400 826LMX400M2BC 400 826LMX400M2BD 450 826LMX450M2BD 450 826LMX450M2BE 450 826LMX450M2CC 450 826LMX450M2CD 400 107LMX400M2BD 400 107LMX400M2BE 400 107LMX400M2CC 400 107LMX400M2CD 450 107LMX450M2BE 450 107LMX450M2BF 450 107LMX450M2CD 450 107LMX450M2CE 450 107LMX450M2DC 400 127LMX400M2BE 400 127LMX400M2BF 400 127LMX400M2CD 400 127LMX400M2CE 400 127LMX400M2DC 450 127LMX450M2BF 450 127LMX450M2BH 450 127LMX450M2CE 450 127LMX450M2CF 450 127LMX450M2DC 450 127LMX450M2DD 450 127LMX450M2EC 250 157LMX250M2BC 400 157LMX400M2BF 400 157LMX400M2BG 400 157LMX400M2CD 400 157LMX400M2CF 400 157LMX400M2DC 400 157LMX400M2DD 450 157LMX450M2BH 450 157LMX450M2CF 450 157LMX450M2CG 450 157LMX450M2DD 450 157LMX450M2DE
5.291 4.441 4.441 3.657 3.657 3.657 3.657 3.033 3.033 3.033 3.033 3.033 3.033 2.487 2.487 2.487 2.487 2.487 2.487 2.487 2.487 2.487 2.072 2.072 2.072 2.072 2.072 2.072 2.072 2.072 2.072 2.072 2.072 2.072 1.658 1.658 1.658 1.658 1.658 1.658 1.658 1.658 1.658 1.658 1.658 1.658
0.39 0.42 0.46 0.47 0.5 0.54 0.5 0.52 0.56 0.55 0.59 0.55 0.6 0.62 0.66 0.62 0.66 0.65 0.69 0.66 0.7 0.68 0.72 0.76 0.73 0.77 0.75 0.76 0.84 0.77 0.81 0.75 0.8 0.82 0.69 0.85 0.9 0.81 0.92 0.84 0.9 0.94 0.91 0.96 0.9 0.96
22x25 22x25 22x30 22x25 22x30 22x35 25x25 22x25 22x30 22x30 22x35 25x25 25x30 22x30 22x35 25x25 25x30 22x35 22x40 25x30 25x35 30x25 22x35 22x40 25x30 25x35 30x25 22x40 22x50 25x35 25x40 30x25 30x30 35x25 22x25 22x40 22x45 25x30 25x40 30x25 30x30 22x50 25x40 25x45 30x30 30x35
150 180 180 180 180 180 180 180 180 180 180 180 180 180 180 220 220 220 220 220 220 220 220 220 220 220 220 220 220 270 270 270 270 270 270 270 270 270 270 270 270 270 270 270 330 330
450 157LMX450M2ED 250 187LMX250M2BC 250 187LMX250M2BD 250 187LMX250M2CC 400 187LMX400M2BG 400 187LMX400M2BH 400 187LMX400M2CE 400 187LMX400M2CF 400 187LMX400M2DD 400 187LMX400M2DE 400 187LMX400M2EC 450 187LMX450M2CG 450 187LMX450M2DE 450 187LMX450M2DF 450 187LMX450M2ED 200 227LMX200M2BC 250 227LMX250M2BD 250 227LMX250M2BE 250 227LMX250M2CD 400 227LMX400M2BH 400 227LMX400M2CF 400 227LMX400M2CH 400 227LMX400M2DD 400 227LMX400M2DE 400 227LMX400M2ED 450 227LMX450M2DF 450 227LMX450M2DG 450 227LMX450M2ED 450 227LMX450M2EE 200 277LMX200M2BD 200 277LMX200M2CC 250 277LMX250M2BD 250 277LMX250M2BE 250 277LMX250M2CC 250 277LMX250M2CD 400 277LMX400M2CG 400 277LMX400M2DE 400 277LMX400M2DG 400 277LMX400M2ED 400 277LMX400M2EE 450 277LMX450M2DG 450 277LMX450M2DH 450 277LMX450M2EE 450 277LMX450M2EF 200 337LMX200M2CC 200 337LMX200M2BD
1.658 1.382 1.382 1.382 1.382 1.382 1.382 1.382 1.382 1.382 1.382 1.382 1.382 1.382 1.382 1.130 1.130 1.130 1.130 1.130 1.130 1.130 1.130 1.130 1.130 1.130 1.130 1.130 1.130 0.921 0.921 0.921 0.921 0.921 0.921 0.921 0.921 0.921 0.921 0.921 0.921 0.921 0.921 0.921 0.754 0.754
0.99 0.76 0.82 0.82 0.98 1.03 0.95 1.06 0.99 1.06 1.01 1.05 1.05 1.11 1.08 0.85 0.91 0.97 0.98 1.14 1.11 1.22 1.09 1.16 1.2 1.22 1.29 1.19 1.27 1.02 1.02 1.01 1.07 1.01 1.08 1.29 1.29 1.43 1.33 1.41 1.43 1.49 1.41 1.48 1.12 1.12
35x30 22x25 22x30 25x25 22x45 22x50 25x35 25x40 30x30 30x35 35x25 25x45 30x35 30x40 35x30 22x25 22x30 22x35 25x30 22x50 25x40 25x50 30x30 30x35 35x30 30x40 30x45 35x30 35x35 22x30 25x25 22x30 22x35 25x25 25x30 25x45 30x35 30x45 35x30 35x35 30x45 30x50 35x35 35x40 25x25 22x30
Aluminum Electrolytic
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
137
LMX
+ 105C 5000 hour Snap-Mount Aluminum Electrolytic Capacitors
STANDARD PART LISTING
Maximum RMS Maximum Ripple Current ESR (A) 120Hz,+20C 120Hz,+105C Maximum RMS Maximum Ripple Current ESR (A) 120Hz,+20C 120Hz,+105C
Capacitance WVDC (F)
PART NUMBER
Dimensions DxL (mm)
Capacitance WVDC (F)
PART NUMBER
Dimensions DxL (mm)
330 330 330 330 330 330 330 330 330 330 330 330 330 330 390 390 390 390 390 390 390 390 390 390 390 390 390 390 470 470 470 470 470 470 470 470 470 470 470 470 470 470
200 337LMX200M2BE 200 337LMX200M2CD 250 337LMX250M2BE 250 337LMX250M2BF 250 337LMX250M2CD 250 337LMX250M2CE 250 337LMX250M2DC 400 337LMX400M2DF 400 337LMX400M2DH 400 337LMX400M2EE 400 337LMX400M2EF 450 337LMX450M2DH 450 337LMX450M2EF 450 337LMX450M2EG 200 397LMX200M2BE 200 397LMX200M2CD 200 397LMX200M2CE 200 397LMX200M2DC 250 397LMX250M2BF 250 397LMX250M2BG 250 397LMX250M2CE 250 397LMX250M2CF 250 397LMX250M2DD 250 397LMX250M2DE 400 397LMX400M2DG 400 397LMX400M2EE 400 397LMX400M2EG 450 397LMX450M2EG 200 477LMX200M2BF 200 477LMX200M2CD 200 477LMX200M2CE 200 477LMX200M2DC 200 477LMX200M2BG 200 477LMX200M2DG 250 477LMX250M2BH 250 477LMX250M2CF 250 477LMX250M2CG 250 477LMX250M2DD 250 477LMX250M2DE 250 477LMX250M2EC 400 477LMX400M2EF 400 477LMX400M2EH
0.754 0.754 0.754 0.754 0.754 0.754 0.754 0.754 0.754 0.754 0.754 0.754 0.754 0.754 0.638 0.638 0.638 0.638 0.638 0.638 0.638 0.638 0.638 0.638 0.638 0.638 0.638 0.638 0.529 0.529 0.529 0.529 0.529 0.529 0.529 0.529 0.529 0.529 0.529 0.529 0.529 0.529
1.2 1.21 1.19 1.26 1.2 1.28 1.24 1.51 1.66 1.56 1.65 1.65 1.64 1.72 1.31 1.32 1.4 1.37 1.37 1.44 1.39 1.47 1.45 1.54 1.72 1.7 1.88 1.87 1.52 1.45 1.54 1.5 1.61 1.6 1.66 1.61 1.7 1.59 1.69 1.63 1.97 2.16
22x35 25x30 22x35 22x40 25x30 25x35 30x25 30x40 30x50 35x35 35x40 30x50 35x40 35x45 22x35 25x30 25x35 30x25 22x40 22x45 25x35 25x40 30x30 30x35 30x45 35x35 35x45 35x45 22x40 25x30 25x35 30x25 30x30 22x45 22x50 25x40 25x45 30x30 30x35 35x25 35x40 35x50
560 560 560 560 560 560 560 560 560 560 560 680 680 680 680 680 680 680 680 680 820 820 820 820 820 820 820 1000 1000 1000 1000 1000 1200 1200 1200 1200 1200 1200 1500 1500 1500 1800
200 567LMX200M2BG 200 567LMX200M2BH 200 567LMX200M2CE 200 567LMX200M2CF 200 567LMX200M2DD 200 567LMX200M2DE 250 567LMX250M2CG 250 567LMX250M2DE 250 567LMX250M2DF 250 567LMX250M2ED 400 567LMX400M2EG 200 687LMX200M2CF 200 687LMX200M2CH 200 687LMX200M2DD 200 687LMX200M2DE 200 687LMX200M2EC 250 687LMX250M2CH 250 687LMX250M2DF 250 687LMX250M2DG 250 687LMX250M2ED 200 827LMX200M2CG 200 827LMX200M2DE 200 827LMX200M2DF 200 827LMX200M2ED 250 827LMX250M2DG 250 827LMX250M2DH 250 827LMX250M2EE 200 108LMX200M2DF 200 108LMX200M2DG 200 108LMX200M2EE 250 108LMX250M2DP 250 108LMX250M2EF 200 128LMX200M2DG 200 128LMX200M2DH 200 128LMX200M2EF 200 128LMX200M2EG 250 128LMX250M2EH 250 128LMX250M2EP 200 158LMX200M2EG 200 158LMX200M2EH 250 158LMX250M2EP 200 188LMX200M2EH
0.444 0.444 0.444 0.444 0.444 0.444 0.444 0.444 0.444 0.444 0.444 0.366 0.366 0.366 0.366 0.366 0.366 0.366 0.366 0.366 0.303 0.303 0.303 0.303 0.303 0.303 0.303 0.249 0.249 0.249 0.249 0.249 0.207 0.207 0.207 0.207 0.207 0.207 0.166 0.166 0.166 0.138
1.75 1.83 1.68 1.78 1.76 1.87 1.85 1.85 1.95 1.91 2.26 1.96 2.16 1.94 2.06 1.98 1.94 2.15 2.26 2.1 2.27 2.26 2.39 2.33 2.49 2.6 2.45 2.64 2.78 2.74 3 2.86 3.04 3.19 3.17 3.33 3.44 3.58 3.72 3.75 4 4.1
22x45 22x50 25x35 25x40 30x30 30x35 25x45 30x35 30x40 35x30 35x45 25x40 25x50 30x30 30x35 35x25 25x50 30x40 30x45 35x30 25x45 30x35 30x40 35x30 30x45 30x50 35x35 30x40 30x45 35x35 30x55 35x40 30x45 30x50 35x40 35x45 35x50 35x55 35x45 35x50 35x55 35x50
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
138


▲Up To Search▲   

 
Price & Availability of 157LMX250M2BC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X