Part Number Hot Search : 
LMD57 MO8651 MSP3415 L3012 TL431ZSF C1315 MO8651 P410003
Product Description
Full Text Search
 

To Download 106TXK400M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TXK
FEATURES I High Frequency I Low Impedance I Extended Life SPECIFICATIONS
Capacitance Tolerance Operating Temperature Range Dissipation Factor 120Hz, 20C WVDC tan WVDC Impedance Ratio (Max.) @120Hz -25C/20C -40C/20C WVDC Leakage Current Time
+105C Long Life Radial Lead Aluminum Electrolytic Capacitors
For Ballast applications
I Voltage Range: 160 WVDC to 450 WVDC I Capacitance Range: 3.3 F to 330 F
20% at 120Hz, 20C
-40C to + 105C 160
.15
-25C to + 105C 400
.24
200
.15
250
.15
350
.24
450
.24
6.3
3 4
10
3 4
16
3 4
25
6 6
35
6 6
50
6 -
< 450 WVDC 2 minutes
.06 CV or 10A
5000 hours at +105C with rated WVDC
Capacitors will meet the requirements listed below.
Load Life
Capacitance change Dissipation factor Leakage current
25% of initial measured value 200% of initial specified value 100% of specified value 1,000 hours at +105C with no voltage applied. Units will meet load life specifications
Shelf Life
Temperature (C)
Frequency (Hz)
+95 1.25 1.25 +105 1.0 1.0 120 .25 .35 1K .61 .66 10K .88 .89 100K 1.0 1.0
Ripple Current Multipliers
+65 D=10 D>10 1.8 1.8
+75 1.65 1.65
+85 1.5 1.5
SPECIAL ORDER OPTIONS
* Special tolerances: 10% (K), -10% + 30% (Q) * * Epoxy end seal * Polyester sleeve
(See pages 33 thru 37)
Tape and Reel/Ammo Pack
*
Cut, Formed, Cut and Formed, and Snap In Leads
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
84
TXK
+105C Long Life Radial Lead Aluminum Electrolytic Capacitors
PHYSICAL DIMENSIONS
WVDC (SV)
(F)
3.3 4.7 10 22 33 47 68 100 150 220 330
160 (200)
200 (250)
250 (300)
350 (400)
400 (450)
450 (500) 10x21 13x21
10x21 10x21 10x21 13x21 13x26 16x25 16x32 16x32 18x35 10x21 13x21 13x21 13x26 16x25 16x32 18x35 13x21 13x26 13x26 16x25 16x32 18x32 18x40
10x21 13x21 13x26 16x25 16x32 18x35
10x21 13x26 13x26 16x25 16x32 18x35
13x26 16x25 16x32 18x32 18x35
Aluminum Electrolytic
D x L (mm)
LEAD INFORMATION VS. CASE DIAMETER
L
PVC SLEEVE
L
15.0 MIN
L
D d S
L
10.0 0.6 5.0
13 0.6 5.0
16.0 0.8 7.5
18.0 0.8 7.5
d
S1 + L1
19.0 MIN
L
L L
L1=L + 2.0 Max. D1=D + 0.5 mm Max. S1=S 0.5 mm Max.
D1
L
L
L
L
L
NOTE: Case Vent is standard on all diameter 8.0mm
L
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
85
TXK
+105C Long Life Radial Aluminum Electrolytic Capacitors
STANDARD PART LISTING
Capacitance WVDC (F)
PART NUMBER
335TXK450M 475TXK450M 106TXK250M 106TXK350M 106TXK400M 106TXK450M 226TXK160M 226TXK200M 226TXK250M 226TXK350M 226TXK400M 226TXK450M 336TXK160M 336TXK200M 336TXK250M 336TXK350M 336TXK400M 336TXK450M 476TXK160M 476TXK200M 476TXK250M
Maximum ESR 120Hz, +20C
120.572 84.657 24.868 39.789 39.789 39.789 11.304 11.304 11.304 18.086 18.086 18.086 7.536 7.536 7.536 12.057 12.057 12.057 5.291 5.291 5.291
Impedance 20C 100kHz
4.47 3.77 3.18 2.94 2.94 2.95 1.47 1.47 1.74 1.6 1.6 1.61 1.15 1.15 1.35 1.25 1.25 1.25 .92 .92 1.08
Maximum RMS Dimensions Ripple Current DxL (mA) +105C (mm) 100kHz
130 170 200 180 180 280 300 300 340 310 310 510 360 420 460 420 420 620 500 500 550 10X21 13X21 10X21 10X21 10X21 13X26 10X21 10X21 13X21 13X21 13X26 16X25 10X21 13X21 13X26 13X26 13X26 16X32 13X21 13X21 13X26
Capacitance WVDC (F)
PART NUMBER
476TXK350M 476TXK400M 476TXK450M 686TXK160M 686TXK200M 686TXK250M 686TXK350M 686TXK400M 686TXK450M 107TXK160M 107TXK200M 107TXK250M 107TXK350M 107TXK400M 157TXK160M 157TXK200M 157TXK250M 227TXK160M 227TXK200M 227TXK250M 337TXK160M
Maximum ESR 120Hz, +20C
8.466 8.466 8.466 3.657 3.657 3.657 5.851 5.851 5.851 2.487 2.487 2.487 3.979 3.979 1.658 1.658 1.658 1.130 1.130 1.130 0.754
Impedance 20C 100kHz
1 1 1.01 .71 .71 .84 .78 .78 .78 .59 .59 .7 .65 .65 .41 .41 .49 .31 .31 .36 .25
Maximum RMS Dimensions Ripple Current DxL (mA) +105C (mm) 100kHz
560 560 790 660 660 730 750 750 990 890 890 990 1010 1010 1210 1210 1300 1470 1630 1730 2000 16X25 16X25 18X32 13X26 13X26 16X25 16X32 16X32 18X35 16X25 16X25 16X32 18X35 18X35 16X32 16X32 18X32 16X32 18X35 18X40 18X35
3.3 4.7 10 10 10 10 22 22 22 22 22 22 33 33 33 33 33 33 47 47 47
450 450 250 350 400 450 160 200 250 350 400 450 160 200 250 350 400 450 160 200 250
47 47 47 68 68 68 68 68 68 100 100 100 100 100 150 150 150 220 220 220 330
350 400 450 160 200 250 350 400 450 160 200 250 350 400 160 200 250 160 200 250 160
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
86


▲Up To Search▲   

 
Price & Availability of 106TXK400M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X