Part Number Hot Search : 
2SK1304 LTC691 B0515 SB1250TL B2405L 2SD14 S1616 MPSA05
Product Description
Full Text Search
 

To Download ZFAMG10C2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Part Number:
www.SunLED.com
ZFAMG10C2
SURFACE MOUNT DISPLAY
Features
0.4 INCH CHARACTER HEIGHT. LOW CURRENT OPERATION. HIGH CONTRAST AND LIGHT OUTPUT. CATEGORIZED FOR LUMINOUS INTENSITY. MECHANICALLY RUGGED. GRAY FACE, WHITE SEGMENT. PACKAGE :250PCS / REEL. MOISTURE SENSITIVITY LEVEL : LEVEL 4. RoHS COMPLIANT.
Notes: 1. All dimensions are in millimeters (inches). 2. Tolerance is 0.25(0.01") unless otherwise noted. 3.Specifications are subject to change without notice. 4. The gap between the reflector and PCB shall not exceed 0.25mm. Absolute Maximum Ratings (TA=25C) Reverse Voltage Forward Current Forward Current (Peak) 1/10 Duty Cycle 0.1ms Pulse Width Power Dissipation Operating Temperature Storage Temperature VR IF iFS PT TA Tstg MG (GaP) 5 25 140 62.5 -40 ~ +85 -40 ~ +85 Unit V mA mA mW C
Operating Characteristics (TA=25C) Forward Voltage (Typ.) (IF=10mA) Forward Voltage (Max.) (IF=10mA) Reverse Current (Max.) (VR=5V) Wavelength Of Peak Emission (Typ.) (IF=10mA) Wavelength Of Dominant Emission (Typ.) (IF=10mA) Spectral Line Full Width At Half-Maximum (Typ.) (IF=10mA) Capacitance (VF=0V, f=1MHz) Luminous Intensity (IF=10mA) ucd min. typ. 7490 565 VF VF IR
MG (GaP) 2.0 2.5 10
Unit V V uA
P
565
nm
D
568
nm
30
nm
C
15
pF
Part Number
Emitting Color
Emitting Material
Wavelength nm P
Description
ZFAMG10C2
Green
GaP
1900
Common Cathode, Rt. Hand Decimal
Published Date : MAR 12,2008
Drawing No : SDSA5428
V2
Checked : Shin Chi
P.4/4
Part Number:
www.SunLED.com
ZFAMG10C2
SURFACE MOUNT DISPLAY
MG
Remarks: If special sorting is required (e.g. binning based on forward voltage, luminous intensity/ luminous flux or wavelength), the typical accuracy of the sorting process is as follows: 1. Wavelength: +/-1nm 2. Luminous Intensity/ Luminous Flux: +/-15% 3. Forward Voltage: +/-0.1V Note: Accuracy may depend on the sorting parameters.
Published Date : MAR 12,2008
Drawing No : SDSA5428
V2
Checked : Shin Chi
P.4/4
Part Number:
www.SunLED.com
ZFAMG10C2
SURFACE MOUNT DISPLAY
Recommended Soldering Pattern (Units : mm;Tolerance: 0.15)
Tape Specification (Units : mm)
Published Date : MAR 12,2008
Drawing No : SDSA5428
V2
Checked : Shin Chi
P.4/4
Part Number:
www.SunLED.com
ZFAMG10C2
SURFACE MOUNT DISPLAY
PACKING & LABEL SPECIFICATIONS
ZFAMG10C2
Published Date : MAR 12,2008
Drawing No : SDSA5428
V2
Checked : Shin Chi
P.4/4


▲Up To Search▲   

 
Price & Availability of ZFAMG10C2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X