Part Number Hot Search : 
C1892CT 2N390 2101A E76XB SB102K UPD65022 DP365 AC05P040
Product Description
Full Text Search
 

To Download WRB0512YMD-3W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WRA_YMD-3W & WRB_YMD-3W Series
3W, WIDE INPUT, ISOLATED & REGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
multi-country patent protection RoHS
FEATURES Wide (2:1) Input Range Short Circuit Protection(automatic recovery) 1500VDC Isolation Operating Temperature: -40C ~ +85C No heat sink required No external component required Internal SMD required Five sided metal shielding MTBF>1000Khours RoHS Compliance
PRODUCT PROGRAM
Input Part Number WRA0505YMD-3W WRA0512YMD-3W WRA0515YMD-3W WRB0505YMD-3W WRB0512YMD-3W WRB0515YMD-3W WRA1205YMD-3W 5 4.5-9 11 Voltage (VDC) Nominal Range Max* Voltage (VDC) 5 12 15 5 12 15 5 12 15 12 9-18 22 5 9 12 15 24 5 12 15 24 18-36 40 5 9 12 15 24 5 12 15 48 36-72 80 5 9 12 15 24 Output Current (mA) Max 300 125 100 600 250 200 300 125 100 600 333 250 200 125 300 125 100 600 333 250 200 125 300 125 100 600 333 250 200 125 Min 30 12 10 60 25 20 30 12 10 60 33 25 20 12 30 12 10 60 33 25 20 12 30 12 10 60 33 25 20 12 68 72 71 68 72 71 76 80 80 77 78 80 81 80 77 80 80 77 79 81 81 80 77 80 81 77 79 81 81 80 Efficiency (%, Typ)
APPLICATIONS
The WRA_YMD-3W & WRB_YMD-3W Series are specially designed for applications where a wide range input voltage power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is wide range (Voltage range2:1); 2) Where isolation is necessary between input and output(Isolation voltage1500VDC); 3) Where the regulation of the output voltage and the output ripple noise are dem anded.
WRA1212YMD-3W WRA1215YMD-3W WRB1205YMD-3W WRB1209YMD-3W WRB1212YMD-3W WRB1215YMD-3W WRB1224YMD-3W WRA2405YMD-3W WRA2412YMD-3W WRA2415YMD-3W WRB2405YMD-3W WRB2409YMD-3W WRB2412YMD-3W
MODEL SELECTION
WRB2415YMD-3W WRB2424YMD-3W
WRA0505YMD-3W
Rated Power Package Style Output Voltage Input Voltage Product Series
WRA4805YMD-3W WRA4812YMD-3W WRA4815YMD-3W WRB4805YMD-3W WRB4809YMD-3W
MORNSUN Science & Technology co.,Ltd.
Address: 2th floor 6th building, Huangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax:86-20-38601272 Http://www.mornsun-power.com
WRB4812YMD-3W WRB4815YMD-3W WRB4824YMD-3W
* Input voltage can't exceed this value, or will cause the permanent damage.
The copyright and authority for the interpretation of the products are reserved by Mornsun Specifications subject to change without notice. WRA_YMD-3W & WRB_YMD-3W A/2-2009 Page 1 of 3
OUTPUT SPECIFICATIONS
Item Output power Positive voltage accuracy Negative voltage accuracy Load regulation Line regulation Temperature drift (Vout) Ripple & Noise** Switching frequency Test Conditions Refer to products program Refer to recommended circuit Refer to recommended circuit Form 10% to 100% load Input voltage from low to high Refer to recommended circuit 20MHz Bandwidth 100% load, input voltage range 75 300 Min 0.3 1 3 0.5 0.2 Typ. Max. 3 3 5 1* 0.5 0.03 150 %/C mVp-p KHz % Units W
TYPICAL TEMPERATURE CURVE
*Dual output models unbalanced load: 5%. **Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power Converter section, application notes.
Operating Temp.( C )
COMMON SPECIFICATIONS
Item Storage humidity Operating temperature Storage temperature Temp. rise at full load Lead temperature Cooling Short circuit protection Case material No-load power consumption Isolation voltage Isolation resistance Isolation Capacitance MTBF Weight Tested for1 minute and 1mA max Test at 500VDC Input/output 1000 15 1500 1000 100 1.5mm from case for 10 seconds -40 -55 15 300 Free Air Convection Continuous, Automatic recovery Aluminium Alloy 0.2 W VDC pF K hours g M Test Conditions Min. Typ. Max. 95 85 125 C Units %
RECOMMENDED CIRCUIT
Vin
C in
+Vout
DC
DC
0V -Vout
GND Single Output Vin
Cin
+Vout
DC
DC
0V
GND
(Figure 1)
Input Current(A)
Ip
APPLICATION NOTE
Requirement on output load In order to ensure the product operate efficiently and reliably, in addition to a max load (namely full load), a minimum load is specified for this kind of DC/DC converter. Make sure the specified range of input voltage is not exceeded, the minimum output load no less than 10% load. If the actual load is less than the specified minimum load, the output ripple may increase sharply while its efficiency and reliability will reduce greatly. If the actual output power is very small, please add an appropriate resistor as extra loading, or contact our company for other lower output power products. Recommended Circuit All the WRA_YMD-3W & WRB_YMD-3W Series have been tested according to the following recommended testing circuit before leaving factory. This series should be tested under load (see Figure 1). If you want to further decrease the input/output ripple, you can increase capacitance properly or choose capacitors with low ESR. However, the capacitance of the output filter capacitor must be proper. If the capacitance is too big, a startup problem might arise. For every channel of output, provided the safe and reliable operation is ensured, the greatest capacitance of its filter capacitor sees (Table 1). General: Cin: 5V&12V 24V&48V Cout: 10F/100mA Input current While using unstable power source, please ensure the output voltage and ripple voltage do not exceed indexes of the converter. The preceding power source must be able to provide for converter sufficient starting current Ip (Figure 2). General: Ip 1.4*Iin-max No parallel connection or plug and play 100F 10F-47F
Input Voltage Range
Input Voltage (V)
Output External Capacitor Table(Table 1) Single Vout Cout Dual Vout Cout (VDC) (uF) (VDC) (uF) 3.3 2200 5 680 5 1000 9 470 9 680 12 330 12 470 15 220 15 330 24 220 -
The copyright and authority for the interpretation of the products are reserved by Mornsun Specifications subject to change without notice. WRA_YMD-3W & WRB_YMD-3W A/2-2009 Page 2 of 3
OUTLINE DIMENSIONS & FOOTPRINT DETAILS
MECHANICAL DIMENSIONS
25.40 [1.000] 20.32 [0.800]
RECOMMENDED FOOTPRINT
DUAL/SINGLE OUTPUT
1.20 [0.047]
3
4
5
5
20.32 [0.800] 25.40 [1.000]
4
3
20.32 [0.800]
(Bottom View)
2
1
2.54 [0.100]
1
2
5.08 [0.200]
4.10 [0.161]
2.54 [0.100]
(Side View)
10.00[0.394]
TUBE OUTLINE DIMENSIONS
30.20 [1.189]
0.50 [0.020] 0.80[0.031]
13.40[0.528]
12.80 [0.504]
FOOTPRINT DETAILS Pin 1 2 3 4 5 Single GND Vin +Vo No Pin 0V Dual GND Vin +Vo 0V -Vo
Note: Unit :mm[inch] General tolerances: 0.50mm[0.020inch] L=530mm[20.866inch] Tube Quantity: 19pcs L=220mm[8.661inch] Tube Quantity: 7pcs
NC:No connection
Note: 1. The load shouldn't be less than 10%, otherwise ripple will increase dramatically. 2. Operation under 10% load will not dam age the converter; However, they may not meet all specification listed. 3. All specifications measured at Ta=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 4. In this datasheet, all the test methods of indications are based on corporate standards. 5. Only typical models listed, other models may be different, please contact our technical person for more details.
The copyright and authority for the interpretation of the products are reserved by Mornsun Specifications subject to change without notice. WRA_YMD-3W & WRB_YMD-3W A/2-2009 Page 3 of 3
21.00 [0.827]
Note: Unit:mm[inch] Pin diameter tolerances: 0.10mm[ 0.004inch] General tolerances: 0.25mm[ 0.010inch]


▲Up To Search▲   

 
Price & Availability of WRB0512YMD-3W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X