Part Number Hot Search : 
IL33290D N5819 TA7805AF ZXLD1356 L324A 74HCT4 UR1560 AH3761
Product Description
Full Text Search
 

To Download WPN20R12D05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WPN20R
20 Watt Regulated DC/DC Converter 0 Regu u
OBSOLETE PRODUCT
PRODUCT OV PRODUCT OVERVIEW O V Contact FactoryERVIEW for Replacement Model
The WPN20R series is a family of high performance DC/DC converters available in three WPN20R 2 y performance DC/D e e D input voltage ranges of 9-18V, 18-36V and 33-75V. The unit is housed in a space saving input u ranges 18-36V 3 33-75V. 3 aluminum shell and combines low cost with high performance across all line and load conditions. The 300kHz switching frequency and forward converter topology provide excellent performance across all line and load conditions in a space saving package. Other features include: full regulation down to zero load, under voltage lock-out, internal temperature shutdown, soft start, remote on/off and over current protection. An output trim feature is provided, allowing the user to compensate for long line lengths. The WPN20R Series is assembled using a fully automated process incorporating 100% surface mounted components for increased reliability. Applications include: Telecom-munications, Battery Powered Systems, Process Control Equipment, Transportation Equipment and Distributed Power Systems.
FEATURES Operating Temperature Range: -40C to +115C Industry Standard Pinout Input and Output Filtering Low Profile Shell Single and Dual Outputs
High Efficiency Remote On/Off Function Output Trim Function Zero Load Operation EN 60950, UL1950, C-UL, VDE Agency Approvals
PRODUCT SELECTION CHART
Specifications are at TA = +25C nominal input voltage, rated output current unless otherwise specified.
NOMINAL INPUT VOLTAGE (VDC) 12 12 12 12 12 12 12 24 24 24 24 24 24 24 48 48 48 48 48 48 48 RATED OUTPUT VOLTAGE (VDC) 3.3 5.0 12.0 15.0 5.0 12.0 15.0 3.3 5.0 12.0 15.0 5.0 12.0 15.0 3.3 5.0 12.0 15.0 5.0 12.0 15.0 OUTPUT CURRENT (A) MIN NOM LOAD LOAD 0.0 6.00 0.0 4.00 0.0 1.66 0.0 1.33 0.0 2.00 0.0 0.83 0.0 0.67 0.0 6.00 0.0 4.00 0.0 1.66 0.0 1.33 0.0 2.00 0.0 0.83 0.0 0.67 0.0 6.00 0.0 4.00 0.0 1.66 0.0 1.33 0.0 2.00 0.0 0.83 0.0 0.67 INPUT CURRENT NOM LOAD 2.00 2.00 2.00 2.00 2.00 2.00 2.00 1.00 1.00 1.00 1.00 1.00 1.00 1.00 0.50 0.50 0.50 0.50 0.50 0.50 0.50 EFFICIENCY (%) 82 84 86 86 84 86 86 83 84 87 87 85 87 87 83 85 88 86 85 87 87
MODEL* WPN20R12S03 WPN20R12S05 WPN20R12S12 WPN20R12S15 WPN20R12D05 WPN20R12D12 WPN20R12D15 WPN20R24S03 WPN20R24S05 WPN20R24S12 WPN20R24S15 WPN20R24D05 WPN20R24D12 WPN20R24D15 WPN20R48S03 WPN20R48S05 WPN20R48S12 WPN20R48S15 WPN20R48D05 WPN20R48D12 WPN20R48D15
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
WPN20R.B01 Page 1 of 5
WPN20R
20 Watt Regulated DC/DC Converter
SPECIFICATIONS, ALL MODELS
Specifications are at TA = +25C nominal input voltage, rated output current unless otherwise specified.
PARAMETER
INPUT Voltage Range
CONDITIONS
MIN
9 18 33
TYP
12 24 48
MAX
18 36 75 50 115
UNITS
VDC VDC VDC mApk-pk C C mA
Reflected Ripple Current All Input Ranges INPUT CONTROL Temperature Shutdown Case Temperature Hysteresis Quiescent Standby Current Current Into + VIN Undervoltage Control See Attached Plots OUTPUT ISOLATION Rated Voltage Test Voltage 60Hz, 10 Seconds Resistance Capacitance Leakage Current Rated Power Voltage Setpoint Accuracy Temperature Coefficient Line Regulation Singles High Line to Low Line Duals High Line to Low Line Load Regulation Singles Mn Load to Nom. Load Duals Mn Load to Nom. Load Ripple & Noise Single Outputs BW = 5Hz to 20MHz Dual Outputs BW = 5Hz to 20MHz Output Adjust Range See Attached Plots Short Circuit and Overcurrent Protection Continuous Max Capacitive Load GENERAL Switching Frequency MTTF per ML-HDBK-217 Circuit Stress Method Ground Benign Ta = +25 Unmodified Database Package Weight Moisture Sensitivity Level (MSL) as per IPC/JEDEC J-STD-20 TEMPERATURE Specification Case Operation Case Storage
105 10 8
OUTPUT
10
1500 1500 10 400 30 20 1.5 0.005 0.1 0.5 0.5 2.0 60 50 100 100
VDC VDC G pF mArms W % %/C % % % % mVp-p mVp-p
GENERAL
550 300 1,400,000 32 2 -40 -40 -55 + 85 + 85 +125
F/A kHz Hr g
C C C
REMOTE ON/OFF CONTROL
Logic Compatibility ..............................................Open Collector TTL EC On ............................................................................ Open Circuit EC Off .......................................................................................< 0.7V Shutdown Idle Current .................................................................8mA
ORDERING INFORMATION
WPN20R XXYZZ Device Family 20W Regulated DC/DC Unit Model Number xx = Input Range, e.g. 48V y = Number of Outputs (S=single; D=dual) zz = Output Voltage, e.g. `05' for 5V
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
WPN20R.B01 Page 2 of 5
WPN20R
20 Watt Regulated DC/DC Converter
MECHANICAL
PIN SIDE DOWN SIDE VIEW
0.425 + 0.00 (10.80 + 0.08) 0.150 0.040 + 0.002 (1.02 + 0.05) (3.81)
(40.39 + 0.13)
1.590 + 0.005
WPN20Rxxyzz
0.015 + 0.003 (0.38 + 0.08)
PIN CONNECTIONS Number 1 2 3 4 5 6 7 8 Pin Function Singles Duals +VIN +VIN -VIN -VIN NO PIN NO PIN Remote On/Off Remote On/Off NO PIN +VOUT +VOUT COMMON -VOUT -VOUT TRIM TRIM
5
1.990 + 0.005 (50.55 + 0.13) 1 2 7 3 4 8 6
PIN SIDE UP
NOTES: All dimensions are in inches (millimeters). GRID: 0.100 inches (2.54 millimeters) Pin Placement: Tolerance: 0.015 Marked with: specific model ordered, date code, job code. MATERIAL: Units are encapsulated in a low thermal resistance molding compound which has excellent chemical resistance, wide operating temperature range, and good electrical properties under high humidity environments. The encapsulant and outer shell of the unit have UL94V-0 ratings. Lead material is phosphor bronze; lead finish is matte Sn (100-300 microinches) over Ni (5-40 microinches).
SIMPLIFIED CIRCUIT DIAGRAM
THERMAL DERATING CURVE
HYSTERESIS GRAPH
HYSTERESIS GRAPH
Undervoltage Lockout Threshold Voltages
Nominal Input Voltage Range 12 24 48 Shutdown Low Voltage (V1) OFF 7 15.5 30 Shutdown High Voltage (V2) ON 8.8 17 33
Specifications typical at TA=25C, rated output current.
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
WPN20R.B01 Page 3 of 5
WPN20R
20 Watt Regulated DC/DC Converter
PERFORMANCE GRAPHS
90 85 80
EFFICIENCY VS. OUTPUT LOAD
10 15V 12V 5V 3V 10
EFFICIENCY VS. TEMPERATURE
Change in Efficiency (%)
5 5 0 0 -5 -5 -10 -15 25 65
100% Load 20% Load
Efficiency (%)
75 70 65 60 55 50 10 100 20 40 50 60 80
Output Load (% or Rated)
50%Load
-10 -40 110
Tcase (C)
0.6
EFFICIENCY VS. INPUT VOLTAGE
10%Load 100%Load
OUTPUT RIPPLE VS. INPUT VOLTAGE
1.4
Change in Efficiency (%)
0.4 0.2 0 -0.2 -0.4 -0.6 -0.8 -1 LL Nom HL
Normalized Output Ripple Vin
1.2
1
0.8
0.6
0.4 LL Nom
Vin
HL
50 45
TRIM RESISTOR VS. OUTPUT VOLTAGE CHANGE
55 3 -trim +trim
1.2
OUTPUT RIPPLE VS. TEMPERATURE
Normalized Output Ripple
40 Trim Resistor (K Ohms) 35 30 25 20 15 10 5 0 10 9 8 7 6 5 4 3 2 1
1
0.8
0.6
-40
-15
25
65
110
Percentage Change In Output Voltage
Tcase (C)
TRIM RESISTOR VS. OUTPUT VOLTAGE CHANGE
100 90 80 Trim Resistor (K Ohms) 70 60 50 40 30 20 10 0 10 9 8 7 6 5 4 3
12 15 15 +trim -trim trim
THROUGH-HOLE SOLDERING INFORMATION
These devices are intended for wave soldering or manual soldering. They are not intended to be subject to surface mount processes under any circumstances. The normal wave soldering process can be used with these devices where the device is subjected to a maximum wave temperature of 260C for a period of no more than 10 seconds. Within this time and temperature range, internal temperatures within the converter will not exceed 175C. Care should be taken to control manual soldering limits identical to that of wave soldering.
2
1
Percentage Change In Output Voltage
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
WPN20R.B01 Page 4 of 5
WPN20R
20 Watt Regulated DC/DC Converter
USA: UK: France: Japan:
Tucson (Az), Tel: (800) 547 2537, email: sales@murata-ps.com Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com Website: www.murata-ps.jp Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
Murata Power Solutions, Inc. 11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A. Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
03/06/08
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without notice. (c) 2008 Murata Power Solutions, Inc.
Germany: Munchen, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
China:
www.murata-ps.com
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
WPN20R.B01 Page 5 of 5


▲Up To Search▲   

 
Price & Availability of WPN20R12D05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X