Part Number Hot Search : 
PCA8591T RJH6677 CY7C680 144868 1485815 MT9160BE CD4073B AD204JN
Product Description
Full Text Search
 

To Download VFB1203MP-6W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VFA_MP-6W & VFB_MP-6W Series
6W, WIDE INPUT, DUAL & SINGLE OUTPUT DIP PACKAGE DC-DC CONVERTER
multi-country patent protection
FEATURES
Efficiency up to 85% Wide (2:1) Input Range 1.5KVDC Input/Output Isolation Continuous Short Circuit Protection Operating Temperature: -40C to +85C Internal SMD construction Metal Shielding Package No Heat Sink Required Industry Standard Pinout MTBF>1,000,000 hours RoHS Compliance
RoHS
PRODUCT PROGRAM
Input Part Number VFA1205MP-6W VFA1212MP-6W VFA1215MP-6W VFA1224MP-6W VFB1203MP-6W VFB1205MP-6W VFB1212MP-6W VFB1215MP-6W VFB1224MP-6W VFA2405MP-6W VFA2412MP-6W 12 9-18 20 Voltage (VDC) Nominal Range Max* Voltage (VDC) 5 12 15 24 3.3 5 12 15 24 5 12 15 24 24 18-36 40 3.3 5 12 15 24 5 12 15 24 48 36-75 80 3.3 5 12 15 24 Output Current (mA) Max 600 250 200 125 1500 1200 500 400 250 600 250 200 125 1500 1200 500 400 250 600 250 200 125 1500 1200 500 400 250 Min 60 25 20 13 150 120 50 40 25 60 25 20 13 150 120 50 40 25 60 25 20 13 150 120 50 40 25 79 80 80 82 78 78 82 82 84 78 82 82 84 76 80 83 83 85 80 83 84 85 79 81 82 84 85 Efficiency (%, Typ)
APPLICATIONS
The VFA_MP-6W & VFB_MP-6W Series are specially designed for applications where a wide range input voltage power supplies are isolated from the input power supply in a distributed power supply system on a circuit board. These products apply to: 1) Where the voltage of the input power supply is wide range (voltage range2:1); 2) Where isolation is necessary between input and output(Isolation Voltage1500VDC); 3) Where the regulation of the output voltage and the output ripple noise are demanded.
VFA2415MP-6W VFA2424MP-6W VFB2403MP-6W VFB2405MP-6W VFB2412MP-6W VFB2415MP-6W VFB2424MP-6W VFA4805MP-6W VFA4812MP-6W VFA4815MP-6W VFA4824MP-6W VFB4803MP-6W VFB4805MP-6W VFB4812MP-6W VFB4815MP-6W VFB4824MP-6W
MODEL SELECTION VFA1215MP-6W
Rated Power Package Styl e Output Voltage Input Voltage Product Series
* Input voltage can't exceed this value, or will cause the permanent damage. Note:The load shouldn't be less than 10%,otherwise ripple will increase dramatically. Operation under 10% load will not damage the converter; However, they may not meet all specification listed.
OUTPUT SPECIFICATIONS
Item Output Power Load Regulation Positive Voltage Accuracy Test Conditions See below products program 0.2 0.5 1 3 0.02 30 100 300 50 300 From 10% To 100% load Refer to recommended circuit Refer to recommended circuit Refer to recommended circuit 20MHz bandwidth 20MHz bandwidth 100% load, nominal input voltage Min Typ Max 6 0.5 2* 3 5 %/C mVp-p KHz % Units W
Line Regulation(at full load) Input voltage from low to high
MORNSUN Science& Technology co.,Ltd. Address: 2th floor 6th building, Huangzhou Industrial District, Guangzhou, China Tel: 86-20-38601850 Fax: 86-20-38601272 Http://www.mornsun-power.com
Negative Voltage Accuracy Temperature Drift(Vout) Ripple** Noise** Switching Frequency
*Dual output models unbalanced load: 5%.
**Test ripple and noise by "parallel cable" method. See detailed operation instructions at Testing of Power Converter section, application notes.
MORNSUN reserves the copyright
Specifications subject to change without notice.
VFA_MP-6W & VFB_MP-6W
A/2-2008
Page 1 of 2
COMMON SPECIFICATION
Item Storage humidity Operating temperature Storage temperature Lead temperature Temp. rise at full load Isolation voltage Isolation resistance Cooling Short circuit protection Case material MTBF Weight Tested for 1 minute and 1 mA max Test at 500VDC 1500 1000 Free air convection Continuous, automatic recovery Copper, Nickel Plated 1000 17 K hours g 1.5mm from case for 10 seconds 40 VDC M -40 -55 Test Conditions Min Typ Max 95 85 125 300 C Units %
APPLICATION NOTE
Recommended Circuit All the VFA_MP-6W & VFB_MP-6W Series have been tested according testing to the before following leaving recommended circuit
factory. This series should be tested under load. Never be tested under no load (see Figure 1).
Dual Output Vin
Ci n
+Vout
DC
DC
0V -Vout
GND Single Output Vin
Cin
+Vout
Note: 1. All specifications measured at TA=25C, humidity<75%, nominal input voltage and rated output load unless otherwise specified. 2. See below recommended circuits for more details.
DC
DC
0V
GND
(Figure 1) If you want to further decrease the output ripple, you can increase capacitance properly or choose capacitors with low ESR. However, the capacitance should not be too high (Table 1). Extemal Capacitor Table(Table 1) Single Dual Cin Cout Cout Vout Vout (uF) (uF) (uF) (VDC) (VDC) 100 3.3 100 100 5 100 5 100 100 12 100 12 47 -15 47 15 47 -24 47 24 22
TYPICAL CHARECTERISTICS
Temperature Derating Graph
Vin (VDC) 12 24 48 ---
Operating Temp.( C )
OUTLINE DIMENSIONS & PIN CONNECTIONS
First Angle Projection
RECOMMENDED FOOTPRINT Top view,grid:2.54mm(0.1inch) diameter:1.00mm(0.039inch) 32.00 (1.260) Dual Output
23 22 16 14
20.00 (0.787)
23
9
Bottom View
11
23 22
16 14
23
9
11
2.54 (0.100)
Single Output
23 22 16 14
10.00 (0.394)
23
11
Side View
4.10
FOOTPRINT DETAILS Pin 2,3 9 11 14 16 22,23 Single
GND No Pi n NC +Vo 0V Vin
0.50 (0.020)
Dual
GND 0V -Vo +Vo 0V Vi n
Note: Unit:mm(inch) Pin diameter:0.50mm(0.020inch) Pin diameter tolerances: 0.05mm( 0.002inch) General tolerances: 0.25mm( 0.010inch)
NC:No Connection
MORNSUN reserves the copyright
Specifications subject to change without notice.
VFA_MP-6W & VFB_MP-6W
A/2-2008
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of VFB1203MP-6W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X