Part Number Hot Search : 
HG62E15 AT24C64 E002001 0010T COM117T AN5256 SXXHN20 SXXHN20
Product Description
Full Text Search
 

To Download TSUS4300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSUS4300
Vishay Semiconductors
Infrared Emitting Diode, RoHS Compliant, 950 nm, GaAs
FEATURES
* Package type: leaded * Package form: T-1 * Dimensions (in mm): 3 * Peak wavelength: p = 950 nm * High reliability * Angle of half intensity: = 16 * Low forward voltage
94 8636-1
* Suitable for high pulse current operation * Good spectral matching with Si photodetectors * Package matches with detector TEFT4300 * Lead (Pb)-free component in accordance RoHS 2002/95/EC and WEEE 2002/96/EC with
DESCRIPTION
TSUS4300 is an infrared, 950 nm emitting diode in GaAs technology molded in a blue tinted plastic package.
APPLICATIONS
* Infrared remote control and free air transmission systems with low forward voltage and small package requirements * Emitter in transmissive sensors * Emitter in reflective sensors
PRODUCT SUMMARY
COMPONENT TSUS4300 Ie (mW/sr) 18 (deg) 16 P (nm) 950 tr (ns) 800
Note Test conditions see table "Basic Characteristics"
ORDERING INFORMATION
ORDERING CODE TSUS4300 Note MOQ: minimum order quantity PACKAGING Bulk REMARKS MOQ: 5000 pcs, 5000 pcs/bulk PACKAGE FORM T-1
ABSOLUTE MAXIMUM RATINGS
PARAMETER Reverse voltage Forward current Peak forward current Surge forward current Power dissipation Junction temperature Operating temperature range Storage temperature range Soldering temperature Thermal resistance junction/ambient Note Tamb = 25 C, unless otherwise specified t 5 s, 2 mm from case J-STD-051, leads 7 mm, soldered on PCB tp/T = 0.5, tp = 100 s tp = 100 s TEST CONDITION SYMBOL VR IF IFM IFSM PV Tj Tamb Tstg Tsd RthJA VALUE 5 100 200 2 170 100 - 40 to + 85 - 40 to + 100 260 300 UNIT V mA mA A mW C C C C K/W
www.vishay.com 272
For technical questions, contact: emittertechsupport@vishay.com
Document Number: 81053 Rev. 1.6, 04-Sep-08
TSUS4300
Infrared Emitting Diode, RoHS Compliant, Vishay Semiconductors 950 nm, GaAs
180
120 100 80
PV - Power Dissipation (mW)
160 140 120 100 80 60 40 20 0 0 10 20 30 40 50 60 70 80 90 100
21316
IF - Forward Current (mA)
RthJA = 300 K/W
60 40 20 0 0 10 20 30 40 50 60 70 80 90 100
RthJA = 300 K/W
21315
Tamb - Ambient Temperature (C)
Tamb - Ambient Temperature (C)
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Fig. 2 - Forward Current Limit vs. Ambient Temperature
BASIC CHARACTERISTICS
PARAMETER Forward voltage Temperature coefficient of VF Reverse current Breakdown voltage Junction capacitance Radiant intensity Radiant power Temperature coefficient of e Angle of half intensity Peak wavelength Spectral bandwidth Temperature coefficient of p Rise time Fall time Virtual source diameter Note Tamb = 25 C, unless otherwise specified IF = 100 mA IF = 100 mA IF = 100 mA IF = 100 mA IF = 1.5 A IF = 100 mA IF = 1.5 A TEST CONDITION IF = 100 mA, tp = 20 ms IF = 1.5 A, tp = 100 s IF = 100 mA VR = 5 V IR = 100 A VR = 0 V, f = 1 MHz, E = 0 IF = 100 mA, tp = 20 ms IF = 1.5 A, tp = 100 s IF = 100 mA, tp = 20 ms IF = 20 mA SYMBOL VF VF TKVF IR V(BR) Cj Ie Ie e TKe p TKp tr tr tf tf d 7 5 40 30 18 160 20 - 0.8 16 950 50 0.2 800 400 800 400 2.1 35 pF mW/sr mW/sr mW %/K deg nm nm nm/K ns ns ns ns mm MIN. TYP. 1.3 2.2 - 1.3 100 MAX. 1.7 UNIT V V mV/K A
Document Number: 81053 Rev. 1.6, 04-Sep-08
For technical questions, contact: emittertechsupport@vishay.com
www.vishay.com 273
TSUS4300
Vishay Semiconductors Infrared Emitting Diode, RoHS Compliant,
950 nm, GaAs
BASIC CHARACTERISTICS
Tamb = 25 C, unless otherwise specified
10 1 I e - Radiant Intensity (mW/sr) 10 2
1000
IF - Forward Current (A)
t p /T = 0.01, I FM = 2 A 0.02 10 0 0.05 0.1 0.2 0.5 10 -1 10 -2
100
10
1
0.1 10 -1 10 0 10 1 t p - Pulse Duration (ms) 10 0
94 7979
94 7947
10 1 10 2 10 3 I F - Forward Current (mA)
10 4
Fig. 3 - Pulse Forward Current vs. Pulse Duration
Fig. 6 - Radiant Intensity vs. Forward Current
10 4 10 3 10 2 10 1 10 0 10 -1
94 7996
1000
I F - Forward Current (mA)
e - Radiant Power (mW) 0 1 2 3 4
100
10
1
0.1 10 0
94 7980
V F - Forward Voltage (V)
10 1 10 2 10 3 I F - Forward Current (mA)
10 4
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 7 - Radiant Power vs. Forward Current
1.2
VF rel - Relative Forward Voltage (V)
1.6
1.1
IF = 10 mA
1.2
1.0 0.9
Ie rel; e rel
IF = 20 mA 0.8
0.8 0.7
0 20 40 60 80 100
0.4
0 - 10 0 10
94 7993
50
100
140
94 7990
Tamb - Ambient Temperature (C)
T amb - Ambient Temperature (C)
Fig. 5 - Relative Forward Voltage vs. Ambient Temperature
Fig. 8 - Relative Radiant Intensity/Power vs. Ambient Temperature
www.vishay.com 274
For technical questions, contact: emittertechsupport@vishay.com
Document Number: 81053 Rev. 1.6, 04-Sep-08
TSUS4300
Infrared Emitting Diode, RoHS Compliant, Vishay Semiconductors 950 nm, GaAs
1.25 e rel - Relative Radiant Power 1.0 I e rel - Relative Radiant Intensity
0
10
20 30
40 1.0 0.9 0.8 0.7 50 60 70 80
0.75 0.5
0.25 IF = 100 mA 0 900 950 1000
0.6
94 7981
0.4
0.2
0
0.2
0.4
0.6
94 7994
- Wavelength (nm)
Fig. 9 - Relative Radiant Power vs. Wavelength
Fig. 10 - Relative Radiant Intensity vs. Angular Displacement
PACKAGE DIMENSIONS in millimeters
3.2
0.1
A
C
0.15
Chip position
0.3
3.9
3 0.1
0.1
4.5
3.5
(2.8) < 0.6
0.5
30.6
6.1
0.3
Area not plane
0.25
0.6
0.15
0.4
+ 0.15 - 0.05
2.54 nom.
technical drawings according to DIN specifications
Drawing-No.: 6.544-5269.02-4 Issue: 3; 23.04.98
96 12208
1.5
Document Number: 81053 Rev. 1.6, 04-Sep-08
For technical questions, contact: emittertechsupport@vishay.com
www.vishay.com 275
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TSUS4300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X