Part Number Hot Search : 
32768 1029489 T090312 TEA1045 00035 HCS161K 4ADTR SR100
Product Description
Full Text Search
 

To Download TCLL4148 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TAK CHEONG
SEM IC O N DU C TO R
500 mW LL-34 Hermetically Sealed Glass Fast Switching Diodes
SURFACE MOUNT LL34
Absolute Maximum Ratings
Symbol PD TSTG TJ WIV IO IFM IFSURGE Power Dissipation
TA = 25C unless otherwise noted Value 500 -65 to +150 +175 75 150 450 2 Units mW C C V mA mA A
Cathode Band Color : Black DEVICE MARKING DIAGRAM
Parameter
Storage Temperature Range Operating Junction Temperature Working Inverse Voltage Average Rectified Current Non-repetitive Peak Forward Current Peak Forward Surge Current (Pulse Width = 1.0 second)
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Fast Switching Device (TRR <4.0 nS) LL-34 (Mini-MELF) Package Surface Device Type Mounting Hermetically Sealed Glass Compression Bonded Construction All External Surfaces Are Corrosion Resistant And Terminals Are Readily Solderable RoHS Compliant Matte Tin (Sn) Terminal Finish Color band Indicates Negative Polarity
ELECTRICAL SYMBOL Cathode Anode
Electrical Characteristics
Symbol BV Breakdown Voltage
TA = 25C unless otherwise noted Parameter Test Condition IR=100A IR=5A Limits Min 100 Volts 75 25 5 0.62 0.72 1.0 1.0 Volts nA A Max Unit
IR
Reverse Leakage Current
VR=20V VR=75V
VF
Forward Voltage
TCLL4448, TCLL914B TCLL4148, TCLL4148 TCLL4448, TCLL914B
IF=5mA IF=10mA IF=100mA IF=10mA, VR=6V RL=100 IRR=1mA
TRR
Reverse Recovery Time
4
nS
C
Capacitance
VR=0V, f=1MHZ
4
pF
Number: DB-055 June 2008 / F
Page 1
TCLL4148/TCLL4448/TCLL914B
(R)
TAK CHEONG
SEM IC O N DU C TO R Typical Characteristics
500
PD - Power Dissipation [mW]
1.5
Total Capacitance [pF]
400 300 200 100 0 0 25 50 75 100 125 150 175 200
f = 1MHz Ta = 25 1.0
0.5
0.0 0 5 10 15 20 25 30
Temperature [ ]
VR - Reverse Voltage [V]
Figure 1. Power Dissipation vs Ambient Temperature
Valid provided leads at a distance of 0.8mm from case are kept at ambient temperature
Figure 2. Total Capacitance
160
60
IR - Leakage Current [nA]
BV - Reverse Voltage [V]
Ta=25 150
50 40 30 20 10 0
Ta=25
140
130
120
110 1 10 100
IR - Reverse Current [uA]
10
VR - Reverse Voltage [V]
100
Figure 3. Reverse Voltage vs Reverse Current BV - 1.0uA to 100uA
Figure 4. Reverse Current vs Reverse Voltage IR - 10V to 100V
1500 1400 Ta=25 1300 1200 1100 1000 900 800 700 600 500 400 300 200 100 0.001
1000
VF - Forward Voltage [mV]
VF - Forward Voltage (mV)
800 Ta= -40 Ta=25 400 Ta=65 Ta=125 200
600
0.100 10.000 IF - Forw ard Current [m A]
1000.000
0 0.01 0.1 1 10 IF - Forw ard Current (m A) 100
Figure 5. Forward Voltage vs Forward Current VF - 0.001mA to 800mA
Figure 6. Forward Voltage vs Ambient Temperature VF - 0.01mA to 100mA (-40 to +125 Deg C)
Number: DB-055 June 2008 / F
Page 2
(R)
TAK CHEONG
SEM IC O N DU C TO R Package Outline
Package Case Outline
B LL-34 DIM LL34 A A B C C Min 3.302 1.397 0.350 Millimeters Max 3.505 1.499 0.500 Min 0.130 0.055 0.014 Inches Max 0.138 0.059 0.020
Notes: 1. 2. All dimensions are within DO213AC JEDEC standard. LL-34 polarity denoted by cathode band.
Number: DB-055 June 2008 / F
Page 3
TAK CHEONG
(R)
DISC LA I MER NOTIC E
NOTICE
The information presented in this document is for reference only. Tak Cheong reserves the right to make changes without notice for the specification of the products displayed herein. The product listed herein is designed to be used with ordinary electronic equipment or devices, and not designed to be used with equipment or devices which require high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), Tak Cheong Semiconductor Co., Ltd., or anyone on its behalf, assumes no responsibility or liability for any damagers resulting from such improper use of sale. This publication supersedes & replaces all information reviously supplied. For additional information, please visit our website http://www.takcheong.com, or consult your nearest Tak Cheong's sales office for further assistance.
Number: DB-100 April 14, 2008 / A


▲Up To Search▲   

 
Price & Availability of TCLL4148

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X