Part Number Hot Search : 
SP2526 A2210 SN74481 2SC5776 1SS35 250BZI 5KE180 PMB2525
Product Description
Full Text Search
 

To Download TC1N5221B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
TAK CHEONG
SEM IC O N DU C TO R
500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
Absolute Maximum Ratings
Parameter Power Dissipation Storage Temperature Range Operating Junction Temperature TA = 25C unless otherwise noted Value 500 -65 to +200 +200 Units mW C C
AXIAL LEAD DO35
DEVICE MARKING DIAGRAM
L 52 xx T
L : Logo Device Code : TC1N52xxT VZ Tolerance (T) : B = 5% : C = 2% :
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Zener Voltage Range 2.4 to 56 Volts DO-35 Package (JEDEC) Through-Hole Device Type Mounting Hermetically Sealed Glass Compression Bonded Construction All External Surfaces Are Corrosion Resistant And Leads Are Readily Solderable RoHS Compliant Solder Hot Dip Tin (Sn) Lead Finish Cathode Indicated By Polarity Band
Cathode
Anode
ELECTRICAL SYMBOL
Electrical Characteristics
Device Type TC1N5221B TC1N5222B TC1N5223B TC1N5224B TC1N5225B TC1N5226B TC1N5227B TC1N5228B TC1N5229B TC1N5230B TC1N5231B TC1N5232B TC1N5233B TC1N5234B TC1N5235B TC1N5236B TC1N5237B TC1N5238B TC1N5239B TC1N5240B VZ @ IZT (Volts) Nominal 2.4 2.5 2.7 2.8 3 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6 6.2 6.8 7.5 8.2 8.7 9.1 10
TA = 25C unless otherwise noted IZT (mA) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 ZZT @ IZT () Max 30 30 30 30 29 28 24 23 22 19 17 11 7 7 5 6 8 8 10 17 ZZK @ IZK = 0.25mA () Max 1200 1250 1300 1400 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 IR @ VR (A) Max 100 100 75 75 50 25 15 10 5 5 5 5 5 5 3 3 3 3 3 3 VR (Volts) 1 1 1 1 1 1 1 1 1 2 2 3 3.5 4 5 6 6.5 6.5 7 8
November 2006 / E Page 1
TC1N5221B through TC1N5263B
(R)
TAK CHEONG
SEM IC O N DU C TO R Electrical Characteristics
Device Type VZ @ IZT (Volts) Nominal TA = 25C unless otherwise noted IZT (mA) ZZT @ IZT () Max ZZK @ IZK = 0.25mA () Max 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800 700 800 900 1000 1100 1300 IR @ VR (A) Max 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 VR (Volts) 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30 27 30 33 36 39 43
TC1N5241B 11 20 22 TC1N5242B 12 20 30 TC1N5243B 13 9.5 13 TC1N5244B 14 9 15 TC1N5245B 15 8.5 16 TC1N5246B 16 7.8 17 TC1N5247B 17 7.4 19 TC1N5248B 18 7 21 TC1N5249B 19 6.6 23 TC1N5250B 20 6.2 25 TC1N5251B 22 5.6 29 TC1N5252B 24 5.2 33 TC1N5253B 25 5 35 TC1N5254B 27 4.6 41 TC1N5255B 28 4.5 44 TC1N5256B 30 4.2 49 TC1N5257B 33 3.8 58 TC1N5258B 36 3.4 70 TC1N5259B 39 3.2 80 TC1N5258B 36 3.4 70 TC1N5259B 39 3.2 80 TC1N5260B 43 3 93 TC1N5261B 47 2.7 105 TC1N5262B 51 2.5 125 TC1N5263B 56 2.2 150 VF Forward Voltage = 1.1 V Maximum @ IF = 200 mA for all types
Notes: 1. TOLERANCE AND VOLTAGE DESIGNATION The type numbers listed have zener voltage as shown and have a standard tolerance on the nominal zener voltage of 5%. Device of 2% is indicated by a "C" instead of a "B" 2. SPECIALS AVAILABLE INCLUDE Nominal zener voltages between the voltages shown and tighter voltage, for detailed information on price, availability and delivery, contact you nearest Tak Cheong representative. 3. ZENER VOLTAGE (VZ) MEASUREMENT The zener voltage (VZ) is tested under pulse condition. The measured VZ is guaranteed to be within specification with device junction in thermal equilibrium. 4. ZENER IMPEDANCE (ZZ) DERIVATION Zener impedance is derived from the 60-cycle ac voltage, which results when an ac current having an RMS value equal to 10% of the dc zener current (IZT) is superimposed to IZT .
November 2006 / E Page 2
(R)
TAK CHEONG
SEM IC O N DU C TO R Package Outline
Package Case Outline
DO-35 DO-35 DIM Min A B C D 0.46 3.05 25.40 1.53 Millimeters Max 0.55 5.08 38.10 2.28 Min 0.018 0.120 1.000 0.060 Inches Max 0.022 0.200 1.500 0.090
Notes: 1. 2. All dimensions are within JEDEC standard. DO35 polarity denoted by cathode band.
This datasheet presents technical data of Tak Cheong's Zener Diodes. Complete specifications for the individual devices are provided in the form of datasheets. A comprehensive Selector Guide is included to simplify the task of choosing the best set of components required for a specific application. For additional information, please visit our website http://www.takcheong.com. Although information in this datasheet has been carefully checked, no responsibility for the inaccuracies can be assumed by Tak Cheong. Please consult your nearest Tak Cheong's sales office for further assistance. Tak Cheong reserves the right to make changes without further notice to any products herein to further improve reliability, function or design, cost and productivity.
TAK CHEONG
(R)
and
are registered trademarks of Tak Cheong Electronics (Holdings) Co., Ltd.
November 2006 / E Page 3


▲Up To Search▲   

 
Price & Availability of TC1N5221B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X