Part Number Hot Search : 
MMSZ52 1N4732A AN41400A 200AA APC77176 TM32F DAT76191 MAX1906
Product Description
Full Text Search
 

To Download T-30800 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Encapsulated Multi-Purpose Audio Transformers
Ideal for a variety of Voice and Data interconnect network applications
Schematic "A"
1
PRI SEC.
) 3000 VRMS minimum Isolation ) Longitudinal Balance is 60dB minimum ) Frequency range: 300Hz to 3400Hz ) Designed to meet FCC part 68 ) Materials used in construction of this
component meet or exceed UL Class B and can operate up to 130 oC
Schematic "B"
6
1
PRI
Schematic "C"
6
1
PRI
6
SEC.
SEC.
5
2 3
5 4
3
4
3
4
Dry / High Performance
Part Number T-30800 T-30801 T-30802 T-30803 T-30804 Impedance (Ohms) 600 / 600 600 / 600CT 600CT / 600CT 600 / 900 900 / 900
Electrical Specifications at 25OC UNBAL. Insertion Frequency DC Loss Response (mA) (dB) (dB) 0.0 0.0 0.0 0.0 0.0 1.5 1.5 1.5 1.5 1.5 0.3 0.3 0.3 0.5 0.5
Return Loss (dB) 20 20 20 20 20
Pri. DCR max. () 45 45 45 45 55
Sec. DCR max. () 45 45 45 55 55
Schem. Style A B C A A
Dry / Economy
Part Number T-30850 T-30851 T-30852 T-30853 T-30854 Impedance (Ohms) 600 / 600 600 / 600CT 600CT / 600CT 600 / 900 900 / 900
Electrical Specifications at 25OC UNBAL. Insertion Frequency DC Loss Response (mA) (dB) (dB) 0.0 0.0 0.0 0.0 0.0 1.7 1.7 1.7 1.7 1.7 0.5 0.5 0.5 0.7 0.7
Return Loss (dB) 20 20 20 20 20
Pri. DCR max. () 45 45 45 45 55
Sec. DCR max. () 45 45 45 55 55
Schem. Style A B C A A
1. Insertion Loss measured at 1 kHz. 2. Return Loss measured at 300 Hz.
.539 (13.7)
Dimensions in Inches (mm) Unused Pins Omitted as Per Schematic
.025 (0.64) TYP. .705 (17.9)
1 2
.148 (3.75)
.024 (0.6)
.492 (12.50)
3
.705 (17.9)
6
5
4
Specifications subject to change without notice.
For other values & Custom Designs, contact factory.
EE16POTT - 10/98
Rhombus Industries Inc.
14
15801 Chemical Lane, Huntington Beach, CA 92649-1595 Tel: (714) 898-0960 * Fax: (714) 896-0971


▲Up To Search▲   

 
Price & Availability of T-30800

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X