Part Number Hot Search : 
D2915 DM303006 P60N0 M93C66 C74HC2 F18004 ELECTRO M93C66
Product Description
Full Text Search
 

To Download SUR120120 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUR120120
Ultra Fast Recovery Epitaxial Diodes
Dimensions TO-247AC A C(TAB) C A C
Dim. A B C D E F G H J K L M N
Millimeter Min. Max. 19.81 20.32 20.80 21.46 15.75 16.26 3.55 3.65 4.32 5.4 1.65 1.0 10.8 4.7 0.4 1.5 5.49 6.2 2.13 4.5 1.4 11.0 5.3 0.8 2.49
Inches Min. Max. 0.780 0.819 0.610 0.140 0.170 0.212 0.065 0.040 0.426 0.185 0.016 0.087 0.800 0.845 0.640 0.144 0.216 0.244 0.084 0.177 0.055 0.433 0.209 0.031 0.102
A=Anode, C=Cathode, TAB=Cathode VRSM V 1200 VRRM V 1200
SUR12060
Symbol IFRMS IFAVM IFRM
Test Conditions TVJ=TVJM TC=60oC; rectangular, d=0.5 tp<10us; rep. rating, pulse width limited by TVJM TVJ=45oC t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine t=10ms (50Hz), sine t=8.3ms (60Hz), sine t=10ms(50Hz), sine t=8.3ms(60Hz), sine
Maximum Ratings 100 120 tbd 600 660 540 600 1800 1800 1450 1500 -40...+150 150 -40...+150
Unit A
IFSM
TVJ=150oC TVJ=45oC
A
I2t
TVJ=150oC
A2s
TVJ TVJM Tstg Ptot Md Weight TC=25oC Mounting torque
o
C
357 0.8...1.2 6
W Nm g
SUR120120
Ultra Fast Recovery Epitaxial Diodes
Symbol
Test Conditions TVJ=25oC; VR=VRRM TVJ=25oC; VR=0.8.VRRM TVJ=125oC; VR=0.8.VRRM IF=70A; TVJ=150oC TVJ=25oC For power-loss calculations only TVJ=TVJM
Characteristic Values typ. max. 3 1.5 20 1.55 1.8 1.2 4.6 0.35 0.25 35
Unit uA uA mA V V m K/W
IR
VF VTO rT RthJC RthCK RthJA trr IRM
IF=1A; -di/dt=200A/us; VR=30V; TVJ=25oC _ VR=350V; IF=75A; -diF/dt=200A/us; L<0.05uH; TVJ=100 C
o
40 25
60 30
ns A
FEATURES
* International standard package JEDEC TO-247AC * Planar passivatd chips * Very short recovery time * Extremely low switching losses * Low IRM-values * Soft recovery behaviour
APPLICATIONS
* Antiparallel diode for high frequency switching devices * Antisaturation diode * Snubber diode * Free wheeling diode in converters and motor control circuits * Rectifiers in switch mode power supplies (SMPS) * Inductive heating and melting * Uninterruptible power supplies (UPS) * Ultrasonic cleaners and welders
ADVANTAGES
* High reliability circuit operation * Low voltage peaks for reduced protection circuits * Low noise switching * Low losses * Operating at lower temperature or space saving by reduced cooling
SUR120120
Ultra Fast Recovery Epitaxial Diodes
150 A 125 IF 100
T V J =150C
16 T = 100C VJ C V = 600V R 14 Q r 12 10 8
T V J =100C I F =140A I F = 70A I F = 35A
120 T V J = 100C A V R = 600V 100 IR M 80 60 40 20 0
I F =140A I F = 70A I F = 35A
75 50
T V J = 25C
6 4 2
25 0 0.0
0.5
1.0
1.5 V 2.0 VF
0 100
A/ s 1000 -diF /dt
0
200
400
600 A/ s 1000 800 -diF /dt
F ig. 1 F orward current I F vers us V F
F ig. 2 R evers e recovery charge Q r vers us -diF /dt
500 ns 450 trr 400 350 300
T V J = 100C V R = 600V
F ig. 3 P eak revers e current I R M vers us -diF /dt
60 V 50 V FR 40
tfr V FR T V J = 100C I F = 100A
1.4
1.5 s tfr 1.0
1.2 Kf 1.0
IR M
0.8
I F =140A I F = 70A I F = 35A
30 20 10 0 0.0 1000 A/ s 0.5
0.6
Qr
250 200
0.4
0
40
80
120 C 160 T VJ
0
200
400
600 A/ s 800 -diF /dt
1000
0
200
400
600 800 diF /dt
F ig. 4 Dynamic parameters Q r, I R M vers us T VJ
1 K /W
F ig. 5 R ecovery time trr vers us -diF /dt
F ig. 6 P eak forward voltage V F R and tfr vers us diF /dt C ons tants for Z thJ C calculation: i R thi (K /W) 0.017 0.0184 0.1296 0.185 ti (s ) 0.00038 0.0026 0.0387 0.274
D=0.7 0.5
Z thJC 0.1
0.3 0.2 0.01 0.05 S ingle P ulse
1 2 3 4
0.01 0.001
DS E I 120-12
0.01
0.1
1s
t
10
F ig. 7 T rans ient thermal res is tance junction to cas e


▲Up To Search▲   

 
Price & Availability of SUR120120

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X