Part Number Hot Search : 
KGL4205 TA7666 CA12240 MBR1535 CS4412A TA7666 IDP23E60 D1790
Product Description
Full Text Search
 

To Download SUD50P04-40P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 New Product
SUD50P04-40P
Vishay Siliconix
P-Channel 40-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V) - 40 rDS(on) () 0.040 at VGS = - 10 V 0.050 at VGS = - 4.5 V ID (A)a -8 -8 Qg (Typ.) 17 nC
FEATURES
* TrenchFET(R) Power MOSFET * 100 % UIS Tested
RoHS
COMPLIANT
APPLICATIONS
* Backlight Inverter for LCD Display * Full Bridge DC/DC Converter
S
TO-252
G
Drain Connected to Tab G D S D P-Channel MOSFET
Top View Ordering Information: SUD50P04-40P-E3 (Lead (Pb)-free)
ABSOLUTE MAXIMUM RATINGS TA = 25 C, unless otherwise noted
Parameter Drain-Source Voltage Gate-Source Voltage TC = 25 C TC = 70 C TA = 25 C TA = 70 C TC = 25 C TA = 25 C L = 0.1 mH TC = 25 C TC = 70 C TA = 25 C TA = 70 C Symbol VDS VGS Limit - 40 20 - 8a - 8a - 6b - 4.8b - 30 - 8a - 2.0b 15 11.25 24 15.3 2.4b 1.5b - 55 to 150 Unit V
Continuous Drain Current (TJ = 150 C)
ID
Pulsed Drain Current Continuous Source-Drain Diode Current Single Pulse Avalanche Current Avalanche Energy
IDM IS IAS EAS
A
mJ
Maximum Power Dissipation
PD TJ, Tstg
W
Operating Junction and Storage Temperature Range
C
THERMAL RESISTANCE RATINGS
Parameter Maximum Junction-to-Ambientb Maximum Junction-to-Case Notes: a. Package limited. b. Surface mounted on 1" x 1" FR4 board. Document Number: 69731 S-80109-Rev. B, 21-Jan-08 www.vishay.com 1 Steady State Steady State Symbol RthJA RthJC Typical 43 4.3 Maximum 52 5.2 Unit C/W
New Product
SUD50P04-40P
Vishay Siliconix
SPECIFICATIONS TJ = 25 C, unless otherwise noted
Parameter Static Drain-Source Breakdown Voltage VDS Temperature Coefficient VGS(th) Temperature Coefficient Gate-Source Threshold Voltage Gate-Source Leakage Zero Gate Voltage Drain Current On-State Drain Currenta Drain-Source On-State Resistancea VDS VDS/TJ VGS(th)/TJ VGS(th) IGSS IDSS ID(on) rDS(on) gfs Ciss Coss Crss Qg Qgs Qgd Rg td(on) tr td(off) tf td(on) tr td(off) tf IS ISM VSD trr Qrr ta tb IF = 20 A, di/dt = 100 A/s, TJ = 25 C IS = - 2 A - 0.76 22 22 15 7 TC = 25 C VDD = - 20 V, RL = 4 ID - 5 A, VGEN = - 10 V, Rg = 1 VDD = - 20 V, RL = 4 ID - 5 A, VGEN = - 4.5 V, Rg = 1 f = 1 MHz VDS = - 20 V, VGS = - 10 V, ID = - 5 A VDS = - 20 V, VGS = - 4.5 V, ID = - 5 A VDS = - 20 V, VGS = 0 V, f = 1 MHz VGS = 0 V, ID = - 250 A ID = - 250 A VDS = VGS, ID = - 250 A VDS = 0 V, VGS = 20 V VDS = - 40 V, VGS = 0 V VDS = - 40 V, VGS = 0 V, TJ = 70 C VDS - 5 V, VGS = - 10 V VGS = - 10 V, ID = - 5 A VGS = - 4.5 V, ID = - 4 A VDS = - 15 V, ID = - 5 A - 10 0.030 0.036 20 1555 176 142 38.5 17 4.2 7.0 3 47 60 35 13 10 14 36 10 80 110 60 25 20 25 60 20 -8 - 30 - 1.2 40 40 ns 60 27 nC pF 0.040 0.050 - 1.4 - 40 - 41 4.3 - 2.7 100 -1 - 20 V mV/C V nA A A S Symbol Test Conditions Min. Typ. Max. Unit
Forward Transconductancea Dynamicb Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge Gate-Source Charge Gate-Drain Charge Gate Resistance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Drain-Source Body Diode Characteristics Continuous Source-Drain Diode Current Pulse Diode Forward Currenta Body Diode Voltage Body Diode Reverse Recovery Time Body Diode Reverse Recovery Charge Reverse Recovery Fall Time Reverse Recovery Rise Time
A V ns nC ns
Notes: a. Pulse test; pulse width 300 s, duty cycle 2 %. b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
www.vishay.com 2
Document Number: 69731 S-80109-Rev. B, 21-Jan-08
New Product
SUD50P04-40P
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
30 VGS = 10 thru 4 V 24 I D - Drain Current (A) I D - Drain Current (A) 4 5
18
3 TJ = 25 C 2
12 3V 6
1 TJ = 125 C
0 0.0
0.5
1.0
1.5
2.0
2.5
0 0.0
TJ = - 55 C 0.8 1.6 2.4 3.2 4.0
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Output Characteristics
0.050 2500
Transfer Characteristics
r DS(on) - On-Resistance ()
0.044 VGS = 4.5 V C - Capacitance (pF)
2000 Ciss 1500
0.038
0.032 VGS = 10 V 0.026
1000 Coss 500 Crss
0.020 0 6 12 18 24 30
0 0 6 12 18 24 30
ID - Drain Current (A)
VDS - Drain-to-Source Voltage (V)
On-Resistance vs. Drain Current
10 ID = 5 A VGS - Gate-to-Source Voltage (V) 8 r DS(on) - On-Resistance VDS = 20 V 6 VDS = 30 V 4 VDS = 10 V 1.8 ID = 5 A 1.6
Capacitance
VGS = 10 V
1.4 (Normalized) VGS = 4.5 V
1.2
1.0
2
0.8
0 0 8 16 24 32 40
0.6 - 50
- 25
0
25
50
75
100
125
150
Qg - Total Gate Charge (nC)
TJ - Junction Temperature (C)
Gate Charge
On-Resistance vs. Junction Temperature
Document Number: 69731 S-80109-Rev. B, 21-Jan-08
www.vishay.com 3
New Product
SUD50P04-40P
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
100 0.12 ID = 5 A r DS(on) - On-Resistance () 0.09
I S - Source Current (A)
TJ = 150 C 10
TJ = 25 C
0.06 TA = 125 C
0.03 TA = 25 C
1 0.0
0 0.3 0.6 0.9 1.2 1.5 0 2 4 6 8 10 VSD - Source-to-Drain Voltage (V)
VGS - Gate-to-Source Voltage (V)
Source-Drain Diode Forward Voltage
0.7 120
On-Resistance vs. Gate-to-Source Voltage
0.5 V GS(th) Variance (V) ID = 250 A 0.3 ID = 5 mA 0.1 Power (W)
96
72
48
- 0.1
24
- 0.3 - 50
- 25
0
25
50
75
100
125
150
0 0.001
0.01
0.1 Time (s)
1
10
100
TJ - Temperature (C)
Threshold Voltage
120 100
Single Pulse Power, Junction-to-Ambient
96 10 I D - Drain Current (A) Power (W) 72
Limited by rDS(on)*
1
1 ms 10 ms 100 ms 1s
48
24
0.1 TA = 25 C Single Pulse
10 s DC
0 0. 00 1 0.01 0.1 Time (s) 1 10
0.01 0.01
0.1
1
10
100
Single Pulse Power, Junction-to-Case
VDS - Drain-to-Source Voltage (V) * VGS > minimum VGS at which rDS(on) is specified
Safe Operating Area, Junction-to-Ambient www.vishay.com 4 Document Number: 69731 S-80109-Rev. B, 21-Jan-08
New Product
SUD50P04-40P
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
100 7
Limited by rDS(on)* 10 I D - Drain Current (A) 100 s 1 ms 10 ms 100 ms DC I D - Drain Current (A)
6
4
1
3
0.1 TC = 25 C Single Pulse 0.01 0.01
1
0 0.1 1 10 100 0 25 50 75 100 125 150 VDS - Drain-to-Source Voltage (V) * VGS > minimum VGS at which rDS(on) is specified
TA - Ambient Temperature (C)
Safe Operating Area, Junction-to-Case
22 3.5
Current Derating*, Junction-to-Ambient
18 I D - Drain Current (A)
2.8
Package Limited 9
Power (W)
13
2.1
1.4
4
0.7
0 0 25 50 75 100 125 150
0 0 25 50 75 100 125 150 175
TC - Case Temperature (C)
TA - Ambient Temperature (C)
Current Derating*, Junction-to-Case
35
Power Derating*, Junction-to-Ambient
28
Power (W)
21
14
7
* The power dissipation PD is based on TJ(max) = 175 C, using junction-to-case thermal resistance, and is more useful in settling the upper dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls
0 25 50 75 100 125 150 175
0
below the package limit.
TC - Case Temperature (C)
Power Derating*, Junction-to-Case Document Number: 69731 S-80109-Rev. B, 21-Jan-08 www.vishay.com 5
New Product
SUD50P04-40P
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 C, unless otherwise noted
1
Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.05 0.02 0.01 10 -4 Single Pulse 10 -3 10 -2 10 -1 1 Square Wave Pulse Duration (s) 10
Notes: PDM t1 t2 1. Duty Cycle, D = t1 t2
2. Per Unit Base = RthJA = 52 C/W 3. TJM - TA = PDMZthJA(t) 4. Surface Mounted
100
1000
Normalized Thermal Transient Impedance, Junction-to-Ambient
1 Duty Cycle = 0.5 Normalized Effective Transient Thermal Impedance
0.2 0.1 0.1 0.02 Single Pulse 0.05
0.01 10 -4 10 -3 10 -2 10 -1 Square Wave Pulse Duration (s) 1 10
Normalized Thermal Transient Impedance, Junction-to-Case
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?69731.
www.vishay.com 6
Document Number: 69731 S-80109-Rev. B, 21-Jan-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of SUD50P04-40P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X