Part Number Hot Search : 
31149FN TLP3102 IDT72V02 SD243 100LV 1N849 00100 UPD4722
Product Description
Full Text Search
 

To Download STK82008 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STK820
N-channel 25 V - 0.0058 - 21 A - PolarPAK(R) STripFETTM Power MOSFET
Features
Type STK820

VDSS 25 V
RDS(on) <0.0073
RDS(on)*Qg 63 nC*m
PTOT 5.2 W
Ultra low top and bottom junction to case thermal resistance Very low capacitances 100% RG tested Fully encapsulated die 100% matte tin finish (in compliance with the 2002/95/EC european directive) PolarPAK(R) is a trademark of VISHAY Figure 1. Internal schematic diagram PolarPAK(R)
Application
Switching applications
Description
This Power MOSFET is the latest development of STMicroelectronics unique "single feature size" strip-based process. The resulting transistor shows extremely high packing density for low onresistance, moreover the double sides cooling package with ultra low junction to case thermal resistance allows to handle higher levels of current.
Bottom view
Top view
Table 1.
Device summary
Order code STK820 Marking K820 Package PolarPAK(R) Packaging Tape and reel
February 2008
Rev 5
1/15
www.st.com 15
Contents
STK820
Contents
1 2 Electrical ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2.1 Electrical characteristics (curves) ............................. 6
3 4 5
Test circuit
............................................... 8
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
2/15
STK820
Electrical ratings
1
Electrical ratings
Table 2.
Symbol VDS VGS (1) VGS(2) ID (4) ID (4) IDM (3) PTOT (4)
Absolute maximum ratings
Parameter Drain-source voltage (VGS = 0) Gate-source voltage Gate-source voltage Drain current (continuous) at TA = 25 C Drain current (continuous) at TA = 100 C Drain current (pulsed) Total dissipation at TA = 25 C Derating factor Value 25 16 18 21 13 84 5.2 0.0416 600 -55 to 150 150 Unit V V V A A A W W/C mJ C C
EAS (5) Tstg Tj
Single pulse avalanche energy Storage temperature Max. operating junction temperature
1. Continuous mode 2. Guaranteed for test time 15 ms 3. Pulse width limited by package 4. When mounted on FR-4 board of 1inch2 , 2 oz Cu and 10 sec 5. Starting Tj = 25 C, ID = 11 A, VDD = 25 V
Table 3.
Symbol Rthj-amb(1) Rthj-c(2) Rthj-c(3)
Thermal data
Parameter Thermal resistance junction-amb Thermal resistance junction-case (top drain) Thermal resistance junction-case (source) Typ. 20 1 2.8 Max. 24 1.2 3.4 Unit C/W C/W C/W
1. When mounted on FR-4 board of 1inch2 , 2 oz Cu and 10 sec 2. Steady state 3. Measured at source pin when the device is mounted on FR-4 board in steady state
3/15
Electrical characteristics
STK820
2
Electrical characteristics
(TCASE=25C unless otherwise specified) Table 4.
Symbol V(BR)DSS IDSS IGSS VGS(th) RDS(on)
On/off states
Parameter Drain-source breakdown voltage Zero gate voltage drain current (VGS = 0) Gate body leakage current (VDS = 0) Gate threshold voltage Static drain-source on resistance Test conditions ID = 250 A, VGS= 0 VDS = max rating, VDS = max rating,Tc=125 C VGS = 16 V VDS= VGS, ID = 250 A VGS= 10 V, ID= 10.5 A VGS= 4.5 V, ID= 10.5 A 1 Min. 25 1 10
100
Typ.
Max.
Unit V A A nA V
2.5 0.0058 0.0073 0.0066 0.008
Table 5.
Symbol Ciss Coss Crss Qg Qgs Qgd Qgs1 Qgs2
Dynamic
Parameter Input capacitance Output capacitance Reverse transfer capacitance Total gate charge Gate-source charge Gate-drain charge Pre Vth gate-to-source charge Post Vth gate-to-source charge Gate input resistance Test conditions Min. Typ. 1425 657 62 9.5 3.6 3 2 1.6 Max. Unit pF pF pF nC nC nC nC nC
VDS = 25 V, f=1 MHz, VGS=0
VDD=12.5 V, ID = 21 A VGS =4.5 V (see Figure 14) VDD=12.5 V, ID = 12 A VGS =4.5 V (see Figure 19) f=1 MHz Gate DC Bias = 0 Test signal level = 20 mV open drain
RG
0.8
4/15
STK820
Electrical characteristics
Table 6.
Symbol td(on) tr td(off) tf
Switching times
Parameter Turn-on delay time Rise time Test conditions VDD= 12.5 V, ID= 10.5 A, RG= 4.7 , VGS= 4.5 V (see Figure 16) VDD=12.5 V, ID= 10.5 A, RG= 4.7 , VGS= 4.5 V (see Figure 16) Min. Typ. 15 23 Max. Unit ns ns
Turn-off delay time Fall time
17 4
ns ns
Table 7.
Symbol ISD ISDM(1) VSD(2) trr Qrr IRRM
Source drain diode
Parameter Source-drain current Source-drain current (pulsed) Forward on voltage Reverse recovery time Reverse recovery charge Reverse recovery current ISD= 21 A, VGS= 0 ISD= 21 A, di/dt = 100 A/s, VDD= 20 V, Tj=150 C (see Figure 15) 25 17 1.4 Test conditions Min. Typ. Max. 21 84 1.2 Unit A A V ns nC A
1. Pulse width limited by package 2. Pulsed: pulse duration = 300s, duty cycle 1.5%
5/15
Electrical characteristics
STK820
2.1
Figure 2.
Electrical characteristics (curves)
Safe operating area Figure 3. Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs. temperature
Figure 7.
RDS(on)
(m)
Static drain-source on resistance
HV41000
7 6 5 4 3 2 1 0 0 5 10 15 20 ID(A)
6/15
STK820 Figure 8. Gate charge vs gate-source voltage Figure 9.
Electrical characteristics Capacitance variations
Figure 10. Normalized gate threshold voltage vs temperature
Figure 11. Normalized on resistance vs temperature
Figure 12. Source-drain diode forward characteristics
VSD (V) 0.8
HV41050
-50C
25C
0.6
TJ=175C
0.4
0.2
0.0
0
5
10
15
20
ID (A)
7/15
Test circuit
STK820
3
Test circuit
Figure 14. Gate charge test circuit
Figure 13. Switching times test circuit for resistive load
Figure 15. Test circuit for inductive load Figure 16. Unclamped inductive load test switching and diode recovery times circuit
Figure 17. Unclamped inductive waveform
Figure 18. Switching time waveform
8/15
STK820 Figure 19. Gate charge waveform
Id Vds Vgs
Test circuit
Vgs(th)
Qgs1 Qgs2
Qgd
9/15
Package mechanical data
STK820
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect. The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com
10/15
STK820
Package mechanical data
Table 8.
Ref.
PolarPAK(R) (option "S") mechanical data
mm Min. Typ. 0.80 Max. 0.85 0.05 0.48 0.41 2.19 0.89 0.23 0.20 6 5.74 5.01 4.75 0.23 0.45 0.31 0.45 1.92 0.38 4.22 0.24 4.30 3.43 0.22 0.05 0.15 3.48 0.56 1.20 3.90 0.18 0 10 0.36 12 0 0.20 3.64 0.76 0.25 4.10 0.95 4.50 3.58 4.70 3.73 1.97 0.43 4.37 0.41 0.56 0.51 0.56 2.02 0.48 4.52 0.58 0.51 2.29 1.04 0.33 0.25 6.15 5.89 5.16 4.90 0.68 0.61 2.39 1.19 0.43 0.30 6.30 6.04 5.31 5.05 0.019 0.016 0.086 0.035 0.009 0.008 0.236 0.226 0.197 0.187 0.009 0.018 0.012 0.018 0.075 0.014 0.166 0.009 0.169 0.135 0.009 0.002 0.006 0.137 0.022 0.047 0.154 0.007 10 0.014 12 0.008 0.143 0.030 0.010 0.161 0.037 0.177 0.141 0.185 0.147 0.077 0.016 0.172 0.016 0.022 0.020 0.022 0.079 0.018 0.178 0.023 0.020 0.090 0.041 0.013 0.010 0.242 0.232 0.203 0.193 Min. 0.030 inch Typ. 0.031 Max. 0.033 0.002 0.027 0.024 0.094 0.047 0.017 0.012 0.248 0.238 0.209 0.199
A A1 b1 b2 b3 b4 b5 c D D1 E E1 H1 H2 H3 H4 I1 J1 K1 K4 M1 M2 M3 M4 P1 T1 T2 T3 T4 T5 <
0.75
11/15
Package mechanical data
STK820
Figure 20. PolarPAK(R) (option "S") drawings
12/15
STK820 Figure 21. Recommended PAD layout
Package mechanical data
13/15
Revision history
STK820
5
Revision history
Table 9.
Date 14-May-2007 22-Jun-2007 03-Sep-2007 19-Dec-2007 14-Feb-2008
Document revision history
Revision 1 2 3 4 5 First version VDSS value change in all document Updated mechanical data Document status promoted from preliminary data to datasheet. Updated Table 8, Figure 20 and Figure 21 Changes
14/15
STK820
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries ("ST") reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any time, without notice. All ST products are sold pursuant to ST's terms and conditions of sale. Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no liability whatsoever relating to the choice, selection or use of the ST products and services described herein. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST'S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT. UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY, DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER'S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries. Information in this document supersedes and replaces all information previously supplied. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
(c) 2008 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
15/15


▲Up To Search▲   

 
Price & Availability of STK82008

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X