Part Number Hot Search : 
D1103 B3N1T C100MC MAX9247 VLME31 AD5744 XSD213 AD627A
Product Description
Full Text Search
 

To Download STF2020A-1000-BZ205W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRECISION THIN FILM CHIP ARRAYS
RESISTORSMCAPACITORSMCOILSMDELAY LINES
56.5-41-5
FEATURES
H H H H H
RoHS
Exceptional performance & stability! TC to 5ppm, TC tracking to 2ppm, low noise Tolerance to 0.1%,matching to 0.02% 4 resistors per array reduces mounting costs Custom schematics and multiple values available
SPECIFICATIONS
Resi stance Range Absolute T lerance o Matchi ng/ Rati o T lerance o Absolute TC Tracki ng TC Indi vi dual Power Rati ng Package Power Rati ng 100 to 24K (extended range avai lable) 0.1% (std), 0.25%, 0.5%, 1% Avai lable to 0.02% +/-5ppm/ deg C (std), 10ppm, 25ppm Avai lable to 2ppm 62mW 0.25W
1
P
STF2020
L
W
T
H
Config. A (custom circuits avail.)
R C D Type
STF2020
C onfig
A
Wattage per R esis.Element
62mW
Working Voltage
80V
L .01 [.25]
.197 [5]
W.008 [.2]
.197 [5]
P.008 [.2]
.050 [1.27]]
H Max
.039 [1]
T typ.
.032 [0.8]
POWER DERATING
(derate from full rated power at 70C to zero power at 125 C)
SUGGESTED PAD LAYOUT (mm)
75 50 25 0 -65 25 50
-----------
% OF 70C RATING
100
4

0.8
100 125 150 175 200
75 70

AMBIENT TEMPERATURE (C)
0.635
0.635
TYPICAL PERFORMANCE CHARACTERISTICS
Operating Temp. Range Short time Overload (2.5X rated W, 5 sec) Resistance to Solder Heat (260C, 10 sec) Moisture Res. (90-95% RH, 40C,100 hrs) Temp. Cycling (-65 to +125C, 5 cycles) Load Life (1000 hrs at rated W25) Insulation Resistance -65C to +125C 0.05% 0.05% 0.1% 0.1% 0.1% 10,000 Megohm
P/N DESIGNATION: STF2020 A
RCD Type Config: A Option (leave blank if standard) Res.Code 3 sig. figures & multiplier
(1000=100, 1001=1K, 1002 = 10K, etc)
- 1002 - B Q 52 W T
Tolerance Code:B= 0.1%,C=.25%,D=.5%,F=1% Ratio Tolerance: Q=0.02%, A=0.05%, Z=0.1%
(leave blank if not required)
TC: 25=25ppm, 205=25ppm abs/5ppm track, 10=10ppm, 105=10ppm abs/
5ppm track, 102=10ppm abs/2ppm track, 5=5ppm, 52=5ppm abs/2ppm track
Termination: W= RoHS (Tin plated Ni) Packaging: B = Bulk, T = Tape & Reel
RCD Components Inc., 520 E. Industrial Park Dr., Manchester, NH, USA 03109 Tel: (603) 669-0054 Fax:(603) 669-5455 E-mail:sales@rcdcomponents.com www.rcdcomponents.com
FA115 Sale of this product is in accordance with GF-061. Specifications subject to change without notice.


▲Up To Search▲   

 
Price & Availability of STF2020A-1000-BZ205W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X