Part Number Hot Search : 
TCU10A60 IDT72V SW610 MAX108 MTZJ22 2SA1289 NC7SV74K MMBD44
Product Description
Full Text Search
 

To Download SRB3060C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SCHTTKY BARRIER RECTIFIER
SRB3020C THRU SRB30100C
FEATURES
*
VOLTAGE RANGE CURRENT
20 to 100 Volts 30.0 Ampere
* * * * *
Plastic package has Underwriters Laboratory Flammability Classification 94V-O utilizing Flame Retardant Epoxy Molding Compound Exceeds environmental standards of MIL-S-19500/228 Low power loss,high efficiency Low forward voltage,high current capability High surge capacity For use in low voltage, high frequency inverters Free wheeling, and polarity protection applications
MECHANICAL DATA
* * * * *
Case: D2-PAK/TO-263AB Molded Plastic Terminals: Lead solderable per MIL-STD-202, Method 208 Polarity: as marked Mounting position: Any Weight: 0.06ounce, 1.7grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% SRB SRB SYMBOLS SRB
3020C 3030C
SRB
3040C
SRB
3045C
SRB
3050C
SRB
3060C
SRB
3080C
SRB
30100C
3035C
UNIT Volts Volts Volts Amps Amps
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at Tc=90 Peak Forward Surge Current 8.3ms single half sine wave superimposed on rated load (JEDEC method) Maximum Forward Voltage per at15.0A per element Maximum DC Reverse Current at rated DC Blocking Voltage per element Typical Junction Capacitance(Note2) Typical Thermal Resistance (Note 1) Operating and Storage Temperature Range TC = 25 TC = 100
VRRM VRMS VDC I(AV) IFSM VF IR CJ RJC TJ TSTG
20 14 20
30 21 30
35 25 35
40 28 40
45 32 45 30.0 200
50 35 50
60 42 60
80 56 80
100 70 100
0.65
0.72
0.75 1.0 100 500 2.0 (-55 to +150)
0.85
Volts mA pF
/W
Notes: 1. Thermal Resistance Junction to CASE 2. Measured at VR=4v and f=1MHz
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
SCHTTKY BARRIER RECTIFIER
SRB3020C THRU SRB30100C
VOLTAGE RANGE CURRENT
20 to100 Volts 30.0 Ampere
RATING AND CHRACTERISTIC CURVES SRB3020C THRU SRB30100C
FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE
30 40
FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERSTIC INSTNTANCEOUS FORWARD CURRENT,
20,30V
20 10 8 6 4
AVERAGE FORWARD CURRENT,
24
80,100V
AMPERES
AMPERES
18
35,40.45V
50,60V
2 1.0 0.8 0.6 0.4 0.2 0.1 0.4
12
6
Tj =25 Pulse Width=200s
0
0
50
CASE TEMPERATRUE ( )
100
150
0.5
0.6
0.7
0.8
0.9
1.0
1.1
INSTANTANEOUS FORWART VOLTAGE,VOLTS
FIG.4-MAXIMUM NON-REPETITIVE SURGE CURRENT
200
FIG.2-TYPICAL REVERSE CHARACTERISTICS
100 150
8.3ms Single Half Sine-Wave JEDEC Method
PEAK FORWARD SURGE
TC=100
CURRENT,AMPERES
100
INSTANTANEOUS REVERSE CURRENT, MILIAMPERES
10
50
TC=75
0 1 1.0 2 5 10 20 50 100
NUMBER OF CYCLES AT 60 Hz
FIG.5-TYPICAL JUNCTION CAPACITANCE
TC=25
400
CAPACITANCE,pF
0.1
350
300
250
TJ =25
200
0.01
0
100
120
200
300
150
REVERSE VOLTAGE VOLTS
1 2 5 10 20 50 100 200 500
REVERSE VOLTAGE,VOLTS
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of SRB3060C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X