|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
High Pass Filter 50 27.5 to 800 MHz Features -55C to 100C -55C to 100C 0.5W max. Coaxial SHP-25+ Maximum Ratings Operating Temperature Storage Temperature RF Power Input * rugged shielded case * other standard and custom SHP models available with wide selection of fco Connectors SMA CASE STYLE: FF99 Model Price Qty. SHP-25+ $40.95 ea. (1-9) Applications * lab use * transmitters/receivers * radio communications + RoHS compliant in accordance with EU Directive (2002/95/EC) The +Suffix has been added in order to identify RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications. High Pass Filter Electrical Specifications STOPBAND (MHz) (loss > 40 dB) (loss > 20 dB) 13-19 fco (MHz) Nom. (loss 3 dB) 25 PASSBAND (MHz) (loss <1 dB) 27.5-800 Stopband Typ. 18 VSWR (:1) Passband Typ. 1.7 Outline Drawing DC-13 typical frequency response 40 Attenuation, dB RF IN electrical schematic RF OUT 20 3 1 DC .75 1 1.1 .5 Frequency/fco Typical Performance Data Return Loss (dB) 0.16 0.15 0.11 0.20 0.20 0.33 0.34 0.29 0.38 8.53 26.43 18.63 17.01 17.14 19.33 30.73 25.92 23.84 22.80 21.78 20.86 19.97 19.15 18.38 17.74 17.04 16.51 15.88 15.38 14.89 70 GROUP DELAY (nsec) 60 50 40 30 20 10 0 0 200 400 FREQUENCY (MHz) 600 800 Outline Dimensions ( inch ) mm B D .67 1.98 17.02 50.29 E wt .312 grams 7.92 42.0 Frequency (MHz) 10.00 11.00 12.00 13.00 14.00 15.00 16.00 17.00 18.00 25.00 27.00 28.00 29.00 30.00 50.00 100.00 150.00 200.00 250.00 300.00 350.00 400.00 450.00 500.00 550.00 600.00 650.00 700.00 750.00 800.00 35 RETURN LOSS (dB) 30 25 20 15 10 5 0 0 200 at RF level of 0 dBm Insertion Loss (dB) _ x 67.19 68.52 58.67 53.20 48.60 43.62 38.71 34.04 29.51 1.37 0.47 0.45 0.42 0.39 0.25 0.18 0.20 0.21 0.23 0.24 0.27 0.28 0.30 0.32 0.35 0.36 0.39 0.41 0.43 0.45 RETURN LOSS Frequency (MHz) 10.00 11.00 12.00 13.00 14.00 15.00 16.00 17.00 18.00 25.00 27.00 28.00 29.00 30.00 50.00 100.00 150.00 200.00 250.00 300.00 350.00 400.00 450.00 500.00 550.00 600.00 650.00 700.00 750.00 800.00 at RF level of 0 dBm Group Delay (nsec) 40.11 34.82 31.93 29.96 28.87 28.34 25.81 24.89 28.84 65.12 59.20 53.28 46.47 40.06 9.87 2.50 1.26 0.85 0.65 0.55 0.48 0.44 0.41 0.40 0.38 0.37 0.35 0.34 0.34 0.34 GROUP DELAY 3.53 6.60 1.74 1.29 0.72 0.76 0.65 0.72 0.70 0.11 0.03 0.04 0.06 0.06 0.01 0.00 0.00 0.00 0.00 0.00 0.00 0.00 0.00 0.00 0.00 0.00 0.01 0.01 0.01 0.01 100 INSERTION LOSS (dB) at RF level of 0 dBm INSERTION LOSS 10 1 0 0 200 400 FREQUENCY (MHz) 600 800 400 FREQUENCY (MHz) 600 800 Mini-Circuits ISO 9001 ISO 14001 CERTIFIED RF/IF MICROWAVE COMPONENTS (R) minicircuits.com REV. C M108294 SHP-25+ 070308 EW ALL N P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com |
Price & Availability of SHP-25 |