Part Number Hot Search : 
CM509K 2405DH S1828 HCS164K SUT061G CP5028 SH550 97CFDC
Product Description
Full Text Search
 

To Download SFP-SATA-SAS-DR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Datasheet
SAS/SATA SFP Transceivers
Features
Dual rate 1.5/3.0 Gbps Full transparency to end devices Input signal detection TX disable
Overview
Standard SAS/SATA connector
There are a number of different protocols used in the storage industry. In a storage test lab environment, flexibility and multi-protocol support is paramount to efficient operation. When dealing with the SAS/SATA protocol, cable length restraints and connector reliability compromise efficiency even further. MRV's physical layer switch, the Media Cross Connect (MCC), addresses storage lab efficiency by providing a wire-once solution with support for Fibre Channel, iSCSI, FCoE, and now SAS/SATA in one system.
SAS/SATA Modules Provide a Complete Wire-Once Solution
Using the MCC in a storage test lab enables lab administrators to physically connect storage equipment of various types and protocols providing greater flexibility and improved efficiency. The MCC is initially cabled to all lab devices then software commands are used to configure and store test topologies to be recalled as needed. Test time and configuration errors are reduced, repeatability of tests like disaster or failover simulation is simplified, and expensive test equipment can be shared. MRV developed a small form-factor pluggable (SFP) device specifically to support Serial Attached SCSI (SAS)/Serial ATA (SATA) to be used with the MCC interface blade. The SAS/SATA SFP is available in two models: the Host SFP connects to the initiator and the Drive SFP connects to the target. The blade architecture of the MCC allows mixing different types of blades in a single system. MRV's SAS/SATA SFP provides the flexibility to support different protocols within the same blade and allows the MCC to be tailored to meet the specific needs of the testing environment. COMPLEX MADE SIMPLE: WIRE-ONCE AND RECONFIGURE REMOTELY
MCC-144
DR
Edge
DR 1
HD
HD
DR 2
DR 3
DR 4
DR 5
SATA
DR
Edge
DR
Initiator
Edge
DR
Edge
Fan Out
Initiator
HD 1
HD 2
HD 3
HD 4
HD 5
SAS
DR
Initiator
Edge
DR
DR
DR
Edge
Initiators
sales@mrv.com
1
Datasheet
MCC Applications Test Lab Environments:
* Configure SAS/SATA, Fibre Channel, and FCoE using the same system. * Simplify the complexities of testing clusters, RAID, and other storage array configurations. * Cover more corner cases in product design. * Simulate cable breaks or intermittent links in a controlled environment. * Increase test lab productivity and decrease time to market for new products.
Enterprise Storage Networks:
* Remotely connect a back-up disk after a failure for disk backup. * Connect disk and host to the MCC, and for maximum security patch them together only when being used to read/ write .
Ordering Information (use in pairs as shown)
Typical Power Consumption (mWatts) Temperature Range (C) 0 to 65 0 to 65 Description Connectors Supply Voltage (V) 3.3 3.3 Protocol SAS/SATA Model
SFP-SATA-SAS-HT
This SFP plugs into the EMPMC-36SFP for 1.5G and 3G SAS/ SATA applications, using the MCC 2/4 slot chassis, Host side This SFP plugs into the EMPMC-36SFP for 1.5G and 3G SAS/ SATA applications, using the MCC 2/4 slot chassis, Drive side
SATA Plug
600
SFP-SATA-SAS-DR
SAS/SATA
SATA Plug
600
For detailed information about MRV's Media Cross Connect system, visit www.mrv.com/tap .
MRV has more than 50 offices throughout the world. Addresses, phone numbers and fax numbers are listed at www.mrv.com. Please e-mail us at sales@mrv.com or call us for assistance.
MRV Los Angeles 20415 Nordhoff St. Chatsworth, CA 91311 800-338-5316 818-773-0900 MRV Boston 295 Foster St. Littleton, MA 01460 800-338-5316 978-952-4700 MRV International Business Park Moerfelden Waldeckerstrasse 13 64546 Moerfelden-Walldorf Germany Tel. (49) 6105/2070 Fax (49) 6105/207-100
All statements, technical information and recommendations related to the products herein are based upon information believed to be reliable or accurate. However, the accuracy or completeness thereof is not guaranteed, and no responsibility is assumed for any inaccuracies. Please contact MRV Communications for more information. MRV Communications and the MRV Communications logo are trademarks of MRV Communications, Inc. Other trademarks are the property of their respective holders.
MRV-OP-SASSATA-090308
3020050-001 Rev. A2
Copyright (c)2008 MRV Communications, Inc. All Rights Reserved.


▲Up To Search▲   

 
Price & Availability of SFP-SATA-SAS-DR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X