Part Number Hot Search : 
MMSZ52 1N4732A AN41400A 200AA APC77176 TM32F DAT76191 MAX1906
Product Description
Full Text Search
 

To Download SC955100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S/MON/SC955100/A/03/02/2000
page 1 /2 F/GB
Relais statique monophase de puissance Power Solid State Relay
* Sortie AC synchrone : 12-440VAC-50A * Possibilite de protection IP20 en option : Capot 1K460000 * Adapte aux charges resistives * 12-440VAC -50A Zero-Cross AC Output. * IP20 Protection optional (1K460000). * Designed for resistive loads.
Dimensions/Size
27 22,8
0,5
SC955100
5-30VDC control 50A/400VAC output
Application typique/Typical application
12-440VAC
28 O4,7 M4
protection reseau line protection
19,6
1~ 58,2 43,2 2~ 47,6
Entree control 5-30VDC
4-
1
47,5
3+
+
5,1
3+
2
25,8 TOLERANCES 0,3
25,4 44,5
M3
* 1-2 peuvent etre inversees/ 1 -2 can be changed * le relais doit etre monte sur dissipateur thermique / SSR must be mounted on a heatsink * option : couvercle de protection des bornes : 1K460 000 / cover : 1K460 000
CHARGE/ LOAD
Caracteristiques de commande (a 20C) / Control characteristics (at 20C) Parametre / Parameter Tension de commande / Control voltage Courant de commande / Control current (@ Uc ) Tension de relachement/Release voltage Resistance interne / Input internal resistor fig.1 Tension inverse / Reverse voltage Symbol Uc Ic Uc off Rc Urv Min 5 3 1 DC Nom Max 30 30 Unit V mA V V VRMS VRMS V
30 28 26 24 22 20 18 16 14 12 10 8 6 4 2 0
fig. 1 :Caracteristique d'entree / Control characteristic
fig1 : Caracteristique d'entree / Control characteristic
1000 30
Caracteristiques d'entree-sortie (a 20C) / Input-output characteristics (at 20C) Isolement entree-sortie/Input-output isolation @500m Ui 4000 Isolement sortie-semelle/Output-case isolation @500m Ui 3300 Tension assignee Isolement/Rated impulse voltage Uimp 4000 Caracteristiques generales / General characteristics Parametre / Parameter Poids/Weight Plage de temperature de stockage / Storage temperature range Plage de temperature de fonctionnement/Operating temperature range
Ic (mA)
0
2
4
6
8
10 12 14 16 18 20 22 24 26 28 30
Uc (V)
Conditions
Symbol
Typ. 90 -40 / +100 -40 / +100
Unit g C C
Proud to serve you
All technical caracteristics are subject to change without previous notice. Caracteristiques sujettes a modifications sans preavis.
celduc
r e l a i
s
S/MON/SC955100/A/03/02/2000
Caracteristiques de sortie(a 20C) / Output characteristics (at 20C) Parametre / Parameter Tension de charge / Load voltage Plage tension de fonctionnement / Operating range Tension crete / Peak voltage Niveau de synchonisation / Synchronizing level Tension d'amorcage / Latching voltage Courant nominal AC-51/ AC-51 nominal current Courant nominal AC-53/ AC-53 nominal current Courant de surcharge non repetitif /Non repetitive overload current Chute tension directe crete/ On state voltage drop Courant de fuite etat bloque/ Off state leakage current Courant de charge minimum / Minimum load current Temps de fermeture/ Turn on time Temps d'ouverture/ Turn off time Plage de frequence / Operating frequency range dv/dt etat bloque / Off state dv/dt dI/dt maximum non repetitif/ Maximum di/dt non repetitive I2t (<10ms) EMC Test d'immunite conduite / Conducted immunity level EMC Test d'immunite conduite / Conducted immunity level Conformite / Conformity
page 2 / 2 F/GB
Conditions Symbol Ue Uemin-max Up Usync Ua Ie AC-51 Itsm Vd Ilk Ie min ton max toff max f dv/dt di/dt I2t Typ. 400 12-440 800 12 10 50 Unit V rms V rms V V V A rms
Ie nom ( see Fig. 2 )
*
tp=10ms (Fig. 3) @ Ie nom @Ue, 50Hz Uc nom DC ,f=50Hz Uc nom DC ,f=50Hz 550 A 1,45 V <3 mA 5 mA 10 ms 10 ms 0,1-440 Hz 500 V/s 50 A/s 1500 A2s 2kV criterion B 2kV crit.A with external VDR
IEC 1000-4-4 (burst) IEC 1000-4-5(schocks) EN60947-4-x
T case max (C) 70 75
Fig. 2 Courbes thermiques / Thermal characteristics
Pd ( watts) 100 90 0,95K/W 80 70 60 50 40 30 20 10 0 0 5 10 15 20 25 30 35 40 45 50 55 60 0 10 20 30 40 50 60 70 80 90 100 110 120 RMS load current : I (A) Ambient temperature : Tamb (C) 6K/W 50% on state 1,6K/W Full on state 0,55K/W 0,75K/W 0,3K/W
* For other loads
consult celduc Pour autres charges consulter celduc
80 85 1,1K/W 90 95 100 2,2K/W
Fig.3 Surcharge de courant : Itsm (Apeak) = f(t) pour modele 50A(Itsm=550A) Surge current : Itsm (Apeak) = f(t) for 50A models with Itsm =550A 600 Itsm (Apeak) 400
Surcharge de courant non repetitive sans tension reappliquee / No repetive surge current without voltage reapplied.
1 -Itsm non repetitif sans tension reappliquee est donne pour la determination des protections. No repetitive Itsm is given without voltage reapplied for the determination of the protection. 2 -Itsm repetitif est donne pour des surcharges de courant (Tj initiale=70C). La repetition de ces surcharges de courant diminue la duree de vie du Relais. Repetitive Itsm is given for inrush current with initial Tj = 70C. The repetition of the surge current decrease the lifetime SSR's .
200 0
Surcharge de courant repetitive avec tension reappliquee Repetive surge current with voltage reapplied.
0,01
0,1
t (s)
1
10
Precautions : * Les relais a semiconducteurs ne procurent pas d'isolation galvanique entre le reseau et la charge.
Cautions : * Semiconductor relays don't provide any galvanic insulation between the load and the mains.
celduc
r e l a i s
www.celduc.com
Rue Ampere B.P. 4 42290 SORBIERS - FRANCE E-Mail : celduc-relais@celduc.com Fax +33 (0) 4 77 53 85 51 Service Commercial France Tel. : +33 (0) 4 77 53 90 20 Sales Dept.For Europe Tel. : +33 (0) 4 77 53 90 21 Sales Dept. Asia : Tel. +33 (0) 4 77 53 90 19


▲Up To Search▲   

 
Price & Availability of SC955100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X