Part Number Hot Search : 
RUS1H21R 1N3527 RHL50KE YM72V804 200AB NNCD68PL PBL403 CEP5175
Product Description
Full Text Search
 

To Download RT240128ASR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RT240128ASR(L)
o
*240X128 DOTS *1/64Duty 1/9 Bias Gray mode STN Transflective EXTERNAL DIMENSIONS AND DISPLAY PATTERN
MECHANICAL DATA (Nominal dimensions) module size-----------------144.0Wx104.0Hx10.0D mm Effective display area ------------ 114.0Wx64.0H mm Dots pitch---------------------------- 0.45Wx0.45H mm Dot size------------------------------- 0.40Wx0.40H mm ABSOLUTE MAXIMUM RATINGS min max Power supply voltage(Vdd)------------- 0.3 7.0V LCD-drive Voltage(Vlcd)-------- VDD+0.3 VDD-3.0V Operating temperature(Ta) ------------------- 0 60ae Stroage temperature(Tstg) -------------------- -10 70ae
o
o
o
ELECTRICAL CHARACTERISTICS min max
, Vdd=5.0V+0.25V
Ta=25ae
Input 'high' voltage(ViH)(V) ----------0.7Vdd Vdd Input 'low' voltage(ViL)(V) --------------- 0 0.3Vdd Power supply current(Idd)(mA) ----------- --Supply lcd current(Ilcd)(mA)----------------- --Drive method ------------------------- 1/64Duty 1/9bias LCM power consum ----------------------- -- 20mA
o
BLOCK DIAGRAM
PIN CONNECTION Pin No. Symbol Level Function 1 FG 0V Frame ground 2 VSS 0V Groud VDD +5V Power supply 3 Operating voltage V0 4 for LCD drive /WR H/L Write singal 5 /RD H/L Read singal 6 7 CE L Chip enable signal H:Instrction code H/L 8 C/D L:Daa code 9 RESET L Reset singal 10 D0 11 D1 12 D2 13 D3 Data bus line * 14 D4 15 D5 16 D6 17 D7 18 FS H/L Font select(H:6x*dots L:8x8 dots) 19 NC Not connection 20 Power supply for LED LED+ Power supply for LED LED21
o


▲Up To Search▲   

 
Price & Availability of RT240128ASR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X