Part Number Hot Search : 
1N5258 SL1710 120CRP EA40QC10 68HC908A WM8944B STN4346 5KP24A
Product Description
Full Text Search
 

To Download RC0801-100G100J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CAPACITOR AND RESISTOR/CAPACITOR NETWORKS
RESISTORS CAPACITORS COILS DELAY LINES
RC SERIES
RoHS
Term.W is RoHS compliant & 260C compatible
RC1001 250G101K
Widest selection in the industry! Low cost resulting from automated production PCB space savings over discrete components Custom circuits available Exclusive SWIFTTM delivery available (refer to DSN series) Options include voltage ratings to 2KV, multiple values, custom marking, low profile & narrow profile designs, diodes, etc.
STANDARD SCHEMATICS (Custom circuits available)
. . . .. . . . . .. . . .. . . . . .. . .
RC-01 (4, 5, 6, 7, 8, 9,10,11,12,13,14 pin)
RC-02 (5, 7, 9,11,13 pin)
.....
Opt. N= .100 [2.54] Max.
.135 [3.43] Max.
Length=0.1" X No. of pins max
Pin #1
..
.....
.
.
.350 [8.9] Max.
(low profile avail)

RC-03 (5, 7, 9,11,13 pin)
RC-04 (5, 7, 9,11,13 pin)
.012 [.30]
.020 [.5]
Dimensions: Inch [mm]

.100 .01 [2.54 .25]
.102 [2.6] Min.
. . . . . . . .. .. .
RC-05 (5, 7, 9,11,13 pin)
.
. .
...
RC-06 (4, 6, 8,10,12,14 pin)
SPECIFICATIONS
RESISTORS Resistance Range: 22 to 1M standard, 1 to 100M avail. Tolerance: 5% standard, 2% and 1% available Temp. Coefficient: 100ppm typ (250ppm <50 & >2.2M) Voltage rating: 50V (up to 1KV available) Operating Temp: -55 C to +125C Power Rating: .2W @25C (package power = .125W/pin) CAPACITORS Capacitance Range: 10pF to 0.1F standard, 0.5pF to 10F avail. Voltage rating: 50V standard, 6.3V to 2KV available Dielectric: COG(NPO), X7R, X5R, Y5V, Z5U* Standard capacitance values & dielectrics: refer to table below (most popular models listed in bold). Any combination of chips from RCD's CE Series can be utilized on a custom basis.
P/N CODE 100K G 220K G 330K G 470K G 560K G 680K G 101K G 151K G 221K G 331K G 471K G 561K G 681K G 102MR 222MR 472MR 103MR 223ZV 333ZV 473ZV 683ZV 104ZV CAP. VALUE 10pF 22pF 33pF 47pF 56p F 68pF 100p F 150pF 220p F 330pF 470p F 560pF 680pF 1000p F 2200pF 4700pF .01F .022F .033F .047F .068F 0.1F TOL. 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 10% 20% 20% 20% 20% +80%/-20% +80%/-20% +80%/-20% +80%/-20% +80%/-20% TYPE NPO/COG NPO/COG NPO/COG NPO/COG NPO/COG NPO/COG NPO/COG NPO/COG NPO/COG NPO/COG NPO/COG NPO/COG NPO/COG X 7R X 7R X 7R X 7R Y5V* Y5V* Y5V* Y5V* Y5V* VOLTAGE 50V 50V 50V 50V 50V 50V 50V 50V 50V 50V 50V 50V 50V 50V 50V 50V 50V 50V 50V 50V 50V 50V
......
......
RC-07 (8 pin)
RC-08 (8 pin)
........
........
RC-09 (10 pin)
RC-10 (10 pin)
...
.. ..
..
. . . .. . . . . . .
RC-11 (4, 5, 6, 7, 8, 9,10,11,12,13,14 pin)
RC-12 (5, 7, 9,11,13 pin)
.
RC-13 (4, 5, 6, 7, 8, 9,10,11,12,13,14 pin)
. . . . . . ..
RC-15 (4, 5, 6, 7, 8, 9,10,11,12,13,14 pin)
P/N DESIGNATION:
Type (RC Series) Number of Pins (4 -14 std, 2 -20 avail) Configuration Number Options: assigned by RCD, leave blank if std Resis.Code () 2 signif. figures & multiplier, (e.g. 100=10, 101=100, 102=1K, 105=1M) Resistor Tol. Code: J=5% (standard), G=2% Capac. value (pF) 2 signif. figures & multiplier, e.g. 100=10pF, 101=100pF, 102=1000pF, 104=100000pF (.1uF ) Capac. Tol. Code: J=5%, K=10%, M=20%, Z=+80%/-20% Cap. Voltage (if other than std 50V): 006=6.3V, 010=10V, 016=16V, 025=25V, 101=100V, 201=200V, 501=500V, 102=1KV, 202=2KV. Cap. Dielectric: G=COG(NPO), R=X7R, X=X5R, U=Z5U, V=Y5V Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable)
* Y5V is standard, Z5U is available (Y5V & Z5U are considered interchangeable)
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
FA100 Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
39
> > >
> > >
> > >
. > > > .
.. . . . .. > > > > > > . . . . . . . . . .. .
. > > > .
.. . . . . > > > > > > . . . . . ..
RC-14 (4, 5, 6, 7, 8, 9,10,11,12,13,14 pin)
..
RC-16 (4, 6, 8,10,12,14 pin)
RC 08 01
- 102 J 561 K
GW


▲Up To Search▲   

 
Price & Availability of RC0801-100G100J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X