Part Number Hot Search : 
FEDL720 EV0007 K4S51 SAA9740H MP3422GG 405C32BM ITXG71 RF200
Product Description
Full Text Search
 

To Download RB156 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER RB151 THRU RB157
FEATURES l Low cost construction l High forward surge current capability l Ideal for printed circuit board l High isolation voltage from case to leads l High temperature soldering guaranteed: 260 oC/10 second, at 5 lbs. (2.3kg) tension.
VOLTAGE RANGE CURRENT 50 to 1000 Volts 1.5 Amperes
R B -15
.366( 9.3) .350( 8.9) .173( 4.4) .157( 4.0)
1.1 ( 27.9) M IN
1.0 ( 25.4) M IN
MECHANICAL DATA l Case: Molded plastic body l Terminal: Lead solderable per MIL-STD-202E method 208C. l Polarity: Polarity symbols molded on case l Mounting: Thru hole for #6 screw, 5 in.-lbs torque max. l Weight:0.13ounce, 3.66 grams
.032( 0.8) .028( .07) POS LEA D
.220( 5.6) .180( 4.6)
.220( 5.6) .180( 4.6)
D im ensions in inches and (m illim eters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25oC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load derate current by 20%.
SYMBOLS RB151 Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Output Current, at TC=25(Note 2) Peak Forward Surge Current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Rating for Fusing(t<8.3ms) Maximum Instantaneous Forward Voltage at 1.0A Maximum DC Reverse Current at rated TA=25 DC blocking voltage per element TA=100 Typical Junction Capacitance(Note 1) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range VRRM VRMS VDC I(AV) IFSM I2T VF IR CJ RJA TJ TSTG 50 35 50 RB152 100 70 100 RB153 200 140 200 RB154 400 280 400 1.5 50 10 1.0 5.0 0.5 15 40 -55 to +150 -55 to +150 RB155 600 420 600 RB156 800 560 800 RB157 1000 700 1000 UNITS Volts Volts Volts Amps Amps A2 S Volts Amps mAmps pF /W
NOTES: 1. Unit mounted on 8.7"x8.7"x0.24" thick (22x22x0.6 cm) Al. plate. 2. Unit mounted on P.C.B at 0.375" (9.5mm) lead length with 0.22"x0.22" (5.5x5.5mm) copper pads.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com 1/2
MASTER INSTRUMENT CORPORATION
SINGLE-PHASE BRIDGE RECTIFIER RB151 THRU RB157
VOLTAGE RANGE CURRENT 50 to 1000 Volts 1.5 Amperes
E-mail: sales@cnmic.com
Web Site: www.cnmic.com 2/2


▲Up To Search▲   

 
Price & Availability of RB156

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X