Part Number Hot Search : 
3261I07 CJL818C 3P242L 000A9 FR16JR02 OM5193 IZ1583 MBR1040F
Product Description
Full Text Search
 

To Download PT21761 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 March 27, 2006
217 SERIES RADIAL LEAD INDUCTORS
Features
Designed for use in EMI filters and telephones Inductance Range from 0.1H to 1.5mH Materials meet UL94V-0 Operating Temp. -40C to +130C (see note below) Custom Inductance Values Available ELECTRICAL SPECIFICATIONS AT 25C
Part Number PT21701 PT21702 PT21703 PT21704 PT21705 PT21706 PT21707 PT21708 PT21710 PT21711 PT21712 PT21713 PT21714 PT21715 PT21716 PT21717 PT21718 PT21719 PT21720 PT21731 PT21732 PT21733 PT21734 PT21735 PT21736 PT21737 PT21738 PT21739 PT21740 PT21741 PT21742 PT21743 PT21744 PT21745 PT21746 PT21747 PT21761 PT21762 PT21763 PT21764 PT21765 PT21766 PT21767 PT21768 PT21769 Note: 1. 2. Full rated current is based on an ambient operating temperature of 85C with a 45C maximum temperature rise in free air, all materials are rated at 155C or higher. For non-RoHS parts consult factory for special part numbers. Inductance (uH) 1.0 20% 1.5 20% 2.2 20% 3.3 20% 4.7 20% 6.8 20% 10 10% 15 10% 22 10% 33 10% 47 10% 68 10% 100 10% 150 10% 220 10% 330 10% 470 10% 680 10% 1000 10% 3.3 10% 4.7 10% 8.8 10% 10 10% 15 10% 22 10% 33 10% 47 10% 68 10% 100 10% 150 10% 220 10% 330 10% 470 10% 680 10% 1000 10% 1500 10% 1.0 10% 1.5 10% 2.2 10% 3.3 10% 4.7 10% 6.8 10% 10 10% 15 10% 22 10% Q Typ 30 " " " " 30 70 60 60 55 45 45 35 50 35 36 55 40 140 25 25 25 60 45 60 45 40 35 30 35 25 30 20 20 50 90 20 20 20 20 20 20 75 70 65 Test Frequency (MHz) 7.960 " " " " 7.960 2.520 " " 2.520 " " 0.796 " 0.796 " " " 0.252 7.960 " " 2.520 " 2.520 " " " 0.796 0.796 " " " " 0.252 " 0.796 " " " " 0.796 2.52 " " SRF Typ (MHz) 100 78 63 50 41 33 27 21 17 13 11 9.0 7.2 5.7 4.5 3.6 2.9 2.3 1.9 54 50 38 30 24 17 15 13 10 8.2 6.6 5.3 4.2 3.4 2.5 2.3 1.8 150 110 68 59 45 34 26 19 14 DCR Ohms (Max) 0.006 0.006 0.010 0.018 0.022 0.028 0.043 0.056 0.086 0.140 0.170 0.260 0.330 0.560 0.720 1.100 1.700 2.300 4.300 0.013 0.017 0.022 0.031 0.042 0.070 0.082 0.130 0.160 0.230 0.400 0.430 0.750 1.000 1.500 2.200 3.500 0.004 0.006 0.006 0.006 0.009 0.012 0.015 0.019 0.026 Rated DC Current (A) (Max) 5.00 4.30 3.90 2.90 2.60 2.30 1.90 1.60 1.30 1.00 0.94 0.73 0.67 0.52 0.46 0.37 0.30 0.26 0.19 3.40 3.00 2.60 2.20 1.90 1.50 1.20 1.00 0.97 0.81 0.61 0.52 0.44 0.39 0.32 0.26 0.21 8.40 5.60 5.00 4.50 4.00 3.50 3.20 2.80 2.40 Package Schematic A " " " " A " " " A " " " " A " " " " B " " " " B " " " " B " " " " " " C " " " " C " " "
DATATRONIC: 28151 Highway 74, Romoland, CA 92585
Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701 Email: ddisales@datatronics.com 499 King's Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290 All specifications are subject to change without notice.
March 27, 2006
MECHANICAL OUTLINES
A
1
B
D
E
2 SCHEMATIC
C
UL TUBE
F
Dimensions
A Max 10.0mm 0.393"
B
C
D Max 8.0mm 0.314"
E Max 0.70mm 0.027"
F Ref 1.5mm 0.059"
Package A
12.0-15.0mm 0.472-0.590"
5.00.5mm 0.1960.020"
Package B
10.5mm 0.413"
15.0-20.0mm 0.590-0.787"
5.00.5mm 0.1960.020"
9.5mm 0.374"
0.70mm 0.027"
1.5mm 0.059"
Package C
13.0mm 0.511"
15.0-20.0mm 0.590-0.787"
5.00.5mm 0.1960.020"
10.5mm 0.413"
0.70mm 0.027"
1.5mm 0.059"
DATATRONIC: 28151 Highway 74, Romoland, CA 92585
Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701 Email: ddisales@datatronics.com 499 King's Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290 All specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of PT21761

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X