Part Number Hot Search : 
200248FI 00190 6066R HIN232 4VHC08 20240 1N4763 1T450CH2
Product Description
Full Text Search
 

To Download PSC23-11SRWA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 56.8mm (2.3 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
Part Number: PSC23-11SRWA
SUPER BRIGHT RED
Features
2.3 INCH CHARACTER HEIGHT. LOW CURRENT OPERATION. HIGH CONTRAST AND LIGHT OUTPUT. EASY MOUNTING ON P.C. BOARDS OR SOCKETS. MECHANICALLY RUGGED. STANDARD : GRAY FACE, WHITE SEGMENT. RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions & Internal Circuit Diagram
Notes: 1. All dimensions are in millimeters (inches), Tolerance is 0.25(0.01")unless otherwise noted. 2. Specifications are subject to change without notice.
SPEC NO: DSAD2414 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE:JUN/01/2007 DRAWN:Z.Z.YANG
PAGE: 1 OF 6 ERP: 1311000150
Selection Guide
Part No. Dice Lens Type Iv (ucd) [1] @ 10mA Min. PSC23-11SRWA SUPER BRIGHT RED (GaAIAs) WHITE DIFFUSED 12000 Typ. 75000 Common Cathode, Rt. Hand Decimal Description
Note: 1. Luminous Intensity/ Luminous Flux: +/-15%.
Electrical / Optical Characteristics at TA=25C
Symbol peak D[1] 1/2 C Parameter Peak Wavelength Dominant Wavelength Spectral Line Half-width Capacitance A1,A2,D1,D2,P,K VF[2] Forward Voltage 3.7 B,C,E,F,G,H,J,L,M,N DP A1,A2,D1,D2,P,K IR Reverse Current B,C,E,F,G,H,J,L,M,N DP
Notes: 1. Wavelength: +/-1nm. 2. Forward Voltage: +/-0.1V.
Device Super Bright Red Super Bright Red Super Bright Red Super Bright Red
Typ. 660 640 20 45
Max.
Units nm nm nm pF
Test Conditions IF=20mA IF=20mA IF=20mA VF=0V;f=1MHz
5.0 V IF=20mA
Super Bright Red 1.85 2.5 10 20 10
Super Bright Red
uA
VR = 10V VR = 10V VR = 5V
Absolute Maximum Ratings at TA=25C
Parameter A1,A2,D1,D2,P,K Power dissipation B,C,E,F,G,H,J,L,M,N DP A1,A2,D1,D2,P,K DC Forward Current B,C,E,F,G,H,J,L,M,N DP A1,A2,D1,D2,P,K Peak Forward Current [1] B,C,E,F,G,H,J,L,M,N DP A1,A2,D1,D2,P,K Reverse Voltage B,C,E,F,G,H,J,L,M,N DP Operating / Storage Temperature Lead Solder Temperature [2]
Notes: 1. 1/10 Duty Cycle, 0.1ms Pulse Width. 2. 2mm below package base.
Super Bright Red 150 300 75
Units
mW
30 60 30
mA
155 310 155
mA
10 10 5 -40C To +85C 260C For 3-5 Seconds
V
SPEC NO: DSAD2414 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE:JUN/01/2007 DRAWN:Z.Z.YANG
PAGE: 2 OF 6 ERP: 1311000150
Super Bright Red
PSC23-11SRWA
Note:the curves are on the DP.
SPEC NO: DSAD2414 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE:JUN/01/2007 DRAWN:Z.Z.YANG
PAGE: 3 OF 6 ERP: 1311000150
Note:the curves are on the segment b,c,e,f,g,h,j,l,m,n.
SPEC NO: DSAD2414 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE:JUN/01/2007 DRAWN:Z.Z.YANG
PAGE: 4 OF 6 ERP: 1311000150
Note:the curves are on the segment a1,a2,d1,d2,p,k.
SPEC NO: DSAD2414 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE:JUN/01/2007 DRAWN:Z.Z.YANG
PAGE: 5 OF 6 ERP: 1311000150
PACKING & LABEL SPECIFICATIONS
PSC23-11SRWA
SPEC NO: DSAD2414 APPROVED: WYNEC
REV NO: V.9 CHECKED: Joe Lee
DATE:JUN/01/2007 DRAWN:Z.Z.YANG
PAGE: 6 OF 6 ERP: 1311000150


▲Up To Search▲   

 
Price & Availability of PSC23-11SRWA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X