Part Number Hot Search : 
RC64475 MUR820 JC208N SWSS0 MC1741CG UTR3310 V910M FR801F
Product Description
Full Text Search
 

To Download PR1000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PHOTOFLASH RECTIFIER
PR1000
THRU
PR1600
VOLTAGE RANGE CURRENT
1000 to 1600 Volt 0.5 Ampere
FEATURES Fast switching. Low leakage High forward surge current capability. High temperature soldering guaranteed: 260/10 seconds, 0.375" (9.5mm)lead length at 5 lbs (2.3kg) tension. MECHANICAL DATA Case: transfer molded plastic Epoxy: UL94V - 0 rate flame retardant. Polarity: Color band denotes cathode end. Lead: Plated axial lead, solderable per MIL - STD - 202E method 208C Weight: 0.012 ounce, 0.33grams MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 ambient temperature unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load derate current by 20% SYMBOLS VRRM VRMS VDC I(AV) PR1000 PR1200 A IR(AV) trr CJ TJ, TSTG (-65 to +175) Ns pF PR1400
PR1600 UNIT Volts Volts Volts mAmps
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, 0.375" (9.5mm) lead length at TA = 55 Peak Forward Surge Current 8.3ms single half sine - wave superimposed on rated load (JEDEC method ) Maximum Instantaneous Forward Voltage Drop at 0.5 A Maximum DC Reverse Current at rated DC blocking voltage at TA = 25 Maximum Full Load Reverse current, full cycle average, 0.375" (9.5mm) lead length at TL = 55 Maximum Reverse Recovery Time (Note 1) Typical Junction Capacitance (Note 2) Operating and Storage Temperature Range NOTES:
1.Test condition: IF = 0.5A, IR = 1.0A, IRR=0.25A 2.Measured at 1 MHz and applied reverse of 4.0 volts.
IFSM VF IR
Amps
Volts
MIC INVESTMENTS (CHINA) COMPANY LIMITED
RATINGS AND CHARACTERISTIC CURVES PR1000 THRU PR1600
FIG.2-MAXIMUM NON-REPETITIVE PEAK FIG.1-TYPICAL FORWARD CURRENT DERATING CURVE AVERAGE FORWARD CURRENT, PEAK FORWARD SURGE
20
FORWARD SURGE CURRENT
500
(JEDEC Method)
8.3ms Single Half Sine-Wave T =T j j max
CURRENT, (A)
(mA)
Single Phase
10
200
Half Wave 60Hz Resistive or Inductive Load 0.375''(9.5mm) lead length
1 Cycle
0 0 25 50 55 75 100 125 150 175
0 1 2 4 6 8 10
20
40
60
100
AMBIENT TEMPERATURE, ( C)
NUMBER OF CYCLES AT 60 Hz
FIG.4-TYPICAL JUNCTION CAPACITANCE FIG.3-TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
10 100
INSTANTANEOUS FORWARD CURRENT,
JUNCTION CAPACITANCE,(pF)
1.0
10
(A)
Tj =25 C f=1MHz V sig =50mV
p-p
0.1
1
T =25 C Pulse Width=300uS 1% Duty Cycle
j
0.1
1.0
10
100
REVRESE VOLTAGE,(V)
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
INSTANTANEOUS FORWARD VOLT AGE,(V)
FIG.5-TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
Trr
50 NONINDUCTIVE
10 NONINDUCTIVE (-)
+0.5A
(+) 25 Vdc (approx.) (-)
D.U.T.
PULSE GENERATIOR (NOTE 2) (+) OSCILLOSCOPE (NOTE 1)
0 -0.25A
1 NON INDUCTIVE
-1.0A
1cm SET TIME BASE FOR 50/100ns/cm
NOTES: 1.Rise Time =7ns max. Input Impedance= 1 megohm. 22pF 2.Rise time=10ns max. Source Impedance= 50 ohms


▲Up To Search▲   

 
Price & Availability of PR1000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X