Part Number Hot Search : 
HT7700A STE11 C106D2 2SD667 MCM6709 2SA1009L MAX10 60A273C
Product Description
Full Text Search
 

To Download ODA-6WB-100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BLUE/GREENENHANCED6mm2PHOTODIODE-PREAMPLIFIER
.078 .085 .050 MIN
ODA-6WB-100M
FEATURES * Large active area * Low noise * High sensitivity
Vout CASE
+V
.031 .035 GND (.200 PIN CTRS) -V
.370 .358
(.325) .016 .019 .028 (.012 MAX) .163
* Custom gains available
* Hermetically sealed TO-39 * Blue enhanced detector
SHOWN WITH CAP REMOVED FOR CLARITY
R1 C1
3
RoHS
IN D1
- U1
4 2 0.1 ufd
+V
IN +
1
V OUT
-V
0.1 ufd
ELECTRO-OPTICAL CHARACTERISTICS AT 23C PARAMETERS Dark Offset
TEST CONDITIONS Vs = 5 V BW = 0.1 to 1000 Hz = 450 nm = 940 nm = 940 nm Vs = 5 V Vs = 5 V Vs = 5
MIN
TYP 198 1.2
MAX 250 2
UNITS V rms V/W Hz pW/Hz mV
Dark Offset Noise Sensitivity Frequency Response (-3 db) NEP
20 900
28 1000 0.08 100 850 950
Transimpedence Gain Supply Current
M A
THERMAL PARAMETERS Voltage Supplies Power Dissipation 5 to 15V -25 to +100 C +260 C 30 mW
Storage and Operating Temperature
Soldering Temperature (1/16" from case for 3 secconds max)
750 Mitchell Road, Newbury Park, California 91320 Phone: (805) 499-0335, Fax: (805) 499-8108 Email: sales@optodiode.com, Website: www.optodiode.com
BLUE/GREENENHANCED6mm2PHOTODIODE-PREAMPLIFIER
TYPICAL SPECTRAL RESPONSE
ODA-6WB-100M
70 60 RESPONSIVITY (V/W) 50 40 30 20 10
0 200
300
400
500
600
700
800
900 1000 1100 1200
WAVELENGTH (nm)
750 Mitchell Road, Newbury Park, California 91320 Phone: (805) 499-0335, Fax: (805) 499-8108 Email: sales@optodiode.com, Website: www.optodiode.com


▲Up To Search▲   

 
Price & Availability of ODA-6WB-100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X