Part Number Hot Search : 
C143E PW654425 KDV240 PT78N IC16F FUJITSU 5N65K G15BN
Product Description
Full Text Search
 

To Download MMBZ5221B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
MMBZ5221B THRU MMBZ5259B
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
FEATURES
* * * * Planar Die construction Zener Voltages from 2.4V - 39V 500mW Power Dissipation Ideally Suited for Automated Assembly Processes
SOT-23
.020(0.50) .012(0.30)
MECHANICAL DATA
* Case: Molded Plastic * Terminals:Solder plated, solderable per MIL-STD-202, Method 208 * Polarity: See Diagram Below * Mounting position: Any * Weight: 0.008 gram Approx.
.063(1.60) .055(1.40)
.108(0.65) .089(0.25)
.091(2.30) .067(1.70) .118(3.00) .110(2.80)
.045(1.15) .034(0.85)
.051(1.30) .035(0.90) .026(0.65) .010(0.25)
.0043(0.11) .0035(0.09)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
o
.004 Max (0.10)
.027(0.67) .013(0.32)
Dimensions in inches(millimeters)
SYMBOL Zener Current see Table "Characteristics" Power Dissipation (Notes 1) at Tamb=25 oC Peak Forward Surge Current, 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) (Notes 2) Maximum Forward Voltage at IF=100mA Operating and Storage Temperature 5.0mm 2 Ptot IFSM VF TJ,Tstg
VALUE
UNITS
500 4.0 1.2 -55 to + 150
mW Amps Volts
o
C
Notes: 1. Mounted on (.013mm thick) land areas. 2. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
RATING AND CHARACTERISTIC CURVES (MMBZ5221B THRU MMBZ5259B)
Nominal Zener Test Zener Voltage Current IZT VZ@IZT Volts mA Maximum Zener Impedance ZZT@IZT ZZT@IZK Ohms Ohms mA A IZK Maximum Reverse Leakage Current IR @ VR Volts Typical Temperature Coefficient % / oC Max. Zener Current IZM@TA mA Marking Code
TYPE
MMBZ5221B MMBZ5222B MMBZ5223B MMBZ5225B MMBZ5226B MMBZ5227B MMBZ5228B MMBZ5229B MMBZ5230B MMBZ5231B MMBZ5232B MMBZ5233B MMBZ5234B MMBZ5235B MMBZ5236B MMBZ5237B MMBZ5238B MMBZ5239B MMBZ5240B MMBZ5241B MMBZ5242B MMBZ5243B MMBZ5244B MMBZ5245B MMBZ5246B MMBZ5247B MMBZ5248B MMBZ5249B MMBZ5250B MMBZ5251B MMBZ5252B MMBZ5253B MMBZ5254B MMBZ5255B MMBZ5256B MMBZ5257B MMBZ5258B MMBZ5259B
2.4 2.5 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.0 6.2 6.8 7.5 8.2 8.7 9.1 10 11 12 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 36 39
20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 3.4 3.2
30 30 30 30 28 24 23 22 19 17 11 9 7 5 6 8 9 10 17 22 30 13 14 16 17 19 21 23 25 29 33 36 41 44 49 58 70 80
1200 1250 1300 1600 1600 1700 1900 2000 1900 1600 1600 1600 1000 750 500 500 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 700 800
0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
100 100 75 50 25 15 10 5 5 5 5 5 5 3 3 3 3 3 3 3 2 1 0.5 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.0 6.5 6.5 8.0 8.4 9.1 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 27 30
- 0.070 - 0.065 - 0.060 - 0.055 0.030 0.030 +0.038 +0.038 +0.045 +0.050 +0.058 +0.060 +0.062 +0.065 +0.068 +0.075 +0.075 +0.076 +0.077 +0.079 +0.082 +0.082 +0.082 +0.083 +0.084 +0.084 +0.085 +0.085 +0.086 +0.086 +0.087 +0.087 +0.087 +0.089 +0.090 +0.091 +0.091 +0.092
188 180 167 150 136 126 115 106 97 89 81 76 73 67 61 55 52 50 45 41 38 35 32 30 28 27 25 24 23 21 19.1 18.2 16.8 16.2 15.1 13.8 12.6 11.6
C1 C2 C3 C5 D1 D2 D3 D4 D5 E1 E2 E3 E4 E5 F1 F2 F3 F4 F5 H1 H2 H3 H4 H5 J1 J2 J3 J4 J5 K1 K2 K3 K4 K5 M1 M2 M3 M4
NOTE: Standard Zener Voltage Tolerance 5%
mA 50
Breakdown characteristics
5V 10V 15V 20V
MMBZ52 SERIES
25V 30V
changes in the power dissipation due to the ambient temperature. Power dissipation
40 IZ 30 Test Current IZ 20mA
Pd(mw)
500 400 300 200 100 0 50 100 150 200 300
0 10 20
MMBZ5224
MMBZ5235 MMBZ5234 MMBZ5232 MMBZ5231 MMBZ5230 MMBZ5229 MMBZ5228
MMBZ5239
MMBZ5241
MMBZ5242
MMBZ5245
MMBZ5250
MMBZ5252
Ta(oC) Ambient Temperature.
VZ
DC COMPONENTS CO., LTD.
R


▲Up To Search▲   

 
Price & Availability of MMBZ5221B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X