Part Number Hot Search : 
GAL20V8B FDZ293P SSR2N60A BTA06GP BTA06GP 1045C AOB1608L PD024OX4
Product Description
Full Text Search
 

To Download MJ15004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
MJ15004
DESCRIPTION *With TO-3 package *Complement to type MJ15003 *Excellent safe operating area APPLICATIONS *For high power audio,disk head positioners and other linear applications PINNING(see Fig.2)
PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
ABSOLUTE MAXIMUM RATINGS(TC=25 )
SYMBOL VCBO VCEO VEBO IC IB IE PD Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Emitter current Total power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -140 -140 -5 -20 -5 25 250 200 -65~200 UNIT V V V A A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case MAX 0.7 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=-0.2A ;IB=0 IC=-5A; IB=-0.5A IC=-5A ; VCE=-2V VCE=-140V; IB=0 VCE=-140V; VBE(off)=-1.5V TC=150 VEB=-5V; IC=0 IC=-5A ; VCE=-2V VCE=-50Vdc,t=1 s, Nonrepetitive VCE=-100Vdc,t=1 s, Nonrepetitive IE=0 ; VCB=-10V;f=1.0MHz IC=-0.5A ; VCE=-10V;f=0.5MHz 2 25 -5 MIN -140
MJ15004
SYMBOL VCEO(SUS) VCE(sat) VBE ICEO ICEX IEBO hFE
TYP.
MAX
UNIT V
-1.0 -2.0 -0.25 -0.1 -2.0 -0.1 150
V V mA mA mA
Is/b
Second breakdown collector current With base forward biased
A -1 1000 pF MHz
COB fT
Output capacitance Transition frequency
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
MJ15004
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of MJ15004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X