Part Number Hot Search : 
TE28F MC14022B W1206 P4KE33 4HC401 CAT93C86 AD82904 BD6230F
Product Description
Full Text Search
 

To Download MJ15004 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
MJ15004
DESCRIPTION With TO-3 package Complement to type MJ15003 Excellent safe operating area APPLICATIONS For high power audio,disk head positioners and other linear applications
PINNING(see Fig.2) PIN 1 2 3 Base Emitter Fig.1 simplified outline (TO-3) and symbol Collector DESCRIPTION
Absolute maximum ratings(Ta=ae )
SYMBOL VCBO VCEO VEBO IC IB IE PD Tj Tstg PARAMETER
Collector-base voltage

Collector-emitter voltage
INC
Emitter-base voltage
Collector current
E SEM ANG H
Open base TC=25ae
Open emitter
OND IC
CONDITIONS
TOR UC
VALUE -140 -140 -5 -20 -5 25 250 200 -65~200
UNIT V V V A A A W ae ae
Open collector
Base current
Emitter current Total power dissipation Junction temperature Storage temperature
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case MAX 0.7 UNIT ae /W
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter on voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain CONDITIONS IC=-0.2A ;IB=0 IC=-5A; IB=-0.5A IC=-5A ; VCE=-2V VCE=-140V; IB=0 VCE=-140V; VBE(off)=-1.5V TC=150ae VEB=-5V; IC=0 IC=-5A ; VCE=-2V VCE=-50Vdc,t=1 s, Nonrepetitive Is/b Second breakdown collector current With base forward biased 25 -5 MIN -140
MJ15004
SYMBOL VCEO(SUS) VCEsat VBE ICEO ICEX IEBO hFE
TYP.
MAX
UNIT V
-1.0 -2.0 -0.25 -0.1 -2.0 -0.1 150
V V mA mA mA
COB fT
Output capacitance

VCE=-100Vdc,t=1 s, Nonrepetitive IE=0 ; VCB=-10V;f=1.0MHz
CHA IN
Transition frequency
E SEM NG
OND IC
TOR UC
-1 1000 2
A
pF MHz
IC=-0.5A ; VCE=-10V;f=0.5MHz
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
MJ15004

CHA IN
E SEM NG
OND IC
TOR UC
Fig.2 outline dimensions (unindicated tolerance:A
0.1mm)
3


▲Up To Search▲   

 
Price & Availability of MJ15004

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X