Part Number Hot Search : 
N4007 MSN0650K 045STRL 4525GEM RHF310 COB4015 EN25Q32C PCF80
Product Description
Full Text Search
 

To Download MJ15002 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
MJ15002
DESCRIPTION *With TO-3 package *Complement to type MJ15001 *Excellent safe operating area APPLICATIONS *For high power audio,disk head positioners and other linear applications PINNING(see Fig.2)
PIN 1 2 3 Base Emitter Collector Fig.1 simplified outline (TO-3) and symbol DESCRIPTION
ABSOLUTE MAXIMUM RATINGS(TC=25 )
SYMBOL VCBO VCEO VEBO IC IB IE PD Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Base current Emitter current Total power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -140 -140 -5 -15 -5 20 250 200 -65~200 UNIT V V V A A A W
THERMAL CHARACTERISTICS
SYMBOL Rth j-c PARAMETER Thermal resistance junction to case MAX 0.875 UNIT /W
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER CONDITIONS MIN
MJ15002
SYMBOL
TYP.
MAX
UNIT
VCEO(SUS)
Collector-emitter sustaining voltage
IC=-0.2A ;IB=0 IC=-4A; IB=-0.4A IC=-4A ; VCE=-2V VCE=-140V; IB=0 VCE=-140V; VBE(off)=-1.5V TC=150 VEB=-5V; IC=0 IC=-4A ; VCE=-2V VCE=-40Vdc,t=1 s, Nonrepetitive
-140
V
VCE(sat) VBE ICEO ICEX IEBO hFE
Collector-emitter saturation voltage
-1.0
V
Base-emitter on voltage
-2.0
V
Collector cut-off current
-0.25 -0.1 -2.0 -0.1
mA
Collector cut-off current
mA
Emitter cut-off current
mA
DC current gain
25
150
-5 A
Is/b
Second breakdown collector current With base forward biased VCE=-100Vdc,t=1 s, Nonrepetitive -0.5
COB fT
Output capacitance
IE=0 ; VCB=-10V;f=1.0MHz IC=-0.5A ; VCE=-10V;f=0.5MHz 2
1000
pF
Transition frequency
MHz
2
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
MJ15002
Fig.2 outline dimensions (unindicated tolerance:0.1mm)
3


▲Up To Search▲   

 
Price & Availability of MJ15002

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X