Part Number Hot Search : 
GL3KG63 BTA06 REEL7 C74VC LTC3556 EE08801 CAT2504 160N04
Product Description
Full Text Search
 

To Download MDR6100-15000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PHASE LOCKED OSCILLATOR MODEL MDR6100-15000 (15 GHz)
Features
! ! ! ! Low Phase Noise: -110 dBc/Hz @ 100 kHz Low Spurious: -80 dBc Typical External Reference Environmental Screening Available
TYPICAL Ta= 25 C 15 +/- 20 +13 +/- 0.75 -80 -95 dBc/Hz @ 1 KHz -105 dBc/Hz @ 10 KHz -110 dBc/Hz @ 100 KHz -125 dBc/Hz @ 1 MHz 1.5 -20 100 MHz TTL (High=Locked) +12 265 MIN/MAX Ta = -20 C to +65 C 15 +/- 20 Min. +12 +/- 1 -70
Description
Spectrum Microwave's Series MDR6100 Phase Locked Oscillators use a Dielectric Resonator in the resonant circuit. The circuit is lightly loaded to obtain the lowest phase noise possible. The resonator is epoxied to a printed circuit board and well grounded to minimize modulation sidebands during shock and vibration. Buffer amplifiers are used to provide isolation from load VSWRs; Regulators filter noise on the DC input voltage. Internal reference models are also available. A lock indicator circuit is provided to signal an out-of-lock condition.
Notes: 1. Specifications labeled "min." or "max." are guaranteed in a 50 Ohm system over the specified temperature range. 2. Output frequency must be specified, and it is an integer multiple of the internal crystal reference frequency. 3. Mechanical tuning of PLO in unlocked mode. 4. Higher output power is available. 5. Phase Noise at offsets <100 kHz is dependent on external reference and can be approximated as follows: Phase Noise (dB) = 20log(N) +3 dB above the external reference phase noise, where N = multiple of reference. 6. Other input voltages are available. 7. Actual or impending loss of lock. 8. Package must be verified by Spectrum Microwave.
Specifications1
CHARACTERISTIC Frequency (GHz)2 Mechanical Tuning Bandwidth (MHz)3 Output Power (dBm)4 Variation Over Temperature (dBm) Spurious (dBc) Phase Noise (dB)5
VSWR Harmonics (dBc) External Reference Lock Indicator Supply Power DC6 mA Phase Voltage Set to (nom.) Lock Range (min.) Phase-Lock Alarm Locked Unlocked7
2.0 -15 1 / 200 MHz TTL (Low=Unlocked) +12 275
+5.0 VDC +2 to +9 VDC Transistor Collector (NPN) Open Vc = 30 VDC max. Saturated to Ground Vce = +0.5 VDC max. Ic = 50 mA max.
Spectrum Microwave, Inc.
www.SpectrumMicrowave.com
2707 Black Lake Place Phila, Pa. 19154 PH: 215-464-4000 FAX: 215-464-4001
Rev. 3/19/09
PHASE LOCKED OSCILLATOR MODEL MDR6100-15000 (15 GHz)
Outline Drawing
Spectrum Microwave, Inc.
www.SpectrumMicrowave.com
2707 Black Lake Place Phila, Pa. 19154 PH: 215-464-4000 FAX: 215-464-4001


▲Up To Search▲   

 
Price & Availability of MDR6100-15000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X