|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Dielectric Resonator Oscillator Specifications (1) Model MDR2560 4.5 to 16.0 GHz Free Running, Mechanically Tuned, Moisture Sealed : 4.5 - 16.0 GHz 1500 ppm 5 ppm/C 50 ppm 1 ppm/Volt -20 dBc -70 dBc +10 dBm 7 GHz -95 -125 -145 10 GHz -93 -122 -142 12 GHz -88 -117 -140 Frequency Range: Mechanical Tuning Bandwidth (min.) Stability (max.)(3) Pulling, 12 dB RL (max.) Pushing (max.) Harmonics (max.) Spurious (max.) Output Power (min.) (4) Phase Noise (typ.) 10 kHz Offset, dBc/Hz 100 kHz Offset, dBc/Hz 1 MHz Offset, dBc/Hz Input DC(5) Operating Temperature RF Connector DC Connector (2) Frequency (GHz) 4.5 to 7.5 7.5 to 11.0 11.0 to 16.0 Outline OD-33 OD-23 OD-13 16 GHz -82 -111 -135 +10 to +15 VDC @ 100 mA max. -40 to +85 C SMA Female Solder Pin Notes: 1. Specifications labeled "min." or "max." are guaranteed in a 50 Ohm system over the specified temperature range. 2. Output frequency must be specified. 3. Averaged over the full temperature range. 4. Higher output power is available. 5. Input voltage is internally regulated. 6. Package must be verified by Spectrum Microwave. OD-13 OD-23 OD-33 SP All dimensions are in inches and [mm]. ECTRU INC. MICROWAVE 784 A Spectrum Control Business www.specwave.com SPECTRUM CONTROL GmbH * Hansastrasse 6 * 91126 Schwabach, Germany * Phone: (49)-9122-795-0 * Fax: (49)-9122-795-58 M SPECTRUM MICROWAVE * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * Phone: (888) 553-7531 * Fax: (888) 553-7532 |
Price & Availability of MDR2560 |