Part Number Hot Search : 
MP8719 A87VSYZB BFW11 51010 DGGWQ AD7934 MBR16150 PJ2N9013
Product Description
Full Text Search
 

To Download MDR2100-8500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIELECTRIC RESONATOR OSCILLATOR
Features
! ! !
MDR2100-8500
8500 - 9500 MHz
Rugged Construction for Extreme Environmental Conditions High Frequency Stability Free Running, Mechanically Tuned
Specifications1
CHARACTERISTIC
Frequency Mechanical Tuning Bandwidth (MHz) Frequency Stability2 (ppm)/ C Pulling, 12 dB RL (ppm) Pushing (ppm/Volt) Harmonics (dBc) Spurious (dBc) Output Power (dBm) Power Vdc mA
4 3
TYPICAL Ta = +25 C
8500 - 9500 MHz
MIN/MAX Ta = -20C to +65 C
8500 - 9500 MHz +20 Min.
Absolute Maximum Ratings
Ambient Operating Temperature ............. -55C to +100 C Storage Temperature .............................. -62C to +125 C Case Temperature ............................................... +125 C DC Voltage ....................................................... +24 Volts
4
5 Max. +100 Max. 20 Max.
Typical Performance Data
Phase Noise Offset 10 kHz 100 kHz 1 MHz Typical 8500 MHz -97 -122 -142 Typical 9500 MHz -96 -121 -141
-20 -75 +11 +15 120
-15 Max. -70 Max. +10 Min. +15 125 Max.
NOTES: Care should always be taken to effectively ground the case of each unit. 1. Specifications labeled "min." or "max." are guaranteed in a 50 Ohm system over the specified temperature range. 2. Averaged over the full temperature range. 3. Higher output power is available. 4. Alternate input voltage is available. 5. Package must be verified by Spectrum Microwave.
Mechanical Outline
Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532
Rev. 10/23/08
www.SpectrumMicrowave.com Spectrum Microwave * 2707 Black Lake Place * Philadelphia, Pennsylvania 19154 * PH (215) 464-4000 * Fax (215) 464-4001


▲Up To Search▲   

 
Price & Availability of MDR2100-8500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X