Part Number Hot Search : 
SUF3001 SM160 MJE2955A 67060 TZA3014 0EVAL 1N4001 C1454
Product Description
Full Text Search
 

To Download KTS2005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Liquid Crystal Display Backlight Drive Applications KTS2005
IC IC
TSSOP-8
Features
Low ON resistance. Ultrahigh-speed switching. Mounting height 1.1mm.
Unit: mm
1,5,8: Drain 2,3,6,7: Source 4: Gate
Absolute Maximum Ratings Ta = 25
Parameter Drain-to-Source Voltage Gate-to-Source Voltage Drain Current(DC) Drain Current(pulse) *1 Allowable Power Dissipation *2 Channel Temperature Storage Temperature *1 PW 10 s, duty cycle 1% Symbol VDSS VGSS ID IDP PD Tch Tstg Rating 100 20 2 8 1.3 150 -55 to +150 Unit V V A A W
*2 Mounted on a ceramic board (1000mm2X0.8mm)
www.kexin.com.cn
1
SMD Type
KTS2005
Electrical Characteristics Ta = 25
Parameter Drain-to Source Breakdown Voltage Zero Gate Voltage Drain Current Gate-to-Source Leakage Current Cutoff Voltage Forward Transfer Admittance Symbol Testconditons Min 100 10 10 1.0 4 5.6 0.2 0.22 0.3 520 VDS =20 V,f = 1 MHz 100 15 10 See Specified Test Circuit 4 80 35 IS= 2A, VGS = 0 V 0.8 1.2 0.26 0.33 0.6 2.0 Typ Max
IC IC
Unit V A A V S
V(BR)DSS ID=1mA, VGS=0 IDSS IGSS VDS = 100 V, VGS = 0 V VGS = 16 V, VDS = 0 V
VGS(off) VDS = 10 V, ID = 1 mA Yfs VDS = 10 V, ID = 2 A
RDS(on)1 VGS = 10 V, ID = 2A Drain to Source On-state Resistance RDS(on)2 VGS = 4 V, ID = 2A RDS(on)3 VGS = 3V, ID = 1A Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Diode Forward Voltage Ciss Coss Crss td(on) tr td(off) tf VSD
pF pF pF ns ns ns ns V
Switching Time Test Circuit
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of KTS2005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X