Part Number Hot Search : 
IDS101 SF5509 MMDT5451 F1004 8206BA4 R1122 AD7804BN 110CA
Product Description
Full Text Search
 

To Download JSOZA701 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JUMBO SOZA CELL
JSOZA701 THRU JSOZA706
TECHNICAL SPECIFICATION FEATURES
* * * *
VOLTAGE RANGE CURRENT
100 to 600 Volts 70.0 Amperes
Low Leakage Low forward voltage drop High current capability High forward surge current capacity
.327(8.30) .320(8.15)
DIA
MECHANICAL DATA
* * * * *
Copper slug Technology: cell with vacuum soldered Polarity: red dots denotes cathode end Mounting Position: Any Weight: 0.0275 ounces, 0.78 grams
0.086(2.20) 0.078(2.0)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60HZ, resistive or inductive load For capacitive load derate current by 20%
SYMBOLS JSOZA701 100 70 100 JSOZA702 200 140 200 JSOZA703 300 210 300 70.0 JSOZA704 400 280 400 JSOZA706 600 420 600 UNIT Volts Volts Volts Amps
Maximum Repetitive Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current, At Tc=110 Peak Forward Surge Current 3.3mS single half sine wave superimposed on Rated load (JEDEC method) Maximum instantaneous Forward Voltage at 100A Maximum DC Reverse Current at Rated TA=25 DC Blocking Voltage per element Typical Thermal Resistance Operating and Storage Temperature Range TA=100
VRRM VRMS VDC IO
IFSM VF IR RJC TJ,TSTG
600 1.05 5.0 400 0.8 (-65 to +175)
Amps Volts UA /W
Notes:
1. Enough heatsink must be considered in application.
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
JUMBO SOZA CELL
JSOZA701 THRU JSOZA706
VOLTAGE RANGE CURRENT
100 to 600 Volts 70.0 Amperes
RATINGS AND CHARACTERISTIC CURVES JSOZA701 THRU JSOZA706
F1G.1 TYPICAL FORWARD CURRENT DERATING GURVE
AVERAGE FORWARD CURRENT, (A)
70
F1G.2 MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT,(A)
60 50 40 30 20 10 0 0 25 50 75 Single Phase Half Wave 60Hz Resistive or Inductive Load 0.375(9.5mm) Lead Length
600 8.3ms Single Half Sine-Wave 500 400 300 200 100 1 Cycle 1 2 4 6 8 10 20 40 60 80 100 (JEDEC Method) Tj=Tj max
110 100
125
150
175
NUMBER OF CYCLES AT 60 Hz
CASE TEMPERATURE, ()
F1G.3 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
1000
F1G.4 FORWARD ROWER DISSIPATION
AVERAGE POWER DISSIPATION (W)
80
INSTANTANEOUS FORWARD CURRENT, (A)
100
60 SQUARE WAVE
DC 40
10
T1=25 PULSE WIDTH=300S 1%DUTY CYCLE 1.0
0 0 10 30 50 70 90
AVERAGE FORWARD CURRENT, (A)
0.1 0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE,(V)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of JSOZA701

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X